|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MiniDIN Series Specifications Insulation Resistance: Withstanding Voltage: Contact Resistance: Rating: (J) Solder Jack, Assembly Type 50M min. at 250V DC 250V AC for 1 minute 30m max. 100V AC / 1A max or 12V DC / 2A max. Operating Temp. Range: -55C to +85C Mating Cycles: 1000 min. at 10-20 times per minute (no electrical load) 14.7 5.0 39.6 52.1 Receptacle Shell Dim. 9.9 mm Materials and Finish Housing: Shell: Insulator: Contact: PVC Copper, Nickel Plated PC, Nylon Copper, Silver plated RoHS Features 180 Assembled Receptacle Connector with Solder Cups Contact Arrangements 3 Pins Part No.: MDIN03J 6 Pins Part No.: MDIN06J Front View Front View 4 Pins Part No.: MDIN04J 7 Pins Part No.: MDIN07J Front View Front View 5 Pins Part No.: MDIN05J 8 Pins Part No.: MDIN08J Front View Front View Sockets and Connectors SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER Trading Division |
Price & Availability of MDIN03J |