Part Number Hot Search : 
AD849 DTC124T 0A15M FDP88 Y7C15 MSZ522 TQDV375A 224NL
Product Description
Full Text Search
 

To Download MBR1530 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
MBR1520 THRU MBR15100
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
* * * *
Features
Metal of siliconrectifier, majonty carrier conducton Guard ring for transient protection Low power loss high efficiency High surge capacity, High current capability
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Device Marking Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V Maximum RMS Voltage Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
TO-220AC
B C K L M D A
PIN 1 2
Catalog Number
MBR1520 MBR1530 MBR1535 MBR1540 MBR1545 MBR1560 MBR1580 MBR15100
MBR1520 MBR1530 MBR1535 MBR1540 MBR1545 MBR1560 MBR1580 MBR15100
14V 21V 24.5V 28V 31.5 42V 56V 70V
E
F G I H J N
PIN 1
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current IF(AV) 15A TC = 125C 8.3ms, half sine
A B C D E F G H I J K L M N
PIN 2
CASE
IFSM
150A
MM 14.22 9.65 2.54 5.84 9.65 -----12.70 4.83 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 5.33 1.14 0.64 4.09 4.83 1.40 2.92
Maximum Forward Voltage Drop Per Element MBR1520-1545
MBR1560 MBR1580-1500
VF
.63V .75V .84V
IFM = 16A mper IFM = 15 Amper TA = 25C*
Maximum DC Reverse Current At Rated DC Blocking Voltage
IR 0.2 mA TJ = 25C
INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .190 .210 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
*Pulse test: Pulse width 300 sec, Duty cycle 1%
www.cnelectr.com
MBR1520 thru MBR15100
Figure 1 Typical Forward Characteristics 100 60 40 20 MBR1520-1545 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .3 .4 .5 .6 .7 .8 Volts Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 15 150 13 125 11 100 75 Amps 7 25 5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 125 150 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 50 Figure 4 Peak Forward Surge Current Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts MBR1580-15100 .2 TJ=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 50 75 100 125 150 175 MBR1560 10 6 4 2 1 .6 .4 Figure 2 Typical Reverse Characteristics
9 Amps
2
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of MBR1530

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X