Part Number Hot Search : 
2SK150 VSKD6 92B868 SSM3J MT5012A 9400F 20CDA60 SSM3J01T
Product Description
Full Text Search
 

To Download MAX-370 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
MAXPak TM Series
MAX-370
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR FEATURES
* UL 1449 Recognition * 5KA Surge Capability @ 8 x 20 sec waveform (per IEC- 61000-4-5) * Peak Power Dissipation 288KW * Bi-directional * Excellent clamping capability * Repetition rate (duty cycle): 0.05% * Sharp breakdown voltage * Low incremental surge resistance * Fast response time: typically less than 1.0 s from 0 Volts to BV * Operation temperature: -40C to +125C MAX-370
* Epoxy encapsulated package has Underwriters
Laboratory Flammability Classification 94 V-0
MECHANICAL DATA
Terminal: Ag Plated Axial leads, solderable per MIL-STD-750. Method 2026 Mounting Position: Any Weight: 0.328 0.033 ounces (9.300 0.930 g)
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
RATING
Reverse Standoff Voltage Breakdown Voltage @ IT=1.0mA Clamping Voltage @ 585A / 10x1000 sec waveform Reverse Leakage @ 333V
SYMBOL
Vrwm Vbr Vc IR
VALUE
333 370 5% 492 max 20 max
UNITS
Volt Volt Volt A
08/14/02
MAXPakTM Series Curves
150
IPPM - Peak Pulse Current,% IRSM
tr = 10sec. Peak Value IPPM 100 Half Value- IPPM 2
TJ = 25C Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM
50
10/1000sec.Waveform as defined by R.E.A.
td
0 0 1.0 2.0
3.0
3.0
4.0
4.0
t - Time(ms)
Fig.3 - Pulse Waveform
10/21/2002


▲Up To Search▲   

 
Price & Availability of MAX-370

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X