Part Number Hot Search : 
337M00 IRF3205 UC2843A RTD15024 FDMS7680 ADG1414 MC12429 SMD2440
Product Description
Full Text Search
 

To Download M35C826M123AZSL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M35
Vishay
Wet Tantalum Capacitors Surface Mount, Molded Case
FEATURES
* Molded surface mountable design * Terminations: standard tin/lead (SnPb), 100 % tin (RoHS compliant) available * Industry standard ratings
Pb-free Available
RoHS*
COMPLIANT
* Model M35 wet tantalum electrolytic chip capacitors incorporate the advantages of all the varieties of electrolytic capacitors and eliminate most of the disadvantages. These units have a 3 V reverse voltage capability at + 85 C and a higher ripple current capability than any other electrolytic type with similar combinations of capacitance and case size. * Compliant to RoHS directive 2002/95/EC
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 C to + 85 C (To + 125 C with voltage derating) Capacitance Tolerance: At 120 Hz, + 25 C. 20 % standard. 10 %, 5 % available as special. DC Leakage Current (DCL Max.): At + 25 C and above: Leakage current shall not exceed the values listed in the Standard Ratings Tables. Life Test: Capacitors are capable of withstanding a 2000 h life test at a temperature of + 85 C or + 125 C at the applicable rated DC working voltage. Following life test: 1. DCL, measured at + 85 C rated voltage, shall not be in excess of the original requirement. 2. The equivalent series resistance shall not exceed 150 % of the initial requirement. 3. Change in capacitance shall not exceed 10 % from the initial measurement.
ORDERING INFORMATION
M35 MODEL C CASE CODE See Ratings and Case Codes Table 826 CAPACITANCE This is expressed in picofarads.The first two digits are the significant figures. The third is the number of zeros to follow. M CAPACITANCE TOLERANCE K = 10 % M = 20 % 125 DC VOLTAGE RATING AT + 85 C This is expressed in V. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an "R" (6R3 = 6.3 V). B TERMINATION AND PACKAGING A = 100 % tin (RoHS compliant), bulk B = Std, tin/lead, bulk Z RELIABILITY LEVEL Z = Non-ER S TEMP S = Std. L ESR S = Std. L = Low
Packaging: The use of formed plastic trays for packing bulk components is standard.
DIMENSIONS in millimeters
TH
L
W
P
CASE CODE M35
L (MAX.) 21.2
W 8 0.3
H 7.5 0.3
P (MIN.) 3.0
TW 6.0 0.3
TH (MIN.) 1.9
* Pb containing terminations are not RoHS compliant, exemptions may apply. www.vishay.com 1 For technical questions, contact: tantalum@vishay.com Document Number: 40095 Revision: 09-Sep-09
TW
H
M35
Wet Tantalum Capacitors Surface Mount, Molded Case
Vishay
RECOMMENDED REFLOW PROFILES
Tp C tp TL C
TEMPERATURE (C)
Ts MAX. C
(tL)
Ts MIN. C
PREHEAT (ts)
25 C
TIME (s) ALL CASE CODES
TYPE M35 Tp Lead (Pb) - free 260 C TP Sn/Pb 240 C tp 10 TL Lead (Pb) - free 217 C TL Sn/Pb 183 C Ts MIN. Lead (Pb) - free 150 C Ts MIN. Sn/Pb 100 C Ts MAX. ts Ts MAX. Lead Lead Sn/Pb (Pb) - free (Pb) - free 200 C 150 C 60 to 150 ts Sn/Pb 60 to 90 tL 60
MOUNTING
Due to the size and weight of these capacitors, we recommend that a supplemental mounting restraint to be used in printed circuit board attachment in addition to the reflowed solder. One recommendation is to use an adhesive such as defined in the J-STD-001DS. This is the Space Application Electronic Hardware Addendum to J-STD-001 (Requirements for Solder Electrical and Electronic Assemblies).
STANDARD RATINGS
CAP (F) CASE CODE PART NUMBER MAX. ESR MAX. IMP. AT AT + 25 C - 55 C MAX. DCL (A) AT + 25 C + 85 C MAX. CAPACITANCE CHANGE (%) AT - 55 C - 40 - 40 - 64 - 40 - 40 - 60 - 32 - 36 - 40 - 55 - 24 - 28 - 35 - 44 - 16 - 20 - 25 - 40 + 85 C + 10.5 + 14 + 13 + 10.5 + 14 + 13 + 10.5 + 14 + 14 + 13 + 10.5 + 14 + 12 + 13 +8 + 10.5 + 12 + 12 + 125 C + 12 + 16 + 16 + 12 + 16 + 16 + 12 + 16 + 16 + 16 + 12 + 16 + 16 + 16 +9 + 12 + 15 + 15 MAX. RIPPLE 40 kHz rms 820 960 1000 820 900 1000 820 855 900 900 780 820 900 900 715 800 850 850
30 68 220 25 56 180 20 47 120 150 15 33 82 100 10 22 56 68
C C C C C C C C C C C C C C C C C C
6 WVDC AT + 85 C . . . 4 WVDC AT + 125 C M35C306(1)006(2)ZS(5) 4.0 100 1.0 2.0 M35C686(1)006(2)ZS(5) 3.2 60 1.0 2.0 M35C227(1)006(2)ZS(5) 3.0 36 2.0 9.0 8 WVDC AT + 85 C . . . 5 WVDC AT + 125 C M35C256(1)008(2)ZS(5) 4.0 100 1.0 2.0 M35C566(1)008(2)ZS(5) 3.3 59 1.0 2.0 M35C187(1)008(2)ZS(5) 3.0 45 2.0 9.0 10 WVDC AT + 85 C . . . 7 WVDC AT + 125 C M35C206(1)010(2)ZS(5) 4.0 120 1.0 2.0 M35C476(1)010(2)ZS(5) 3.7 90 1.0 2.0 M35C127(1)010(2)ZS(5) 3.2 54 2.0 6.0 M35C157(1)010(2)ZS(5) 3.0 54 2.0 9.0 15 WVDC AT + 85 C . . . 10 WVDC AT + 125 C M35C156(1)015(2)ZS(5) 4.4 155 1.0 2.0 M35C336(1)015(2)ZS(5) 4.0 90 1.0 2.0 M35C826(1)015(2)ZS(5) 3.9 72 2.0 6.0 M35C107(1)015(2)ZS(5) 3.9 72 2.0 9.0 25 WVDC AT + 85 C . . . 15 WVDC AT + 125 C M35C106(1)025(2)ZS(5) 5.3 220 1.0 2.0 M35C226(1)025(2)ZS(5) 4.2 140 1.0 2.0 M35C566(1)025(2)ZS(5) 4.3 90 2.0 6.0 M35C686(1)025(2)ZS(5) 4.3 90 2.0 9.0
Document Number: 40095 Revision: 09-Sep-09
For technical questions, contact: tantalum@vishay.com
www.vishay.com 2
M35
Vishay
Wet Tantalum Capacitors Surface Mount, Molded Case
STANDARD RATINGS
CAP (F) CASE CODE PART NUMBER MAX. ESR MAX. IMP. AT AT + 25 C - 55 C MAX. DCL (A) AT + 25 C + 85 C MAX. CAPACITANCE CHANGE (%) AT - 55 C - 16 - 20 - 23 - 38 - 20 - 22 - 16 - 24 - 29 - 16 - 24 - 24 - 16 - 20 - 19 - 16 - 16 - 17 - 16 - 16 - 14 + 85 C +8 + 10.5 + 12 + 12 + 10.5 + 12 +5 +8 + 10 +5 +8 + 10 +5 +8 + 10 +7 +7 + 10 +7 +7 + 10 + 125 C + 12 + 12 + 15 + 15 + 12 + 14 +6 +9 + 12 +6 +9 + 12 +6 +9 + 12 +8 +8 + 12 +8 +8 + 12 MAX. RIPPLE 40 kHz rms 640 780 800 800 660 820 580 715 700 525 625 700 525 610 600 505 565 800 415 520 700
8 15 47 56 15 39 5 10 33 4 8.2 27 3.5 6.8 22 2.5 4.7 10 1.7 3.6 6.8
C C C C C C C C C C C C C C C C C C C C C
30 WVDC AT + 85 C . . . 20 WVDC AT + 125 C M35C805(1)030(2)ZS(5) 6.6 275 1.0 2.0 M35C156(1)030(2)ZS(5) 6.2 175 1.0 2.0 M35C476(1)030(2)ZS(5) 5.2 100 2.0 6.0 M35C566(1)030(2)ZS(5) 5.2 100 2.0 9.0 35 WVDC AT + 85 C . . . 22 WVDC AT + 125 C M35C156(1)035(2)ZS(5) 6.2 175 0.75 1.5 M35C396(1)035(2)ZS(5) 4.1 61 2.0 6.0 50 WVDC AT + 85 C . . . 30 WVDC AT + 125 C M35C505(1)050(2)ZS(5) 8.0 400 1.0 2.0 M35C106(1)050(2)ZS(5) 6.4 250 1.0 2.0 M35C336(1)050(2)ZS(5) 5.0 135 2.0 9.0 60 WVDC AT + 85 C . . . 40 WVDC AT + 125 C M35C405(1)060(2)ZS(5) 9.3 550 1.0 2.0 M35C825(1)060(2)ZS(5 6.6 275 1.0 2.0 M35C276(1)060(2)ZS(5 5.0 144 3.0 12 75 WVDC AT + 85 C . . .50 WVDC AT + 125 C M35C355(1)075(2)ZS(5) 9.5 650 1.0 2.0 M35C685(1)075(2)ZS(5) 6.8 300 1.0 2.0 M35C226(1)075(2)ZS(5) 5.1 157 3.0 12 100 WVDC AT + 85 C . . . 65 WVDC AT + 125 C M35C255(1)100(2)ZS(5) 10.6 950 1.0 2.0 M35C475(1)100(2)ZS(5 8.5 500 1.0 2.0 M35C106(1)100(2)ZS(5 5.9 200 3.0 12 125 WVDC AT + 85 C . . . 85 WVDC AT + 125 C M35C175(1)125(2)ZS(5) 15.6 1250 1.0 2.0 M35C365(1)125(2)ZS(5) 10.0 600 1.0 2.0 M35C685(1)125(2)ZS(5) 11.7 300 3.0 12
Notes 1. Capacitance tolerance: K, M 2. Termination/packaging: (see Ordering Information) 3. Reliability level: Z = Non-ER 4. Temperature: S = STD 5. ESR: S = STD, L = Low (1/2 standard ESR value)
PERFORMANCE CHARACTERISTICS OF M35 CAPACITORS ELECTRICAL CHARACTERISTICS
ITEM Operating temperature range Capacitor tolerance Capacitance change (maximum) ESR AC ripple current DCL (maximum leakage current) Impedance (maximum) Reverse voltage PERFORMANCE CHARACTERISTICS - 55 C to + 125 C 20 %, 10 % at 120 Hz
Limits per the Standard Ratings Table. Measured per requirements of MIL-PRF-39006.
Surge voltage Life test
Reverse voltage shall be in accordance with MIL-PRF-39006/22. Units are capable of withstanding 3 V in reverse at + 85 C for 125 h. Surge voltage shall be in accordance with MIL-PRF-39006. The DC rated surge voltage is the maximum voltage to which the capacitors should be subjected under any conditions. This includes transients and peak ripple at the highest line voltage. The surge voltage is 115 % of rated DC working voltage. The capacitors shall be capable of withstanding a 2000 h life test at 85 C at rated voltage.
www.vishay.com 3
For technical questions, contact: tantalum@vishay.com
Document Number: 40095 Revision: 09-Sep-09
M35
Wet Tantalum Capacitors Surface Mount, Molded Case
Vishay
ENVIRONMENTAL CHARACTERISTICS
ITEM Hermeticity Moisture resistance Altitude/barometric Pressure (reduced) CONDITION MIL-PRF-39006 MIL-PRF-39006 COMMENTS The internal component has been tested to be compliant to the hermeticity requirements of MIL-PRF-39006/22. The internal component has been tested to be compliant to the moisture resistance requirements of MIL-PRF-39006/22. The internal component has been tested to be compliant to the altitude or reduced barometric pressure requirements of MIL-PRF-39006/22 (150 000 feet).
MIL-PRF-39006
MECHANICAL CHARACTERISTICS
ITEM Thermal shock Shock Vibration (high frequency) Vibration (random) Resistance to solder heat CONDITION MIL-STD-202, Method 107, A MIL-STD-202, Method 213 MIL-STD-202, Method 204 MIL-STD-202, Method 214 MIL-STD-202, Method 210 COMMENTS Per MIL-PRF-39006, 30 cycles Per MIL-PRF-39006, 500 g Per MIL-PRF-39006, 80 g Per MIL-PRF-39006, 53.79 g The capacitor must withstand solder dipping of the terminals at 260 C for 10 s. The capacitor must not be visibly damaged and the electrical characteristics must not be affected. The terminations must be solderable per the requirements of MIL-PRF-55365 para. 4.10 The part marking shall include Vishay name, trademark, capacitance, voltage, date code and lot symbol.
Solderability Part markings Weight (typical) in g
ANSI J-STD-002 MIL-STD-1285 3.5
PAD DIMENSIONS in inches [mm]
A
C
B
C
CASE CODE M35 C
A (MIN.) [22.7]
B (NOM.) [14.7]
D
C (NOM.) [4.0]
D (NOM.) [6.4]
STANDARD PACKAGING QUANTITY
SERIES M35 CASE CODE C
Document Number: 40095 Revision: 09-Sep-09
For technical questions, contact: tantalum@vishay.com
www.vishay.com 4
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of M35C826M123AZSL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X