Part Number Hot Search : 
PC910 BL0938 KTA1270 2A122K TA8205AH P6MTP NFM41 4ACT5
Product Description
Full Text Search
 

To Download LY8895UL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
LY8895
Rev. 1.4
1.4 Watt Audio power Amplifier GENERAL DESCRIPTION
The LY8895 is a 1.4 Watt audio power amplifier. And the LY8895 primarily designed for high quality application in other portable communication device. It is capable of driving 8 speaker load at a continuous average output of 1.4W / 10% distortion (THD+N) from a 5.0V power supply. A feature of the LY8895 amplifier to switch BTL mode and headphone mode (single-ended) is accomplished using the headphone sense pin. And the LY8895 audio amplifier features low power consumption shutdown mode. It is achieved by driving the shutdown pin with logic low. Besides the LY8895 has an internal thermal shutdown protection feature. The LY8895 amplifier was designed specifically to provide high quality output power with a minimal amount of external components. The LY8895 does not require output capacitors, and the LY8895 is ideally suited for other low voltage applications or portable electronic devices where minimal power consumption is a primary requirement.
FEATURES
2.5V~5.5V Power supply. Thermal shutdown Protection. Low current shutdown mode No capacitors and networks or bootstrap capacitors required Low noise during turn-on and turn-off transitions Headphone amplifier mode. Lead free and green package available. (RoHS Compliant) Space Saving Package -- 8-pin MSOP package.
APPLICATION Portable electronic devices Mobile Phones PDAs
PIN CONFIGURATION
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan TEL: 886-3-6668838 FAX: 886-3-6668836 1
(R)
LY8895
Rev. 1.4
1.4 Watt Audio power Amplifier
PIN DESCRIPTION
SYMBOL
SHUTDOWN
PIN No. MSOP 1 2 3 4 5 6 7 8 Bypass pin Headphone sense pin Negative input Negative output Power supply Ground Positive output
DESCRIPTION Shutdown the device.(when low level is active the pin)
BYPASS HP SENSE -IN Vo1 VDD GND Vo2
APPLICATION CIRCUIT
Figure 1. Audio Amplifier Typical Application Circuit
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan TEL: 886-3-6668838 FAX: 886-3-6668836 2
(R)
LY8895
Rev. 1.4
1.4 Watt Audio power Amplifier
ABSOLUTE MAXIMUN RATINGS*
PARAMETER Supply Voltage Operating Temperature Input Voltage Storage Temperature Power Dissipation ESD Susceptibility Junction Temperature Soldering Temperature (under 10 sec) SYMBOL VDD TA VI TSTG PD VESD TJMAX TSOLDER RATING 6.0 -40 to 85 (I grade) -0.3V to VDD +0.3V -65 to 150 Internally Limited 2000 150 260 UNIT V V W V
DC ELECTRICAL CHARACTERISTICS (VDD=5V, TA=25)
PARAMETER Power Supply Current Shutdown Current HP Sense high input voltage HP Sense low input voltage Wake-up time Output Offset Voltage SYMBOL IDD ISD VIH VIL TWU VOS TEST CONDITION VIN = 0V, IO = 0A, No Load VIN = 0V, IO = 0A, 8 Load VSHUTDOWN = 0V MIN. 0.8xVDD TYP. 3.5 4.0 0.1 176 7.0 1.4 MAX. UNIT 9.0 mA 10.0 mA 2.0 A V 0.2xVDD V ms 50.0 mV W
Bypass cap. = 1.0uF
Output Power
Total Harmonic Distortion+ Noise Power Supply Rejection Ratio
THD = 10% , f = 1 kHz RL = 8, HP Sense < 0.2xVDD THD = 1% , f = 1 kHz Po RL = 8, HP Sense < 0.2xVDD THD = 1% (max), f = 1kHz, RL = 32, HP Sense > 0.8xVDD THD+N Po = 0.4 Wrms; f = 1kHz PSRR Vripple = 200mV sine p-p Input terminated with 10 to GND TSD TSDT 8 load
-
1.0
W
-
90 0.13 62 (f = 217Hz) 66 (f = 1kHz) 170 1.0
mW % dB
-
Thermal Shutdown Temperature Shut Down Time
150
190
ms
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan TEL: 886-3-6668838 FAX: 886-3-6668836 3
(R)
LY8895
Rev. 1.4
1.4 Watt Audio power Amplifier
DC ELECTRICAL CHARACTERISTICS (VDD=3V, TA=25)
PARAMETER Power Supply Current Shutdown Current HP Sense high input voltage HP Sense low input voltage Output Offset Voltage Wake-up time SYMBOL IDD ISD VIH VIL VOS TWU TEST CONDITION VIN = 0V, IO = 0A, No Load VIN = 0V, IO = 0A, 8 Load VSHUTDOWN = 0V MIN. 0.8xVDD TYP. 3.0 3.5 0.1 7.0 114 0.46 MAX. UNIT 8.0 mA 9.0 mA 2.0 A V 0.2xVDD V 50.0 mV ms W
Output Power
Total Harmonic Distortion+ Noise Power Supply Rejection Ratio
THD = 10% , f = 1 kHz RL = 8, HP Sense < 0.2xVDD THD = 1% , f = 1 kHz Po RL = 8, HP Sense < 0.2xVDD THD = 1% (max), f = 1kHz, RL = 32, HP Sense > 0.8xVDD THD+N Po = 0.25 Wrms , f = 1kHz PSRR Vripple = 200mV sine p-p Input terminated with 10 to GND TSD
-
0.375
W
-
35 0.13 56 (f = 217Hz) 62 (f = 1kHz) 170 -
mW % dB
Thermal Shutdown Temperature
150
190
ORDERING INFORMATION
LY 8 895 VV
V : Package Type UL8-Pin MSOP
Product Name A : Product Line LY : Lyontek Product Number Prefix
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan TEL: 886-3-6668838 FAX: 886-3-6668836 4
(R)
LY8895
Rev. 1.4
1.4 Watt Audio power Amplifier
PACKAGE OUTLINE DIMENSION
8 pin 25.6 mil MSOP Package Outline Dimension
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan TEL: 886-3-6668838 FAX: 886-3-6668836 5


▲Up To Search▲   

 
Price & Availability of LY8895UL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X