Part Number Hot Search : 
XP01118 MSK707 CM7515 F22V1 G1200 MC1403D S10441 SK210
Product Description
Full Text Search
 

To Download LQS30A24-1V8J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Quarter-Brick Series
Single output
DC-DC CONVERTERS * * * * * * * * * High Current, High Efficiency, Low Profile NEW Product 1 Ultra high efficiency topology Unprecedented useable output power levels High power density (200 W/in3) open-frame technology Wide ambient temperature range, -40 C to +85 C 80% to 110% output trim Monotonic start-up in normal and prebiased loads Basic insulation system Overvoltage and overtemperature protection Secondary side control, no optocouplers, fast transient response * 100 V, 100 ms input transient rated * Available RoHS compliant
This is a new high efficiency, open-frame, low profile, single board, isolated dc-dc converter series in an industry standard quarter-brick package that provides up to 200 W of output power. The series delivers very high output current at low voltages, and excellent useable power for today's high performance applications. The series features two input voltage ranges of 18 Vdc to 36 Vdc and 36 Vdc to 75 Vdc and is available with output voltages of 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V and 5 V. The output voltage is adjustable from 80% to 110% of the nominal value. The series also has a remote ON/OFF capability. Overcurrent, overvoltage and overtemperature protection features are included as standard. Full international safety approval including EN60950-1 VDE and UL/cUL60950, reduces compliance costs and time to market.
All specifications are typical at nominal input, full load at 25 C ambient unless otherwise stated
Patent No. 6,765,810 Other Patents Pending
2 YEAR WARRANTY
SPECIFICATIONS
OUTPUT SPECIFICATIONS Voltage adjustability Minimum load Overshoot Undershoot Transient response (See Note 1) INPUT SPECIFICATIONS Input voltage range Input current Active high remote ON/OFF Logic compatibility ON OFF Undervoltage lockout Start-up time (See Note 2) Power up Power down Power up Remote ON/OFF 24 V nominal 48 V nominal No load Remote OFF 18-36 Vdc 36-75 Vdc 85 mA to 150 mA 5 mA Open collector ref to -input Open circuit or >2.4 Vdc <0.4 Vdc 35.5 V (typ.) 33.5 V (typ.) 10 ms (typ.) 10 ms (typ.) At turn-on and turn-off 80% to 110% 0% None None 70 mV, typ. deviation 20 s recovery
EMC CHARACTERISTICS Immunity: ESD air enclosure Radiated field enclosure Conducted Input transients EN61000-4-2 8 kV/6 kV(O/P within spec.) EN61000-4-3 10 V/m (O/P within spec.) EN61000-4-6 10 V (O/P within spec.) 100 V, 100 ms
GENERAL SPECIFICATIONS Basic insulation Switching frequency Approvals and standards Material flammability Weight MTBF Input/output Fixed (See Note 3) 2250 Vdc 480 kHz EN60950-1 VDE UL/cUL 60950 UL94V-0 37 g (1.30 oz) Telcordia Tech SR-332 3,866,933 hours
ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating ambient, temperature Non-operating -40 C to +85 C -55 C to +125 C
PROTECTION Short-circuit Overvoltage Thermal Continuous Non-latching 125 C hot spot temperature with automatic recovery
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950-00 : UL 60950 File No. E135734/60950 VDE Certificate No. 10401-3336-0197
File Name: quarter_brick_single.pdf Rev (07): 17 Nov 2005
Quarter-Brick Series
Single output
DC-DC CONVERTERS High Current, High Efficiency, Low Profile NEW Product
MODEL NUMBER (6,9,10)
2
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
OUTPUT VOLTAGE INPUT CURRENT (MAX.) (4) INPUT RIPPLE CURRENT (5) OUTPUT CURRENT (MAX.) REGULATION EFFICIENCY (TYP.) SET POINT ACCURACY (Max.) LINE LOAD
RIPPLE & NOISE (pk - pk)
48 Vin VALUE MODELS 1.2 V 1.5 V 1.8 V 1.92 A 2.36 A 2.82 A 150 mA 150 mA 150 mA 50 A 50 A 50 A 88.5% 89.5% 90.4% 1.5% 1.5% 1.5% 0.1% 0.1% 0.1% 0.2% 0.2% 0.2% 60 mV 60 mV 60 mV LQS50A48-1V2J LQS50A48-1V5J LQS50A48-1V8J
48 Vin PERFORMANCE MODELS 1.2 V 1.5 V 1.8 V 2.5 V 3.3 V 4.05 A 3.8 A 4.6 A 4.1 A 5.2 A 250 mA 200 mA 200 mA 200 mA 200 mA 100 A 80 A 80 A 50 A 50 A 86.0% 88.8% 90.0% 90.0% 91.0% 1.5% 1.5% 1.5% 1.5% 1.5% 0.1% 0.1% 0.1% 0.1% 0.1% 0.2% 0.2% 0.2% 0.2% 0.2% 60 mV 60 mV 60 mV 60 mV 60 mV LQS100A48-1V2J LQS80A48-1V5J LQS80A48-1V8J LQS50A48-2V5J LQS50A48-3V3J
48 Vin ULTRA MODELS 1.5 V 1.8 V 2.5 V 3.3 V 5V 4.8 A 5.7 A 6.2 A 6.2 A 6.2 A 200 mA 200 mA 200 mA 200 mA 200 mA 100 A 100 A 80 A 60 A 40 A 88.5% 89.5% 91.0% 91.0% 92.0% 24 Vin MODELS 1.8 V 3.3 V 3.4 A 6.5 A 200 mA 300 mA 30 A 30 A 91.0% 89.5% 1.5% 1.5% 0.1% 0.1% 0.2% 0.2% 60 mV 60 mV LQS30A24-1V8J LQS30A24-3V3J 1.5% 1.5% 1.5% 1.5% 1.5% 0.1% 0.1% 0.1% 0.1% 0.1% 0.2% 0.2% 0.2% 0.2% 0.2% 60 mV 60 mV 60 mV 60 mV 60 mV LQS100A48-1V5J LQS100A48-1V8J LQS80A48-2V5J LQS60A48-3V3J LQS40A48-5V0J (7)
Part Number System with Options
LQS60A48-3V3RANJ
RoHS Compliance (9) J = Pb-free (RoHS 6/6 compliant) Pin Length Options Blank = 0.188" (4.78 mm) N = 0.145" (3.68 mm) K = 0.110" (2.79 mm) Body Height, Package Type and Pin Length A = 0.300" (7.62 mm), Through Hole, 0.188" (4.78 mm) Pins E = 0.340" (8.64 mm), Through Hole, 0.188" (4.78 mm) Pins S = 0.28" (7.11 mm), Surface Mount(6) Remote ON/OFF Logic Blank = Positive R = Negative
L = Low Profile Q = 1/4 Brick Type of output S = Single Rated Output Current 40 A = 40 Amps, 60 A = 60 Amps etc. Nominal Rated Input Voltage 24 = 24 Volts (18 Vdc to 36 Vdc range) 48 = 48 Volts (36 Vdc to 75 Vdc range) Output Voltage 1V5 = 1.5 Volts, 1V8 = 1.8 Volts etc. Notes
1 di/dt = 1 A/s, Vin = 48 Vdc, Tc = 25 C, load change = 50% to 75% lo max. and 75% to 50% lo max. Deviation varies by model. For further details see longform datasheet. Start-up into resistive load. This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. Recommended input fusing is up to 10 A HRC 200 V rated fuse. Peak to peak measured without external filter. Significant reduction possible with external filter. See Application Note 141 for further details. `S' option applies to the 24 V models only.
2 3 4 5 6
Except LQS40A48-5V0J which has the double output pins. Active low Remote ON/OFF is available. Standard product is Active High. When ordering active low parts, designate with the Suffix `R' e.g. LQS100A48-1V8RAJ. 9 TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please contact your local sales representative for details. 10 NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative.
File Name: quarter_brick_single.pdf Rev (07): 17 Nov 2005
7 8
Quarter-Brick Series
Single output
DC-DC CONVERTERS High Current, High Efficiency, Low Profile NEW Product 3 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
2.30 (58.4) 2.000 (50.80) 0.15 (3.8)
2.30 (58.4) 0.0570.020 (1.450.51)
2.186 (55.52)
0.055 (1.40) x 0.105 (2.67) (8 pls)
o0.040 0.002 (o1.02 0.05)
(6 pls) 0.300 (7.62) 0.300 (7.62) 1 8 7 6 5 4 0.150 (3.81) 0.725 0.020 (18.42 0.51) 0.150 (3.81)
TOP VIEW 1.45 (7.62) (36.8) 0.300 (7.62) 0.7250.020 (18.420.51)
0.300
0.150 (3.81)
1 2 3
1.45 (36.8)
TOP VIEW
2 3
8 7 6 5 4
0.150 (3.81)
o 0.062 0.002 (o1.57 0.05) (2 pls)
HEIGHT 0.28 (7.1)
CLEARANCE (See Option Table) 0.188 (4.78) 2.30 (58.4) 2.000 (50.80) 0.15 (3.8)
HEIGHT (See Option Table)
CLEARANCE 0.015 (0.38) o0.0800.008 (o2.030.02) (2 pls) Ref IPC-2222 Level B 0.067(1.70) x 0.118(3.00) (8 pls) 0.150 (3.81) 8 7 6 5 4 0.150 (3.81) 0.15 (3.8) Lead coplanarity within 0.006 (0.15) max. 2.000 (50.80) Dimensions in Inches (mm) Tolerances (unless otherwise specified) x.xx 0.02 (x.x 0.5) x.xxx 0.010 (x.xx 0.25)
o0.0580.008 (o1.470.02) (6 PLS) Ref IPC-2222 Level B
2.30 (58.4) 0.0570.020 (1.450.51)
2.186 (55.52)
TOP VIEW
1.45 (36.8) 0.300 (7.62) 0.300 (7.62) 1 2 3 8 7 6 5 4
1.45 (36.8)
0.150 (3.81) 0.150 (3.81)
0.300 (7.62) 0.300 (7.62)
1 2 3
0.725 0.020 (18.42 0.51)
o 0.054 0.003 (o1.37 0.08) (6 pls)
o 0.074 0.003 (o1.88 0.08) (2 pls)
RECOMMENDED HOLE PATTERN
Dimensions in Inches (mm) Tolerances (unless otherwise specified) x.xx 0.02 (x.x 0.5) x.xxx 0.010 (x.xx 0.25)
0.7250.020 (18.420.51)
RECOMMENDED PCB LAYOUT
24 V/48 V Mechanical Drawing for Output Current of 50 A or Less (See Note 7)
24 V Surface-mount Mechanical Drawing and Pinout Table
PIN CONNECTIONS PIN NUMBER 1 2 3 4 FUNCTION +Vin ON/OFF -Vin -Vout PIN NUMBER 5 6 7 8 FUNCTION -Sense Trim +Sense +Vout A E OPTION
DIMENSION OPTIONS CLEARANCE 0.016 (0.41) 0.030 (0.76) 0.070 (1.78) Dimension Options Table HEIGHT +0.022 (0.56) -0.030 (0.76) 0.300 (7.62) 0.340 (8.64)
Pin Connection Table
File Name: quarter_brick_single.pdf Rev (07): 17 Nov 2005
Quarter-Brick Series
Single output
DC-DC CONVERTERS High Current, High Efficiency, Low Profile NEW Product 4 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
2.30 (58.4) 2.000 (50.80) 0.15 (3.8) 0.118 (3.00)
o 0.040 0.002 (o1.02 0.05) (6 pls)
1.45 (36.8)
0.300 (7.62) 0.300 (7.62)
TOP VIEW
0.150 (3.81) 0.725 0.020 (18.42 0.51)
0.150 (3.81)
o0.062 0.002 (o1.57 0.05) (4 pls)
CLEARANCE (See Option Table) 0.188 (4.78) 2.30 (58.4) 0.15 (3.8) 2.000 (50.80) 0.118 (3.00)
HEIGHT (See Option Table)
1.45 (36.8)
0.300 (7.62) 0.300 (7.62) 0.150 (3.81) 0.725 0.020 (18.42 0.51) 0.150 (3.81)
o 0.074 0.003 o 0.058 0.008 (o1.47 0.02) (6 pls) Ref IPC-2222 Level B
(o1.88 0.08) (4 pls) Ref IPC-2222 Level B
RECOMMENDED HOLE PATTERN
Dimensions in Inches (mm) Tolerances (unless otherwise specified) x.xx 0.02 (x.x 0.5) x.xxx 0.010 (x.xx 0.25)
48 V Mechanical Drawing for Output Current Greater than 50 A "The Double P" Pinout (7)
PIN CONNECTIONS PIN NUMBER 1 2 3 4 5 FUNCTION +Vin ON/OFF -Vin -Vout -Vout PIN NUMBER 6 7 8 9 10 FUNCTION -Sense Trim +Sense +Vout +Vout A E OPTION
DIMENSION OPTIONS CLEARANCE 0.016 (0.41) 0.030 (0.76) 0.070 (1.78) HEIGHT +0.022 (0.56) -0.030 (0.76) 0.300 (7.62) 0.340 (8.64)
Pin Connection Table
Dimension Options Table
Datasheet (c) Artesyn Technologies(R) 2005 The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items: Application Note Longform Datasheets
www.artesyn.com
File Name: quarter_brick_single.pdf Rev (07): 17 Nov 2005


▲Up To Search▲   

 
Price & Availability of LQS30A24-1V8J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X