Part Number Hot Search : 
84C011 IRPT1059 2W2K7 NCP4201 74F5300 45330 SMF33AG 74LS47D
Product Description
Full Text Search
 

To Download LA1S110EXLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LA1S110EX LF
"LAN-MATE" SERIES
Bothhandusa.com
Page : 1/2
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS P/N:LA1S110EX LF
Feature l l l l Isolation @ 60Hz : Input to output: 1500Vrms. Comply with RoHS requirements-whole part No Cd, No Hg, No Cr6+, No PBB and PBDE and No Pb on external pins. Operating temperature range: 0J to +70J. Storage temperature range: -25J to +125J.
Electrical Specifications @ 25C
Part Number TX Turns Ratio (5%) RX OCL (uH Min) @ 100KHz/0.1V with 8mA DC Bias 350 0.3-30MHz -40 Cross talk (dB Min) 30-60MHz -35 60-100MHz -30 1500 HI-POT (Vrms)
LA1S110EX LF 1CT: 1CT 1CT: 1CT
Continue
Part Number LA1S110EX LF Insertion Loss (dB Max) 1-100MHz -1.0 1-30MHz -16 Return Loss (dB Min) @ Load 100[ 30-40MHz -13.5 40-50MHz -11.5 50-80MHz -10 1-30MHz -30 CMR (dB Min) 30-60MHz -25 60-125MHz -20
Schematic
LA1S110EX LF
"LAN-MATE" SERIES
Bothhandusa.com
Page : 2/2
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS P/N:LA1S110EX LF Mechanical
1. Plastic Material 2. Metal Shield 3. Spring Wire 4. Solder Pin 5. Durability
: Thermoplastic (UL 94V-0), Black Housing : Brass, 20u? inches thick Nickel : Phosphor bronze with selective gold plating : 0.4x0.4mm, Phosphor bronze with solder Plated : 750 Mating cycles Min.
PCB Layout Mounting Hole(Top View)


▲Up To Search▲   

 
Price & Availability of LA1S110EXLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X