Part Number Hot Search : 
11006 A1406 3121T MC74HC1 LT3763 T93C56 MSC1192 T93C56
Product Description
Full Text Search
 

To Download JPM16B-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Internationally Approved Pushbuttons
Series JP
Distinctive Characteristics
Industry's first molded pushbutton with TV rating. Designed to handle large inrush current. JPM models certified for TV-5 rating and JPL models for TV-8 rating. Prominent external insulating barriers increase insulation resistance and dielectric strength.
Constructed for dust resistance with interior seal of polyphenylene sulfide (PPS) between actuator and contact area.
Specially designed to break light contact welds.
Snap-action contact mechanism.
Terminals are molded in and epoxy sealed to lock out flux, dust, and other contaminants.
Outer case of heat resistant resin meet UL's 94V-0 flammability standard.
Actual Size JPM
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Internationally Approved Pushbuttons
Series JP
General Specifications
Electrical Capacity (Resistive Load)
Power Level: 10A @ 125/250V AC for JPM models & 16A @ 125/250V AC for JPL models
Other Ratings
Contact Resistance: Insulation Resistance: Dielectric Strength:
Mechanical Life: Electrical Life: Nominal Operating Force: Contact Timing: Latchdown: Travel:
20 milliohms maximum 1,000 megohms minimum @ 500V DC 2,000V AC minimum between contacts for 1 minute minimum; 4,000V AC minimum between contacts & case for 1 minute minimum 25,000 operations minimum 25,000 operations minimum JPM Single Pole 3.53N & Double Pole 6.47N JPL Single Pole 4.51N & Double Pole 9.02 N Nonshorting (break before make) Normal position - flush with barrier; latchdown position - .079" (2.0mm) below normal Pretravel .059" (1.5mm); Overtravel .071" (1.8mm); Total Travel .130" (3.3mm)
Materials & Finishes
Housing/Frame & Barrier: Interior Seal: Case/Base:
Polyamide (UL94V-0) Polyphenylene sulfide (UL94V-0) Melamine (UL94V-0)
Movable Contacts: Stationary Contacts: Terminals:
Silver alloy Silver alloy Brass with silver plating
Environmental Data
Operating Temp Range: Humidity: Vibration: Shock: Process Seal:
-10C through +70C (+14F through +158F) 90 ~ 95% humidity for 96 hours @ 40C (104F) 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) Dust resistant inner seal
Installation
Soldering Time & Temp:
Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
Flammability Standards: TV Ratings for UL & CSA: UL File No. WOYR2.E44145 C-UL File No. WOYR8.E44145
UL Recognized: C-UL Certified:
R
V DE
VDE Approved:
UL94V-0 for housing/frame, barrier, interior seal, & case/base JPM (TV-5) Overload Test @ 125V AC for 50 operations: Steady State Current (rms) 7.5A; Minimum Inrush Current (peak) 111A JPM (TV-5) Endurance Test @ 125V AC for 25,000 operations: Steady State Current (rms) 5A; Minimum Inrush Current (peak) 78A JPL (TV-8) Overload Test @ 125V AC for 50 operations: Steady State Current (rms) 12A; Minimum Inrush Current (peak) 163A JPL (TV-8) Endurance Test @ 125V AC for 25,000 operations: Steady State Current (rms) 8A; Minimum Inrush Current (peak) 117A All JPM models certified at 10A @ 125V AC, TV5 & JPL models at 16A @ 125V AC, TV8; add "/U" after part number to request marking on case; C-UL File No. WOYR2.E44145. All JPM models certified at 10A @ 125V AC, TV5 & JPL models at 16A @ 125V AC, TV8; add "/C-UL" after part number to request marking on case; C-UL File No. WOYR8.E44145. All JPM models approved at steady state 5A, inrush 80A, resistive 10A, & motor load 6A all at 250V AC; add "/V" after part number to request marking on case; VDE License No. 113494. All JPL models approved at steady state 8A, inrush 128A, resistive 16A, & motor load 8A all at 250V AC; add "/V" after part number to request marking on case; VDE License No. 097579.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Internationally Approved Pushbuttons
TYPICAL SWITCH ORDERING EXAMPLE
Series JP H
JP
RATINGS
M L
M
2
6
B
TV-5 Rated 10A @ 125/250V AC TV-8 Rated 16A @ 125/250V AC
ACTUATORS
B P Flat Cap w/Barrier Flange Plunger w/Flat Flange; cap not supplied w/plunger
POLES
1 2 SPST DPST 6
CIRCUIT
OFF ON A B C H (Alternate Action with Latchdown)
CAP COLORS
Black Ivory Red Gray
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
JPM26B-H
Gray Flat Cap with Barrier Flange TV-5 Rated 10A @ 125/250V AC DPST OFF-ON Circuit
IMPORTANT:
Specific models & ratings for international approvals noted on General Specifications page.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Internationally Approved Pushbuttons
RATINGS M L
TV-5 Rated Power Level 10A @ 125/250V AC
Series JP
TV-8 Rated
Power Level
16A @ 125/250V AC
Note: See General Specifications page to find complete explanation of TV ratings.
POLES & CIRCUIT
Plunger Position Normal Pole SP Model JPM16 JPL16 JPM26 JPL26 OFF ON OPEN 1-1a Down Connected Terminals Normal Down Throw & Schematics Note: Terminal numbers are actually on the switch.
1 (COM)
SPST
1 (COM) 1a
1a 2 2a
DP
OFF
ON
OPEN
1-1a 2-2a
DPST
ACTUATORS B
Flat Cap with Barrier Flange
P
Plunger with Flat Flange
The barrier is an integral part of the switch. This housing is black, molded polyamide matte finish material. Cap details below.
The flange is an integral part of the switch. This housing is black, molded polyamide matte finish material. No cap supplied.
CAP COLORS
AT3021 Flat Cap for Actuator Type B with Barrier Flange Cap Material: Polyphenylene Oxide Finish: Matte
(22.0) .866 (18.0) .709
The cap is flush with the barrier in normal position and .079" (2.0mm) below that in latchdown position.
(6.8) .268
Cap Colors Available:
The latchdown feature on this alternate action device provides visible, audible, and tactile feedback. This design gives smooth, responsive operation.
A
Black
B
Ivory
C
Red
H
Gray
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Internationally Approved Pushbuttons
PANEL CUTOUT & TERMINALS
JPM & JPL Solder Lug/ .187"(4.75mm) Quick Connect Terminals
(28.0) 1.102
Series JP
Panel Thickness Range applies to both JPM & JPL models. .039" ~ .157" (1.0mm ~ 4.0mm)
(21.2) .835
This switch assembly, when used with connectors, is not CSA approved.
Epoxy Seal (7.2) (4.2) .283 (1.5) R .165 .059 (0.65) R (3.2) .026 .126 (4.75) .187 Thk = (0.5) .020
TYPICAL SWITCH DIMENSIONS B
Flat Cap with Barrier Flange
Part No.
JPM & JPL Single & Double Pole
(0.8) Typ .031 (20.8) .819
(9.4) .370 (22.0) .866 (0.5) .020 (26.6) 1.047
COM
2a
1a
2
1
(31.0) 1.220
(18.0) .709
(24.0) .945
(4.5) .177 (2.5) .098
(26.0) 1.024 Latchdown Position
(1.5) .059
(7.2) .283
(10.4) .409 (21.2) .835
(4.75) Typ .187
JPM26B-H
Single pole model does not have terminals 2 & 2a.
P
Plunger with Flat Flange
Part No.
JPM & JPL Single & Double Pole
(0.8) Typ .031 (2.0) .079 (3.3) Sq .130 (2.5) Sq .098 (1.0) .039 (2.5) .098 (18.3) .720 (20.8) .819
(1.0) .039
(22.2) .874
(9.4) .370 (26.6) 1.047 (0.5) .020
COM
2a
1a
2
1
(31.0) 1.220
(24.0) .945
(8.5) .335 (6.5) .256 (16.0) .630
(2.0) .079
(26.0) 1.024
(1.5) .059
(7.2) .283
(10.4) .409 (21.2) .835
(4.75) Typ .187
Latchdown Position
JPL16P
Single pole model does not have terminals 2 & 2a. 03-07
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com


▲Up To Search▲   

 
Price & Availability of JPM16B-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X