Part Number Hot Search : 
VTC5764C K2368 BR808 A9108 GV2SN35 8A218 MB89636 K2368
Product Description
Full Text Search
 

To Download JJD0E108MSEC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ELECTRIC DOUBLE LAYER CAPACITORS "EVerCAP "
JD
Screw Terminal Type, High Energy Density Type
series
High energy density. Suitable for electric power storage. Available for adapted to the RoHS directive (2002/95/EC).
JD
High Energy Density
JC
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current Stability at Temperature
- 25 to + 60C 2.5V 600 to 4000F 20% (20C) 0.5C (mA) [C : Rated Capacitance (F)] (After 30 minutes' application of rated voltage. 2.5V) See Note
Performance Characteristics
Capacitance (- 25C) /Capacitance (+20C) x100
70%
DCR(-25C) / DCR (+20C)
7
DCR*
Endurance
Refer to the list below. (20C) *DC internal resistance
The specifications listed at right shall be met when the capacitors are restored to 20C after the rated voltage is applied for 2000 hours at 60C. The specifications listed at right shall be met when the capacitors are restored to 20C after storing the capacitors under no load for 2000 hours at 60C. Printed with white color letter on black sleeve.
Capacitance change
DCR
Leakage current Capacitance change
Within 30% of initial value 300% or less of initial specified value Less than or equal to the initial specified value Within 30% of initial value 300% or less of initial specified value Less than or equal to the initial specified value
Shelf Life
DCR
Leakage current
Marking
Drawing
Type numbering system (Example : 2.5V 600F)
Hexagenal headed bolt
Sleeve
M5( M6( 35) 40)
35, 40
Bottom plate
1
2
3
4
5
6
7
8
9
10 11 12 13 14
Mounting bracket
J JD 0E 607 MSE C
Pressure relief vent
Case dia. code(35) (35, 40) Configuration Capacitance tolerance (20%) Rated Capacitance (600F) Rated voltage (2.5V) Series name Type Configuration
Cr (111) Plating (RoHS compliant)
+
P A1
T
D Code C 35 D 40 F 51 63.5 G
D +2MAX.
W1
Code less 2-leg brackets BN No brackets (51, 63.5) Code less 3-leg brackets BB 2-leg brackets No bracket BN
h H0.5 L+MAX.
r1
U B1
S
SE
51 and larger
Bottom plate
Hexagenal headed bolt
Sleeve
M6
0 12
T
U S
Pressure relief vent D +2MAX. A2
P
W1
S
h
H 1 L+ MAX.
1
P 2 A 2
T U
30
Pressure relief vent
Dimensions
Rated Voltage ( Code ) Cap. (F) Cap. code DCR (m)
Dimensions of mounting bracket
Case size
Leg shape
(mm)
(mm) 35 40 51 63.5
2.5V (0E)
600 800 950 1000 1300 2300 2500 4000
607 807 957 108 138 238 258 408
16 13 10 10 8 5 4 3
L (mm) 085 105 135 105 135 135 150 150
Ref. Weight (g)
Symbol
D
3-Legs 51 32.5 38.5
-
2-Legs 35 24 29 45 7.0 3.5 10 30 15 10 40 27 32 48 7.0 3.5 10 45 17 12 51 33.2 40
-
130 160 210 210 250 450 500 800
P A B T S U H h
63.5 38.1 43
-
63.5 40.5 46.5
-
7.5 5.0 12 60 20 15
8.0 5.0 14 60 25 20
6.0 4.5 14 30 25 15
7.0 4.5 14 30 35 20
Dimensions of terminal pitch(W) and length(R) and Normal dia. of bolt (mm)
D 35 40 51 63.5 W 12.7 18.8 22.0 28.6 R 6 9 10 10 3 3 3 3 Nominal of bolt M5 M6 M6 M6
Note : The capacitance calculated from discharge time (T) with constant current ( i ) after 30minuite charge with rated voltage (2.5V). The discharge current ( i ) is 0.01 x F (rated capacitance). A discharge time (T) measured between 2V and 1V with constant current. The capacitance calculated bellow. Capacitance (F) = i x T
CAT.8100X


▲Up To Search▲   

 
Price & Availability of JJD0E108MSEC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X