Part Number Hot Search : 
DF08H PN5019 BC848T MA100 AMP02FS SP3051 FX919AP4 SI2323DS
Product Description
Full Text Search
 

To Download IFLY0012L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 269
with For use mily L6401 fa Intersil IS
DC-DC Flyback Transformer for Telecom
This low profile flyback transformer is designed for applications such as Subscriber Line Interface Circuits (SLICs), cable and DSL modems and set top boxes.
Inductance at 0 Adc2 10% (H) 6.0 Inductance at 6.5 Adc2 min (H) 4.8
For free evaluation samples, contact Coilcraft or visit www.coilcraft.com.
Part number1 IFLY0012L_
DCR max (Ohms) 0.021 (pins 8 - 1) 0.690 (pins 7 - 2) 0.690 (pins 6 - 3) 0.690 (pins 5 - 4)
Leakage inductance max (H) 0.3
Input 9 V - 20 V
Output -24 V, 170 mA -72 V, 170 mA
Isolation (Vrms) 500
1. When ordering, please specify packaging code: IFLY0012LD Packaging: D = 13 machine ready reel. EIA-481 embossed plastic tape (225 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. 2. Inductance is for the primary, measured at tested 100 kHz, 1.0 Vrms. 3. Operating temperature range -40C to +85C. 4. Electrical specifications at 25C.
Dot on Pin 1
1 8
8
7
Gnd
Primary
2
B
IFLY0012
1 6 3 5
0.004/0,01
-24 V
4
5
C
A D
1
4
-72 V
F
4 5
E
1
8
Recommended Land Pattern
A max 0.925 23,5 B max 0.675 17,15 C max 0.360 9,14 D nom E nom 0.591 15,01 F nom inches mm
0.148 0.079 x 0.110 3,76 2,01 x 2,79
Weight: 5.2 g Terminations: Tape and reel:
Matte tin over nickel over phos bronze 225/13 reel 44 mm tape width
Specifications subject to change without notice. Please check our website for latest information.
Document 269
Revised 01/26/05
(c) Coilcraft, Inc. 2008


▲Up To Search▲   

 
Price & Availability of IFLY0012L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X