Part Number Hot Search : 
CM509K 2405DH S1828 HCS164K SUT061G CP5028 SH550 97CFDC
Product Description
Full Text Search
 

To Download HVP93-S360030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES HVP93 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES MEET IEC 61000-3-2 HARMONIC CORRECTION MEET UNIVERSAL SAFETY STANDARDS EMI MEET CISPR PUB. 22 CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC. Input Connector: Molex V-M connector. Input Frequency: 47-63Hz. Inrush Current: Typ. 23A @230Vac. Input Current: Typ. 1.5A@115Vac, 0.8A@230Vac. Dielectric Withstand: Meet IEC 60950-1. EMI: Meet CISPR PUB. 22 Class B. Hold-up Time: Typ. 43mS @ 115Vac & 230Vac. Over Temp. Protection (OTP): Optional for U-Bracket format. Power Factor Correction: Meet Harmonic Correction per IEC 61000-3-2.PF typ.0.98-0.99. Earth Leakage: Less than 0.63mA.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Connector: Molex V-M connector. Output Wattage: Typ. 50 Watts. Convection. Max. 93 Watts under forced air flow. Line Regulation: Typ. 0.1-0.5%. Load Regulation: Main VO1: typ. 1-2.0%. Aux. VO2: typ. 3-5.0%. (P.R.) VO2: typ. 2-3.0%. (P.R.) Aux. VO3: typ. 2-3.0%. (P.R.) Noise & Ripple: Typ. 1% peak to peak. OVP: Installed in main VO1 only. Adjustability: Available at main VO1. OR-ing Diodes: Installed in VO1 & VO2. Overload Protection (OLP): Fully protected against output overload and short circuit. OLP set at about 125-150% rating output wattage. Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 75%. Switching Frequency: Fixed freq. at 65K Hz. Circuit Topology: PWM Fixed-frequency Forward Circuit. Transient Response: Output voltage returns in less than 0.5mS following a 25% load change. Safety Standard: UL 60950-1/EN 60950-1 Class I. Power Density: 2.5-5.0 Watts / Cubic Inch PCB format. 1.7- 3.37 Watts / Cubic Inch U-Bracket format. Operating Temperature: 0 to +50C at full load and 30 cfm forced airflow for full load. Storage Temperature: -20 to +85C. Temperature Coefficient: Typ. 0.04% /C. Cooling: At least 20 cfm forced cooling air is required for 90 watts and up load Construction: PCB or U-bracket open frame format.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
In application
-41-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
SINGLE OUTPUT
MAIN VO1 MODEL NO. HVP93-S033250 HVP93-S050200 HVP93-S120085 HVP93-S150068 HVP93-S240043 HVP93-S280038 HVP93-S360030 HVP93-S480022
Convection Cooling Volt.
DUAL OUTPUT
@
30cfm air cooling
MAIN VO1 MODEL NO. HVP93-D050I HVP93-D050K HVP93-D050M HVP93-D033I HVP93-D033K HVP93-D033M
Convection Cooling Volt.
@
AUX. VO2 or
Volt. 30cfm air cooling
30cfm air Convection cooling Cooling
12.0A 10.0A 4.2A 3.4A 2.1A 1.8A 1.5A 1.2A
3.3V 5.0V 12.0V 15.0V 24.0V 28.0V 36.0V 48.0V
25.0A 20.0A 8.5A 6.8A 4.3A 3.8A 3.0A 2.2A
6.0A 6.0A 6.0A 8.0A 8.0A 8.0A
+5.0V +5.0V +5.0V +3.3V +3.3V +3.3V
10.0A 10.0A 10.0A 12.0A 12.0A 12.0A
2.0A 1.6A 1.0A 2.0A 1.6A 1.0A
+12.0V +15.0V +24.0V +12.0V +15.0V +24.0V
4.0A 3.2A 2.0A 4.0A 3.2A 2.0A
TRIPLE OUTPUT (PCB VERSION)
MAIN VO1 @ MODEL NO. HVP93-T050II HVP93-T050IE HVP93-T050MI HVP93-T050KK HVP93-T033II HVP93-T033KK
Convection Cooling Volt.
AUX. VO2 or
Volt.
AUX. VO3
Volt. 30cfm air cooling
30cfm air Convection cooling Cooling
30cfm air Convection cooling Cooling
4.0A 4.0A 4.0A 4.0A 5.0A 5.0A
+5.0V +5.0V +5.0V +5.0V +3.3V +3.3V
10.0A 10.0A 10.0A 10.0A 12.0A 12.0A
1.5A 1.5A 0.8A 1.2A 1.5A 1.2A
+12.0V +12.0V +24.0V +15.0V +12.0V +15.0V
3.0A 3.0A 1.5A 2.4A 3.0A 2.0A
1.0A 1.0A 1.0A 0.8A 1.0A 0.8A
-12.0V -5.0V -12.0V -15.0V -12.0V -15.0V
1.5A 1.5A 1.5A 1.2A 1.5A 1.2A
Symbol: "" OVP built-in "@" Adjustable "#" Remote sensing "" Post Regulator "" couple common choke "" Installed with OR-ing diodes.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: PCB 358.0g(12.6 Oz.) U-Bracket 541.0g(19.0 Oz.)
U-Bracket FORMAT
PCB FORMAT
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT ASSIGNMENT CNTR & PIN AC-L L AC-N N AC-G GND DUAL OUTPUT VO1 P2-7,8 VO2 P2-1 DC COM P2-2,3, 4,5,6
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT ASSIGNMENT CNTR & PIN AC-L AC-N AC-G P1-L P1-N G DUAL OUTPUT TRIPLE OUTPUT DC DC VO1 VO2 VO3 VO2 COM COM P2-3, P2-4, P2-1,2 P2-6,7 P2-2,3 P2-7 P2-1 4,5 5,6 VO1
Mating connector: Molex 5195 or 5239 series
Mating connector: Molex 5195 or 5239 series
-42-


▲Up To Search▲   

 
Price & Availability of HVP93-S360030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X