Part Number Hot Search : 
LA15T P4KA20 P4201 B2520 NJU26207 GP50B60 TLHR44 P4KA20
Product Description
Full Text Search
 

To Download GBL10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
GBL005 - - -GBL10
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 4.0 A
KBJ2
.187(4.7) .148(3.8) .810(20.6) .770(19.6)
SILICON BRIDGE RECTIFIERS
Rating to 1000V PRV Surge overload rating to 150 Amperes peak Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique results in inexpensive product Lead solderable per MIL-STD-202 method 208 Glass passivated junctions
.080(2.0) .065(1.65) 440(11.2) 420(10.7)
+
~
~
_
.095(2.40) .065(1.65) .56(14.2) .50(12.7) .107(2.67) .088(2.28)
.045(1.14) .035(0.90) .210(5.3) .190(4.8)
.020(0.51) .015(0.38)
inch(mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
GBL 005
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard Output current @TA =25
GBL 01
100 70 100
GBL 02
200 140 200
GBL 04
400 280 400 4.0
GBL 06
600 420 600
GBL 08
800 560 800
GBL 10
1000 700 1000
UNITS
V V V A
VRRM VRMS VDC IF(AV)
50 35 50
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage at 2.0 A Maximum reverse current at rated DC blocking voltage @TA =25 @TA=100
IFSM
150.0
A
VF IR TJ TSTG
1.1 5.0 500.0 - 55 ---- + 150 - 55 ---- + 150
V A
Operating junction temperature range Storage temperature range
www.galaxycn.com
Document Number 0287064
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
GBL005 - - - GBL10
FIG.2 -- FORWARD DERATING CURVE
PEAK FORWARD SURGE CURRENT,
250
5
200
8.3ms Single Half Sine Wave TJ=150
4
AMPERES
150
3
100
2
50
1
0 1
0
10
100
0
50
100
150
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
10 4 1.0
1.0
TJ=100
0.1
TJ=25
0.1
.01
0
20
40
60
80
100
120
140
.01 .2
.4
.6
.8
1.0
1.2
1.4 1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
www.galaxycn.com
Document Number 0287064
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of GBL10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X