Part Number Hot Search : 
N4002 DE910 P4KE33 T330C TS158R SG15441 TU601 VPA30
Product Description
Full Text Search
 

To Download GBL10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBL005 thru GBL10
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload rating - 125 amperes peak Ideal for printed circuit board Plastic material has underwriters laboratory
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT - 4.0 Amperes
2GBJ
.81(20.6) .77(19.6) .142(3.6) .133(3.4)
flammability classification 94V-0
Mounting position: Any
.125(3.17) *45 Chamfer
.106(2.7) .091(2.3)
.44(11.2) .42(10.7)
.055(1.4) .047(1.2)
.56(14.2) .50(12.7)
.043(1.1) .035(0.9)
.210 .190 (5.3) (4.8)
.210 .190 (5.3) (4.8)
.210 .190 (5.3) (4.8)
.020(0.51) .045(1.14) .015(0.38) .035(0.90)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Bridge Element at 4.0A Peak Maximum Reverse Current at Rated DC Blocking Voltage Maximum Reverse Current at Rated DC Blocking Voltage Operating Temperature Range Storage Temperature Range Note:1.Mounting conditions,0.5lead length maximum. @ TA =150 @ TA=50 (Note1)
SYMBOL GBL005 VRRM VRMS VDC I(AV) 50 30 50
GBL01 100 70 100
GBL02 200 140 200
GBL04 400 280 400 4.0
GBL06 600 420 600
GBL08 800 560 800
GBL10 1000 700 1000
UNIT V V V A
IFSM
125
A
VF IR IR TJ TSTG
1.1 10.0 1.0 -55 to +150 -55 to +150
V uA mA
~ 295 ~
RATING AND CHARACTERISTIC CURVES GBL005 thru GBL10
FIG.2-FORWARD DERATING CURRENT 5.0 AVERAGE FORWARD OUTPUT CURRENT AMPERES FIG.1-MAXIMUM NON-REPETITIVE SURGE CURRENT PEAK FORWARD SURGE CURRENT AMPERES 180 160
4.0
CASE
3.0
120
TJ=25
80
2.0
AMBIENT
40 0 1
1.0
SINGLE HALF-SINE-WAVE (JEDEC METHOD)
RESISTIVE OR INDUCTIVE LOADS
0 0 50 100 150 AMBIENT TEMPERATURE
10 NUMBER OF CYCLES AT 60HZ
100
FIG.2-TYPICAL FORWARD CHARACTERISTICS 200 100 INSTANTANEOUS REVERSE CUNRRENT. MICROAMPERES 10
FIG.4-TYPICAL REVERSE CHARACTERISTICS
TJ=100
INSTANTANEOUS FORWARD CURRENT AMPERES
TJ=25 PULSE WIDTH 300us
1.0
10
0.1
TJ=25
1.0
TJ=25
0.01 0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
~ 296 ~


▲Up To Search▲   

 
Price & Availability of GBL10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X