Part Number Hot Search : 
85N3L 2MBI150 PRF80 SM5102 85N3L DH71016 TDE17670 PRF80
Product Description
Full Text Search
 

To Download G1IOHG25C330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Incremental encoders
Hollow or end shaft max. o25 mm Resolution 5...16384 pulses
G1I0H, G1I0S
Features - Encoder with end or hollow shaft max. o25 mm - Resolution max. 16384 ppr - Optical sensing - Clamping ring on flange - Robust design - High resistance to shock and vibrations - Top signal quality
G1I0H with hollow shaft Technical data - electrical ratings Voltage supply 5 VDC 10 % 4.75...30 VDC 30 mA (24 VDC) 60 mA (5 VDC) 5...16384 Zero pulse, width 90 Optical 150 kHz A 90 B, N + inverted Linedriver RS422 Push-pull short-circuit proof DIN EN 61000-6-2 DIN EN 61000-6-4 UL approval / E63076 Technical data - mechanical design Housing Protection DIN EN 60529 Operating speed Rotor moment of inertia Materials Operating temperature Relative humidity Resistance o75 mm IP 54 3800 rpm 2000 gcm Housing: aluminium Flange: aluminium -25...+85 C (24 VDC) 95 % non-condensing DIN EN 60068-2-6 Vibration 10 g, 16-2000 Hz DIN EN 60068-2-27 Shock 200 g, 6 ms 700 g Connector o20 mm hollow shaft o25 mm hollow shaft o20 mm end shaft o25 mm end shaft
Subject to modification in technic and design. Errors and omissions excepted. 29/10/2008
Reverse polarity protection Yes (4.75...30 VDC) Consumption w/o load Resolution (steps/turn) Reference signal Sensing method Output frequency Output signals Output circuit Interference immunity Emitted interference Approval
Weight approx. E-connection G1I0H Shaft G1I0S Shaft
1
www.baumerivo.com
Hollow or end shaft max. o25 mm Resolution 5...16384 pulses
Incremental encoders
G1I0H, G1I0S
Part number Hollow shaft G1I0H. C3 See part number (pulses) E-connection C3 Connector M23, 12-pin, radial 22 25 70 75 Voltage supply / signals 5 VDC / Linedriver RS422 (6000 pulses) 5 VDC / linedriver RS422 (>6000 pulses) 4.75...30 VDC / push-pull (6000 pulses) 4.75...30 VDC / push-pull (>6000 pulses) End shaft G1I0S. C3 See part number (pulses) E-connection C3 Connector M23, 12-pin, radial Voltage supply / signals 22 5 VDC / linedriver RS422 70 4.75...30 VDC / push-pull Hollow shaft G End shaft o25 mm without pin H End shaft o20 mm without pin Accessories Connectors and cables (page %S) 24 26 28 29 30 31 34 (1250) (1500) (2000) (2048) (2500) (3600) (4096) 35 48 70 73 71 (5000) (6000) (8192) (10000) (16384) Z 141.001 Z 141.003 Z 141.005 Z 141.007 Z 119.050 Z 119.053 Z 119.070 Z 119.076 Female connector M23, 12-pin, less cable Female connector M23, 12-pin, 2 m cable Female connector M23, 12-pin, 5 m cable Female connector M23, 12-pin, 10 m cable Spring coupling Spring coupling height 19.1 mm Spring coupling height 29.1 mm Spring coupling for encoders with o58 mm housing
Subject to modification in technic and design. Errors and omissions excepted.
Hollow shaft G Hollow shaft o25 mm without pin H Hollow shaft o20 mm without pin Part number (pulses) 49 36 50 39 40 41 57 (5) (10) (25) (50) (60) (100) (128) 06 09 13 14 15 22 23 (200) (250) (360) (400) (500) (1000) (1024)
Mounting accessories (page %S)
Other pulse numbers upon request. Example: ordering key 35 = 5000 pulses
2
www.baumerivo.com
29/10/2008
Incremental encoders
Hollow or end shaft max. o25 mm Resolution 5...16384 pulses
G1I0H, G1I0S
Output signals Clockwise rotating direction when looking at flange. Track A Track A Terminal assignment Connector Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Track B Track B 90 Pin 6 Pin 7 Pin 8 Pin 9 Pin 10 Zero pulse Zero pulse
8 7 6 5 12 11 91 10 2 3 4
Assignment Track B inv. UB-Sense Track N (zero pulse) Track N inv. (zero pulse inv.) Track A Track A inv. - Track B - GND GND-Sense UB UB-Sense and GND-Sense are directly connected to UB resp. GND. Please use cores twisted in pairs (for example track A / track A inv.) for extension cables of more than 10 m length.
Pin 11 Pin 12
Trigger level Outputs Output level High Output level Low Load High Load Low Outputs Output level High Output level Low Load High Load Low Linedriver RS422 >2.5 V (I = -20 mA) <0.5 V (I = 20 mA) <20 mA <20 mA Push-pull short-circuit proof >UB -3 V (I = -20 mA) <0.5 V (I = 20 mA) <20 mA <20 mA
Subject to modification in technic and design. Errors and omissions excepted. 29/10/2008
3
www.baumerivo.com
Hollow or end shaft max. o25 mm Resolution 5...16384 pulses
Incremental encoders
G1I0H, G1I0S
Dimensions G1I0H with hollow shaft
46.5 7 1
o75 o25H7
12 0
39
50.75
30
7.3 30
6.6
G1I0S with end shaft
46.5 42 7 1
o75 o25H7
12 0
39
50.75
30
7.3 30
6.6
4
www.baumerivo.com
29/10/2008
Subject to modification in technic and design. Errors and omissions excepted.


▲Up To Search▲   

 
Price & Availability of G1IOHG25C330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X