Part Number Hot Search : 
2SJ49 SUR501J MSC82001 M62580P AT28C16E SDB101 M62580P 81406
Product Description
Full Text Search
 

To Download FRL-274ND02401AY-01A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH POWER RELAY
1 POLE-- 12, 30, 40 A
(FOR AUTOMOTIVE APPLICATIONS)
FRL-274 SERIES
n FEATURES
l
RoHS compliant
Highcurrentswitchingandcarrybyusingnewconductivematerials. l SuitableforautomotiveapplicationssuchasABS,powerassisted steering,etc. l Highheatresistance(40Atype) Designedforuseinhighambienttemperature,suchasenginecompartment,andabletocarrycontinuouscurrentof20Ain+125C. l Newcontactmaterial Newcontactmaterialformulationwhichisresistanttowelding. l Threetypesofcontactgaps(0.4mm,1.0mm,1.4mm)
To
be
Di
l
RoHScompliantsincedatecode:0631 Pleaseseepage8formoreinformation
sc
1. 40A Type
n ORDERING INFORMATION
[Example] FRL-274 N D012/ 81 (a) (b) (c) (d) C Y (e) (f )
on
-01A -001 (g) (h)
Ti
nu
(a) (b) (c) (d) (e) (f) (g) (h)
SeriesName Enclosure NominalVoltage CarryingCurrent ContactArrangement ContactMaterial CoverTerminal CustomDesignation
FRL-274:FRL-274Series N:Plasticsealedtype D012 81 A C Y :12VDC :40Atype :1formA :1formC :Silver-tinoxide
eD
01A :w/cover,wideterminalwidth Tobeassignedcustomspecification
1
FRL-274 SERIES
n ORDERING INFORMATION
2. Standard Type
[Example]
(a) (b) (c)
FRL-274 N (a) (b)
D 012 / 01 C (c) (d) (e) (f )

S - 01A - *** (-S) (g) (h) (i) (j)

(d) (e) (f)
To
Package
SeriesName Enclosure CoilType NominalVoltage ContactGap
FRL-274:FRL-274Series N :Plasticsealedtype D H
:Standard(nominalpower1.7to2.1W) :Lowpower(nominalpower0.6W)
ContactArrangement ContactMaterial CoverTerminal CustomDesignation
(g) (h) (i) (j)
be
009 :9VDC 012 :12VDC 024 :24VDC 01 51 61 A C Y :Standardgap(0.4mmgap) :1.0mmgap :1.4mmgap :1formA(SPST-NO) :1formC(SPDT) :Silver-tinoxide :standardterminalwidth :wideterminalwidth :Standardtray :Carriertube
Di
A 01A Nil -S
Tobeassignedcustomspecification
sc
on
Ti
nu
eD
2
FRL-274 SERIES
n SPECIFICATIONS
Specifications Item 30A Arrangement Material Silver-tin oxid e Max. 100mV initial (at 1 A, 12VDC) 14 VDC 30A (motor 14 VDC 40A (motor lock) lock) 01: 0.4mm ga p 01: 0.4mm ga p 20 C 40A continuous 50A 1 hour 125 C: 20A continuous 40A 10 minutes 28 VDC 12A (motor lock) 51: 1.0mm gap 61: 1.4mm gap 20 C: 30A continuous 12V Battery 40 A 1 form A (SPDT-NO), 1 form C (SPDT ) 24V Battery
Contact
To
Gap
Voltage Drop (resistance)
Rating
Max. Carrying Current
be
Max. Switching Frequency Min. Switching Load (*1) (reference) Coil Insulation Operating Temperature Storage Temperature Resistance Dielectric Strength
Di
20 C: 30A continuous 40A 10 minutes
Mechanical: 1,000 operations/hour Electrical: 1,800 operations/hour 600mW minimum (50 mA minimum)
sc
-40 C to +85 C (no frost) (refer to Characterstic data) -40 C to +100 C (no frost ) 500 VAC 1 minimu m 0.4mm gap: max.10ms 0.4mm gap: max.5ms 10x1 06 operations minimum 100x1 03 operations minimum 10 to 55 Hz (double amplitude of 1.5mm ) Minimum 100M (at 500VDC )
on
Ti
nu
Time value
Operate (at nominal value) Release (at nominal value) Mechanical Electrical Vibration Resistance
1.0mm gap: max.10m s 1.4mm gap: max.15ms 1.0mm gap: max. 8m s 1.4mm gap: max.10 ms
eD
Life
Other
Shock Resistance Weight
Misoperation 100m/ s2 (111 ms) Endurance 1000m/ s2 (111 ms) Approximately 20 g
*1Valueswhenswitchingaresistiveloadatnormalroomtemperatureandhumidityandinacleanenvironment.Theminimum applicableloadvarieswiththeswitchingfrequencyandoperatingenvironment.
3
FRL-274 SERIES
n COIL DATA CHART
Must Operate Voltage 20 C 6.3 V 7.0 V 8.4 V 6.5 V 6.3 V Coil Tempera80 C ture Rise 7.8 V 8.7 V 10.4 V 8.0 V 8.0 V Approx. 75 C Approx. 65 C Approx. 75 C Approx. 85 C Approx. 35 C
Type
Contact Gap
Nominal Power
Coil Voltage 9 VDC
Part Number FRL-274NH009/01 Y - A FRL-274NH010/01 Y - A FRL-274NH012/01 Y - A FRL-274ND009/01 Y - A
Coil Resistance (10%) at 20 C 135 165 240 85 165 340 275
12V Battery
To
lower power 0.6W
10 VDC 12 VDC 12 VDC 12VDC
0.4mm
be
Standard 1.7W 40A type 0.87W 1.7 W 2.1 W
24V Battery
1.0mm 1.4mm
24 VD C
24 VD C
Di
sc
FRL-274ND009/81 Y - 01 FRL-274ND024/51 Y - A FRL-274ND024/61 Y - A
16.8 V 21.0 V 16.8 V 21.0 V
on
Relay
n CHARACTERISTIC DATA
1. MAXIMUM BREAK CAPACITY
60 50 45 40 35 30 25 20 15 10 5
: Locked motor load 1 0.4 mm gap 2 1.0 mm gap A 3 1.4 mm gap : Load (1) 0.4 mm gap (2) 1.0 mm gap A (3) 1.4 mm gap (4) 1.0 mm gap B
Ti
nu
Contact switching current(A)
(4)
Test circuit A
(1) 1 2
(2) 3
(3)
Test circuit B
eD
Relay
Load
Locked motor or resistive load
Load Resistive load
10
Voltage between contacts (VDC)
15
20
25 30 35 40
50
4
FRL-274 SERIES
2. OPERATING COIL VOLTAGE (EXAMPLE)
[40Atype]
130 120 110 100 90 80 70 60 50 40
C
[Standard (D type)]
on ta ct
[Low power (H type)] 160 150 140 130 120 110 100 90 80 70 60
C
I o nte re per rmi qu at tta on ire ion nt ta d is ct at ca 15 rry A 15 A
Ratio of operating voltage to rated coil voltage(%)
Ratio of operating voltage to rated coil voltage(%)
130 120 110 Contact carry 15 A 100 90 80 70 60 50 10
15
A
Continuous carrying range
Continuous carry range Pick-up voltage of 51,56 type
% of the rated coil voltage
ca
rry
Intermittant operation is required at 15 A
Continuous carrying range
To
Pick
-up v
oltag
e
Pick-
up vo
ltage
Pick-up voltage of 01 type (0.4 mm gap)
-10 0 10 20 30 40 50 60 70 80 Operating temperature range (C)
3. LIFE TEST (EXAMPLE)
[40Atype]
be
0 10 20 30 40 50 60 70 80 Operating temperature range(C)
Pick
oltag -up v
e
10 0 10 20 30 40 50 60 70 80 Operating temperature range (C)
Ratio of pick-up and drop-out values to rated coil voltages (%)
*Test item 16 VDC, 40 A Motor lock 2 x 105 operations
*Shift of pick-up and drop-out voltage 100 80 60 40 20 0
Di
Initial
Pick-up
sc
20
*Test circuit
Drop-out
on
50
Ti
100
No. of operations (x104) *Circuit wave form 40 A *Shift of contact resistance 1,000
Contact resistance (m)
nu
(measured at 6 V-1 A)
100
eD
500 500
1,000
0A
10
1
Initial
20
50
100 No. of operations (x10 )
4
1,000
5
FRL-274 SERIES
LIFE TEST (EXAMPLE)
[Standardtype] Test Item Test circuit

N.O DC14V-65Wx 2 N.C. DC14V-60Wx 2 Halogenlampload 500,000operationsminimum (contactmaterial: specialsilveralloy)
N.C. N.O. 65 W 2 14 V 60 W 2
To

DC14V-30A Motorlock 100,000operationsminimum (contactmaterial: silvercopper)
be
RL-1
Di
N.O.
N.C.
M
sc
14 V
N.O.
N.C.

DC30V-1.6A Motorfree 200,000operationsminimum (contactmaterial: silvercopper)
30 V
on
RL-2
Motor
Ti
N.C.
nu
N.O.
n REFERENCE DATA
[40Atype]
DistributionofOperate&ReleaseVoltage
FRL-274(40ATYPE) n=100 Operate Release
eD
DistributionofOperate&ReleaseTime
FRL-274(40ATYPE) n=100 Operate Release
DistributionofContactResistance
FRL-274(40ATYPE) n=100
Distribution
NominalVoltageMultiplyingFactor(%)
Times(ms)
ContactResistance(m)
6
FRL-274 SERIES
n REFERENCE DATA
[Standardtype]
DistributionofOperate&ReleaseVoltage
FRL-274 n=100 Operate Release
DistributionofOperate&ReleaseTime
FRL-274 n=100 Operate Release
DistributionofContactResistance
FRL-274 n=100
To
23.7+0.5
Distribution
NominalVoltageMultiplyingFactor(%)
n DIMENSIONS
Dimensions
be
21.3+0.5 19.2+0.5 3.5 (19.7+0.5) (3.0)
Di
Times(ms)
ContactResistance(m)
(3.2)
9.35
(3.2)
sc
4-O 1.4
PC board mounting hole layout (BOTTOM VIEW) Standard terminal width
(3.85) 14.7
15.55
11.8 14.2
15.55
Schematics (BOTTOM VIEW) 1 form C 5 432 1 1 1 1 form A 432 1 1 1
3-1.8
N0.05
10.8
+0.1
+0.1
2.6
1.5 N0.05
( ): N type
+0.1
1
1
N0.05
2-1.4
+0.1
N0.05
Note : Tolerance 0.1 mm 1form A type doesn't have #5 pin.
eD
10.8 2.6
Tube carrier
23.3 Max. 28 Max. 541Max.
20pcs/tube
Unit:mm
11.8 14.2
on
5 4
Wide terminal width
(3.85) 14.7 5 4
9.35
5.6
32
Ti
1
5.6 1
nu
32 +0.1 2.2 N0.05 1 1
7
FRL-274 SERIES
RoHS Compliance and Lead Free Relay Information
1. General Information
Relaysproducedafterthespecificdatecodethatisindicatedoneachdatasheetarelead-free now.Mostofoursignalandpowerrelaysarelead-free.PleaserefertoLead-FreeStatusInfo. (http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf) l LeadfreesolderpastecurrentlyusedinrelaysisSn-3.0Ag-0.5Cu. l AllsignalandmostpowerrelaysalsocomplywithRoHS.Pleaserefertoindividualdata sheets.RelaysthatareRoHScompliantdonotcontainthe5hazardousmaterialsthat arerestrictedbyRoHSdirective(lead,mercury,chromiumIV,PBB,PBDE). l Ithasbeenverifiedthatusinglead-freerelaysinleadedassemblyprocesswillnotcauseany problems(compatible). l "LF"ismarkedoneachouterandinnercarton.(Nomarkingonindividualrelays). l Toavoidleadedrelays(forlead-freesample,etc.)pleaseconsultwithareasalesoffice. l Wewillshipleadedrelaysaslongastheleadedrelayinventoryexists. Note:CadmiumwasexemptedfromRoHSonOctober21,2005.(AmendmenttoDirective2002/95/EC)
l

To
2. Recommended Lead Free Solder Profile
l
RecommendedsolderpasteSn-3.0Ag-0.5Cu.
be
Reflow Solder condition Flow Solder condition:
Pre-heating: Soldering:
Di
maximum120C dipwithin5sec.at 260Csolerbath
sc
on
Solder by Soldering Iron:
SolderingIron Temperature: maximum360C Duration: maximum3sec.
Ti
nu
We highly recommend that you confirm your actual solder conditions
eD
3. Moisture Sensitivity
l
MoistureSensitivityLevelstandardisnotapplicabletoelectromechanicalrealys. DippedSnAgCusolderisknownaslowrisktinwhisker.Noconsiderablelengthwhiskerwasfoundbyourin housetest.
4. Tin Whisker
l
8
FRL-274 SERIES
Fujitsu Components International Headquarter Offices
Japan FujitsuComponentLimited Gotanda-ChuoBuilding 3-5,Higashigotanda2-chome,Shinagawa-ku Tokyo1418630,Japan Tel:(81-3)5449-7010 Fax:(81-3)5449-2626 Email:promothq@fcl.fujitsu.com Web:www.fcl.fujitsu.com North and South America FujitsuComponentsAmerica,Inc. 250E.CaribbeanDrive Sunnyvale,CA94089U.S.A. Tel:(1-408)745-4900 Fax:(1-408)745-4970 Email:components@us.fujitsu.com Web:http://www.fujitsu.com/us/services/edevices/components/ Europe FujitsuComponentsEuropeB.V. Diamantlaan25 2132WVHoofddorp Netherlands Tel:(31-23)5560910 Fax:(31-23)5560950 Email:info@fceu.fujitsu.com Web:emea.fujitsu.com/components/ Asia Pacific FujitsuComponentsAsiaLtd. 102EPasirPanjangRoad #01-01CitilinkWarehouseComplex Singapore118529 Tel:(65)6375-8560 Fax:(65)6273-3021 Email:fcal@fcal.fujitsu.com Web:http://www.fujitsu.com/sg/services/micro/components/
To
(c)2009FujitsuComponentsAmerica,Inc.Allrightsreserved.Alltrademarksorregisteredtrademarksarethepropertyoftheirrespective owners. FujitsuComponentsAmericaoritsaffiliatesdonotwarrantthatthecontentofdatasheetiserrorfree.Inacontinuingefforttoimproveour productsFujitsuComponentsAmerica,Inc.oritsaffiliatesreservetherighttochangespecifications/datasheetswithoutpriornotice. Rev.June30,2009.
be
Di
sc
on
Ti
nu
eD
9


▲Up To Search▲   

 
Price & Availability of FRL-274ND02401AY-01A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X