Part Number Hot Search : 
UC1842 SE20AFJ DSB3A30 BUF620 MBM300A6 SIL90 03CHS1 IT8206R
Product Description
Full Text Search
 

To Download FR607G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR601G THRU FR607G
Features
* Fast switching * Low leakage * Low forward voltage drop * High current capability * Glass passivated junction * High switching capability
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
P-6
0.360(9.1) 0.340(8.6) DIA.
1.0(25.4) MIN.
0.360(9.1) 0.340(8.6)
Mechanical Data
* Case : P-6 molded plastic body * Terminals : Plated axial lead solderable per MIL-STD-750, method 2026 * Polarity : Color band denotes cathode end * Mounting Position : Any * Weight : 0.094 ounce, 2.08 gram
1.0(25.4) MIN.
0.052(1.3) 0.048(1.2) DIA.
Dimensions in inches and (millimeters)
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length at TA=75E Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 6.0A Maximum DC reverse current at rated DC blocking voltage Maximum full load reverse current full cycle average. 0.375"(9.5mm) lead length at TL=55E Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Operating junction and storage temperature range IR VRRM VRMS VDC I(AV) IFSM VF
FR 601G
50 35 50
FR 602G
100 70 100
FR 603G
200 140 200
FR 604G
400 280 400 6.0 300 1.3 10
FR 605G
600 420 600
FR 606G
800 560 800
FR 607G
1000 700 1000
Units
Volts Volts Volts Amps
Amps Volts
iA 150
Trr CJ TJ TSTG
150 100 -65 to +175
250
500
ns pF E
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A. (2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
RATINGS AND CHARACTERISTIC CURVES FR601G THRU FR607G
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50W NON INDUCTIVE 10W NON INDUCTIVE
+0.5A
Trr
(+)
25Vdc (APPROX)
D.U.T.
PULSE GENERATOR (NOTE2)
0 -0.25A
(
)
NON INDUCTIVE
1W
OSCILLOSCOPE (NOTE1) -1.0A
1cm
NOTES : 1.Rise Time=7ns max. input impedance=1 megohm 22pF 2.Rise Time=10ns max. source impedance =50 ohms
SET TIME BASE FOR 50/100 ns/cm
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT(AMPERES) 500 400 300 200 100 0 1 2 4 6 8 10 20 40 60 100 NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE WAVE (JEDEC Method)
6 AVERAGE FORWARD CURRENT(A) 5 4 3 2 1 0 0 25 50 75 100 125 150 175 AMBIENT TEMPERATURE ( E )
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG.4-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
1000 INSTANTANEOUS FORWARD CURRENT(AMPERES) JUNCTION CAPACITANCE(pF)
200 100 60 40 20 10 6 4 2 1 0.1 0.2 0.4 1 2 4 10 20 40 100
TJ=25E
100
10
TJ=25E
1
Pulse Width=300mS 1% Duty Cycle
0 0.6
REVERSE VOLTAGE. (V) 0.8 1.0 1.2 1.4 1.6 1.8 2.0
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)


▲Up To Search▲   

 
Price & Availability of FR607G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X