Part Number Hot Search : 
M188R6 TL432A ISL28217 ZX84C10 VN1120ND W83877F 2DD1621T ZX84C10
Product Description
Full Text Search
 

To Download FEC15-24S5P1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
APPLICATIONS Wireless Network Telecom/Datacom Industry Control System Measurement Equipment Semiconductor Equipment Railway system
* 15 WATTS OUTPUT POWER * OUTPUT CURRENT UP TO 4.5A * STANDARD 2.0 X 1.0 X 0.4 INCH PACKAGE * HIGH EFFICIENCY UP TO 88% * 4:1 ULTRA WIDE INPUT VOLTAGE RANGE * SIX-SIDED CONTINUOUS SHIELD * FIXED SWITCHING FREQUENCY * RAILWAY APPLICATION * CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC * UL60950-1, EN60950-1 AND IEC60950-1 LICENSED * ISO9001 CERTIFIED MANUFACTURING FACILITIES * COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC Positive logic & Negative logic Remote On/Off
OPTIONS DESCRIPTION
The FEC15W series offer 15 watts of output power from a 2 x 1 x 0.4 inch package. The FEC15W series with 4:1 ultra wide input voltage of 9-36 and 18-75 VDC. All specifications are typical at nominal input, full load and 25C otherwise noted
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Minimum load Line regulation LL to hl at Full load Full load and nominal Vin
INPUT SPECIFICATIONS
15 Watts, max. 1% 0% Input voltage range 24V nominal input 48V nominal input Input filter Input surge voltage 24V input 1Sec max 48V input Input reflected ripple current Nominal Vin and full load Nominal Vin and Start up time Power up 20mS, typ. constant resistive load 24V input 9VDC Start-up voltage 48V input 18VDC 24V input 7.5VDC Shutdown voltage 48V input 15VDC Remote ON/OFF (Option) (Note 6) (Positive logic) DC-DC ON Open or 3 V < Vr < 12V DC-DC OFF Short or 0V < Vr < 1.2V (Negative logic) DC-DC ON Short or 0V < Vr < 1.2V DC-DC OFF Open or 3 V < Vr < 12V Input current of Remote control pin Nominal Vin -0.5mA ~ + 0.5mA Remote off state input current Nominal Vin 2.5mA 9 - 36VDC 18 - 75VDC Pi type 50VDC 100VDC 20mAp-p
0.2% Single 0.5% Dual Single 0.5% Load regulation No load to Full load 1% Dual Cross regulation (Dual) Asymmetrical load 25% / 100% FL 5% 20MHz bandwidth Ripple and noise See table (Measured with a 0.1F/50V MLCC) 0.02% / C, max. Temperature coefficient Transient response recovery time 25% load step change 3.3V output Over voltage protection 5V output Zener diode clamp 12V output 15V output Over load protection % of FL at nominal input Short circuit protection 250S 3.9VDC 6.2VDC 15VDC 18VDC 150%, typ.
Hiccup, automatics recovery See table 1600VDC, min. 1600VDC, min. Connect case to -Vin with decoupling Y Cap 10 ohms, min. 1500pF, max. 400KHz, typ. IEC60950-1, UL60950-1, EN60950-1 Nickel-coated copper FR4 PCB Epoxy (UL94-V0) 2.00 X 1.00 X 0.40 Inch (50.8 X 25.4 X 10.2 mm) 27g (0.95oz) BELLCORE TR-NWT-000332 MIL-HDBK-217F 1.819 x 10 hrs 5 9.205 x 10 hrs
6
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature (Note 7) Maximum case temperature Storage temperature range -40C ~ +76C (without derating) +76C ~ +105C (with derating) 105C
GENERAL SPECIFICATIONS
Efficiency Isolation voltage Case grounding Isolation resistance Isolation capacitance Switching frequency Approvals and standard Case material Base material Potting material Dimensions Weight MTBF (Note 1) Input to Output Input(Output) to case
9
-55C ~ +125C Nature convection 12C/Watt Thermal impedance (Note 8) Nature convection with heat-sink 10C/Watt Thermal shock EN61373, MIL-STD-810F Vibration Relative humidity EN61373, MIL-STD-810F 5% to 95% RH EN55022, EN55011 EN61000-4-2 EN61000-4-3 Air Contact 8KV 6KV 10 V/m 2KV 1KV 2KV 10 Vr.m.s Class B Perf. Criteria B Perf. Criteria A Perf. Criteria B Perf. Criteria A Perf. Criteria B Perf. Criteria A
EMC CHARACTERISTICS
EMI (Note 9) ESD Radiated immunity
Fast transient(Note 10) EN61000-4-4 Surge (Note 10) Conducted immunity EN61000-4-5 EN61000-4-6
Page 1 of 3
Issued Date2009/02/27
Model Number
FEC15-24S3P3W FEC15-24S05W FEC15-24S5P1W FEC15-24S12W FEC15-24S15W FEC15-24D05W FEC15-24D12W FEC15-24D15W FEC15-48S3P3W FEC15-48S05W FEC15-48S5P1W FEC15-48S12W FEC15-48S15W FEC15-48D05W FEC15-48D12W FEC15-48D15W
Input Range
9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC
Output Voltage
3.3 VDC 5 VDC 5.1 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 5.1 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
Output Current
Min. load 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA Full load 4500mA 3000mA 3000mA 1250mA 1000mA 1500mA 625mA 500mA 4500mA 3000mA 3000mA 1250mA 1000mA 1500mA 625mA 500mA
Output (4) Ripple & Noise
50mVp-p 50mVp-p 50mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 50mVp-p 50mVp-p 50mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p
Input Current
No Load 50mA 65mA 65mA 22mA 22mA 55mA 30mA 30mA 35mA 35mA 35mA 15mA 15mA 35mA 17mA 17mA
(3)
Full Load 755mA 753mA 768mA 753mA 753mA 753mA 744mA 744mA 377mA 372mA 379mA 377mA 377mA 372mA 372mA 372mA
(2)
Eff (4) Capacitor (5) (%) Load max
86 87 87 87 87 87 88 88 86 88 88 87 87 88 88 88 14700F 7200F 7200F 1250F 800F 3600F 625F 400F 14700F 7200F 7200F 1250F 800F 3600F 625F 400F
Note:
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40C. MIL-HDBK-217F Notice2 @Ta=25 C, Full load(Ground, Benign, controlled environment) 2. Maximum value at nominal input voltage and full load. 3. Typical value at nominal input voltage and no load. 4. Typical value at nominal input voltage and full load. 5. Test by minimum Vin and constant resistive load. 6. The ON/OFF control pin voltage is referenced to -Vin. To order positive logic ON/OFF control add the suffix-P (Ex: FEC15-48S05W-P) To order negative logic ON/OFF control add the suffix-N (Ex: FEC15-48S05W-N) 7. 0perating ambient temperature: Converter can meet the railway T2 temperature requirement at full load. The operating temperature can up to Ta = 85C as power derating from 100% to 80% for TX requirement. 8. Heat sink is optional and P/N: 7G-0020C-F. 9. EN55022 and EN50155 1) To meet Class A with parallel an external capacitor to the input pins. Recommend : 24Vin : NA. 48Vin : 1F/100V 1210 MLCC. 2) To meet Class B please refer to the suggestion filter in next page. 10. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220F/100V, ESR 48m.
FEC15-48S05W Derating Curve With Heatsink (Note 7 )
1.
OUTPUT POWER (%)
FEC15-48S05W Derating Curve
OUTPUT POWER(%)
120 100 80 60 40 20 0 -40
120 100 80 60 40 20 0
Natural convection 100LFM 200LFM 300LFM 400LFM 500LFM
-20 0 20 40 60 80 80.4 100 120
Natural convection 100LFM 200LFM 300LFM 400LFM 500LFM
-40 -20 0 20 40 60 8084.5 100 105 120
AMBIENT TEMPERATURE()
105
AMBIENT TEMPERATURE()
FEC15-48S05W Efficiency VS Input Voltage
EFFICIENCY(%)
90
EFFICIENCY(%)
88 86 84 82 80 78 18 24 30 36 42 48 54 60 66 72
95 90 85 80 75 70 65 60 55 50 45
FEC15-48S05W Efficiency VS Output Load
INPUT VOLTAGE (V)
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Page 2 of 3
Issued Date2009/02/27
1.00(25.4) 0.50 (12.7) DIA. 0.04(1.0) 0.800(20.32)
0.400 (10.16) 0.400 (10.16)
0.40 (10.2)
2.00(50.8)
3
View
4
5
Bottom
Recommended Filter for EN55022 Class B Compliance The components used in the above figure, together with the manufacturers' part numbers for these components, are as follows:
0.22(5.6)
12
6
0.100(2.54) 0.200(5.08) 1. All dimensions in Inches (mm) Tolerance: X.XX0.02 (X.X0.5) X.XXX0.01 (X.XX0.25) 2. Pin pitch tolerance 0.01(0.25) 3. Pin dimension tolerance 0.004 (0.1)
0.60(15.2)
C1 FEC1524XXXW FEC1548XXXW 2.2F/50V 1812 MLCC
C2 NA
C3
C4
1000pF/2KV 1000pF/2KV MLCC MLCC
2.2F/100V 2.2F/100V 1000pF/2KV 1000pF/2KV 1812 MLCC 1812 MLCC MLCC MLCC
L1 450H Common Choke PMT-048 325H Common Choke PMT-050
PIN CONNECTION
PIN 1 2 3 4 5 6 SINGLE + INPUT - INPUT + OUTPUT NO PIN - OUTPUT CTRL (Option) DUAL + INPUT - INPUT + OUTPUT COMMON - OUTPUT CTRL (Option)
Recommended EN55022 Class B Filter Circuit Layout
Page 3 of 3
Issued Date2009/02/27


▲Up To Search▲   

 
Price & Availability of FEC15-24S5P1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X