Part Number Hot Search : 
AN30X0A T1501 SA3418B HA13135 70N20 PT2329 LM64C391 BUJ105AX
Product Description
Full Text Search
 

To Download EX-620-CGF-107F-128000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EX-620 Series
Evacuated Miniature Crystal Oscillator EMXOTM
Description:
The EX-620 Series offers a ruggedized hybrid thick film construction in a low profile hermetically sealed 4pin HALF DIP package, which can withstand severe environmental conditions. This product utilizes VI's EMXOTM technology resulting in excellent stability performance and fast warm-up with low power consumption.
Features:
* IT Cut Crystal * Temp Stability to +/-5x10-8 over 0 to +70 C C * Low Power Consumtion: <0.3W @ 25 , 0.6W @ -40C C * Fast Warm-up: 60 seconds @ 25 C * 4-Pin Half Dip: 0.52"(W)x0.52"(L)x0.30"(H) * Weight: <3gm * Available in Thru Hole and Surface Mount Package
Frequencies Standard Frequencies Frequency Stabilities
Parameter vs. operating temperature range (Referenced to frequency at +25 C) Operating Temperature vs. Stratum 3 per GR-1244-CORE Holdover Drift MTIE vs. supply voltage change vs. load change vs. aging / day vs aging / year Warm-up Time
1
10Mhz to 30Mhz 10, 11.68, 12.8, 16.384, 19.44, 20, 30Mhz
Operating temp Ordering Code range -0 ... +70C C508 -20 ... +70C D758 -40... +85 C F107 -20 ... +70C DST3 -40... +85 C FST3 24 hours Over 7100 seconds 0.16sec < ObserveTimes < 64sec VS 5% Load 10% after 30 days of operation after 30 days of operation 100ppb of freq at 1hr after turn on @ +25 C 100ppb of freq at 1hr after turn on @ -40 C
Min -50 -75 -100 -140 -140 -370 -4.63 -20 -10 -2 -300
Typ
Max. +50 +75 +100 +140 +140 +370 +4.63 1x10-6 +20 +10 +2 +300 60 90
Units ppb ppb ppb ppb ppb ppb 10-13/sec ppb ppb ppb ppb seconds seconds
Supply voltage (Vs)
Parameter Supply voltage Power consumption Min 4.75 3.135 Typ 5 3.3 Max. 5.25 3.465 1.5 0.3 0.6 Units VDC VDC Watts Watts Watts Condition Ordering Code C D during warm-up steady state @ +25 C steady state @ -40C
RF Output
Parameter HCMOS Min Load Signal Level (Vol) Signal Level (Voh) Duty cycle Load Output Power Output Power Harmonics Spurs Typ 15 Max. 0.1 Vs 0.8 Vs 40 50 0 3 4 7 -30 -60 dBm dBm dBc dBc 50 Ohm load 50 Ohm load 50 Ohm load 50 Ohm load G H 60 Units pF VDC VDC % Condition 15pF load 15pF load @ (Voh-Vol)/2 Ordering Code A
Sinewave
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2008-07-07 * page 1 of 5 Vectron Asia Pacific Sales Office 1F-2F, No 8 Workshop, No 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, P.R. China 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax
EX-620 Series
Evacuated Miniature Crystal Oscillator EMXOTM
Frequency Tuning (EFC)
Parameter Fix Frequency (referenced to norminal frequency) Tuning Range (referenced to norminal frequency) Linearity Tuning Slope Min -1 3 Positive Typ Max. +1 10 20 Units ppm ppm % Condition No EFC input from 0V to Vs Ordering Code F A
Additional parameters
Parameter Phase Noise3 Min Max. -100 -130 -140 -145 2x10-10 3.0 Handling & processing note Typ Units dBc/Hz dBc/Hz dBc/Hz dBc/Hz g Condition 10 Hz 100 Hz 1 kHz 10 kHz Tau = 1 second to 10 seconds
Allan Deviation Weight Processing & Packing
Absolute Maximum Ratings
Parameter Supply voltage (Vs) Output Load Operable temperature range Storage temperature range Min Typ Max. 5.5 5.5 30 +85 +85 Units V V pF C C Condition with Vs=5.0VDC with Vs=3.3VDC
-55 -55
Environmental Conditions
Parameter Mechanical Shock (survive): Vibration Random (survive): Vibration Sine (survive): Thermal Shock (survive): Condition MIL-STD-202, Test Method 213, Condition E (1000G, 0.5msec) MIL-STD-202, Test Method 214, Condition I-H (20Grms, 3 minutes/axis) MIL-STD-202, Test Method 204, Condition D (20Grms, 20 minutes/axis) MIL-STD-202, Test Method 107, Condition A-2 (50 Cycles, -55oC to +85oC)
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2008-07-07 * page 2 of 5 Vectron Asia Pacific Sales Office 1F-2F, No 8 Workshop, No 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, P.R. China 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax
EX-620 Series
Evacuated Miniature Crystal Oscillator EMXOTM
Enclosures Thru Hole
Package Codes Type
SMD
Package Codes Type
EX-620
A1
Height 7.62 (.30) mm(in.)
EX-625 EX-621
A2 A3
Height: "H" 8.89 (.35) mm(in.) 9.65 (.38) mm(in.)
Pin Connections
Pin # 1 2 3 4 With EFC Input Electrical Frequency Adjust Input (EFC) Ground (Case) RF Output Supply Voltage Input Fix Frequency No Connection Ground (Case) RF Output Supply Voltage Input Pin # 1 2 3 4 With EFC Input
Pin Connections
Fix Frequency No Connection Ground (Case) RF Output Supply Voltage Input Electrical Frequency Adjust Input (EFC) Ground (Case) RF Output Supply Voltage Input
Pin numbers are for reference only. They do not appear on the unit.
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2008-07-07 * page 3 of 5 Vectron Asia Pacific Sales Office 1F-2F, No 8 Workshop, No 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, P.R. China 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax
EX-620 Series
Evacuated Miniature Crystal Oscillator EMXOTM
Recommended Reflow Profile
tp
Tp
Ramp up
Ts
Critical Zone TL to Tp
TL
Temperature
tL
Ramp dow n
Ts
ts preheat
25
t 25 to peak C
Time
Profile Feature Sn-Pb Assembly Profile Feature Sn-Pb Assembly
C, PRECAUTION: EX-62x Series shall not expose to temperature higher than 230C. If exposing to temperature higher than 230 stability and power consumtion may permanently degrade. Average ramp-up rate (TL to Tp) Preheat -Temperature Min Tsmin) -Temperature Min Tsmax) -Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintainted above - Temperature (TL) - Time (tL) Peak Temperature (Tp) 3 C/second max. 135c 155c 60-90 seconds 3 C/second max. 183C 45-60 seconds max 220 C Time within 5 of actual C Peak Temperature (tp) Ramp-down Rate 10-20 seconds max. 6 C/second max. Time 25C to Peak Temperature Time maintainted above - Temperature (TL) - Time (tL) 4 minutes max. 183C 45-60 seconds
Note: All temperatures refer to topside of the package, measured on the package body surface.
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2008-07-07 * page 4 of 5 Vectron Asia Pacific Sales Office 1F-2F, No 8 Workshop, No 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, P.R. China 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax
EX-620 Series
Evacuated Miniature Crystal Oscillator EMXOTM
How to Order this Product:
Step 1 Use this ordering information to specify the required parameters and forward it to your factory presentative
EX
EX= EMXO
-
620
-
D
A
F
-
107
A
-
12.8000
Output Frequency 10.0000 MHz 12.8000 MHz 16.3840 MHz 20.0000 MHz 30.0000 MHz
MHz
Package 620 (A1) = Thru Hole/ HCMOS 625 (A2) = SMD/HCMOS 621 (A3) = SMD/Sine
Supply Voltage D = 3.3 Vdc +/-5% C = 5.0 Vdc +/-5%
Other Options A = Electrical Frequency Control (EFC) F = Fixed Frequency
Temperature & Stability D-758 = +/-75 ppb over -20oC to +70oC F-107 = +/-100 ppb over -40oC to +85oC Stratum 3 Requirements per GR-1244-CORE DST3 = +/-140 ppb (+/-280peak-peak) over -20oC to +70oC FST3 = +/-140 ppb (+/-280peak-peak) over -40oC to +85oC
Output A = CMOS G = +0dBm sine H = +3dBm sine
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2008-07-07 * page 5 of 5 Vectron Asia Pacific Sales Office 1F-2F, No 8 Workshop, No 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, P.R. China 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax


▲Up To Search▲   

 
Price & Availability of EX-620-CGF-107F-128000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X