Part Number Hot Search : 
UPD23C32 TMH0512D AN5295 D3055 44000 Z7500 C2012X7 SL702B
Product Description
Full Text Search
 

To Download EDS04RJ45-2X1-8X8-T9S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series TS-EDS04 Modular Jacks (PCB Edge-Mounted, Shielded)
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Operating Temp. Range: Mating Cycles: 500M min. at 100V DC 1,000Vrms min. 60Hz 30m max. at 10mA / 20mV max. -30C to +70C 1,000 insertions
I/O Connectors
*x* - 8x8 - T9S
Part Number (Details)
EDS04RJ45
Series No.
2x1 = Two Jacks in One Row 2x4 = Two Jacks in Four Rows Contacts: 8 Pin / 8 Contacts Design No.
Materials and Finish
Insulator: Contacts: Contact Plating: Solder Plating: PA9T (UL94V-0) Phosphsor Bronze Gold over Nickel Tin over Nickel
Features
2x1 and 2x4, 8 pins with 8 contacts, PCB edge-mount Tape and Reel packaging (60 pcs./ tray)
Outline Dimensions
View A
View A
Recommended PCB Layout
EDS04RJ45-2x4-2x8-T9S EDS04RJ45-2x1-2x8-T9S
Top View
Trading Division
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Connectors
E-87
Modular Jacks
View A


▲Up To Search▲   

 
Price & Availability of EDS04RJ45-2X1-8X8-T9S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X