Part Number Hot Search : 
M170E TS52051 PT61020L 1016012 FST8130 46400 16832 BP87C54
Product Description
Full Text Search
 

To Download DSHVT230C101JN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT
Available up to 5kV COG(NPO), X7R and Z5U Dielectrics Higher voltages possible For applications including small modular power supplies Excellent for surface mount placement machines SECTION 1
CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
SPECIFICATION
Dielectric classification Rated temperature range Max. capacitance change over temp. range. No DC voltage supplied Tangent of loss angle (tan) COG COG (NPO) -55C to +125C 0 30ppm/C Cr>50pF0.0010 Cr50pF=0.0010 (15 +0.7)
Cr
X7R X7R -55C to +125C 15% 0.025
Z5U Z5U -25C to +85C +22-56% 0.030
Insulation resistance (Ri) Time constant (Ri X Cr) (whichever is less) Dielectric strength 500V 1KV Climate category Ageing characteristics (Typical)
100G or 1000s
100G or 1000s
10G or 100s
Voltage applied for 5 seconds. Charging current limited to 50mA maximum. 1.5 times 1.5 times 1.5 times 1.5 times 1.25 times 55/125/56 55/125/56 25/085/56 Zero 1% per time decade 6% per time decade
TOLERANCES
Dielectric Capacitance Tolerance COG 0.25pF (C) 0.50pF (D) Cr10pF 1% (F) 2% (G) 5% (J) 10% (K) X7R Z5U 5% (J) 20% (M) 10% (K) -20+80% (Z) 20% (M)
ORDERING INFORMATION DSHV
Range
J
Voltage J = 500V M = 1KV P = 2KV R = 3KV T = 4KV V = 5KV
10
Size 1206 1210 1812 2220
C
Dielectric C = COG (NPO) R = X7R W = Z5U
70
Value Example 101 = 100pF 102 = 1nF 103 = 10nF 104 = 100nF
J
Tolerance See Above for code
N
Plating N = Nickel Barrier
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
SURFACE MOUNT
CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
SECTION 1
CAPACITANCE Vs TEMPERATURE - COG
0.15 0.10 0.05
TEMPERATURE/VOLTAGE CHARACTERISTICS - COG
5 4 3 2 1 0
%C
%C
0 -0.5 -0.10 -0.15 -55 -40 -20 0 20 40 60 80 100 120
-1 -2 -3 -4 -5 -55 -40 -20 0 20 40 60 80 100 120
Temperature C
Temperature C
CAPACITANCE & TAN Vs TEMPERATURE - Z5U
20 10 0
%C
TEMPERATURE/VOLTAGE CHARACTERISTICS - Z5U
10 0 -10 -20 -30
%C
Tan
-10 -20 -30 -40 -50 -20 -10 0 10 20 30 40 50 60 Temperature C 70 80 C
Zero Voltage
-40 -50 -60 -70 -80 -90 -20 -10 0 10 20 30 40 50 60 Temperature C 70 80 Rated Voltage
TEMPERATURE/VOLTAGE CHARACTERISTICS - X7R
10 0 -10
%C
CAPACITANCE & TAN Vs TEMPERATURE - X7R
5 0
%C
Tan
Zero Voltage
-5 -10 -15
C
-20 -30 -40
Rated Voltage
-55 -40 -20
0 20 40 60 80 100 120 Temperature C
-55 -40 -20
0 20 40 60 80 100 120 Temperature C
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
SURFACE MOUNT DIMENSIONS (mm)
SECTION 1
Size Code 1206 1210 1812 2220 L (mm) 3.20.3 3.20.3 4.50.35 5.70.4 W (mm) 1.60.2 2.50.3 3.20.3 5.00.4 T max (mm) 1.6 2 2.5 2.5 min (mm) 0.25 0.25 0.25 0.25 P max (mm) 0.75 0.75 0.75 0.75
CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV OUTLINE DRAWING
T L
W
P
C
P
RANGE - 500V
Capacitance 10 COG X7R 110 COG 11 COG
Capacitance COG 390pF 470 560 680 820 1.0nF 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10nF 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390
10 X7R Z5U
COG
110 X7R Z5U
COG
11 X7R Z5U
COG
0 X7R Z5U
1.0pF 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
SURFACE MOUNT
CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
SECTION 1
RANGE - 1KV, 2KV
Capacitance 10 COG 1KV 110 COG 1KV 11 0 COG X7R COG X7R 1KV 2KV 1KV 2KV 1KV 2KV 1KV 2KV Capacitance 1812 X7R X7R 1KV 10 12 15 18 22 27 33 39 47 56 2220 X7R 1KV 2KV
1.0pF 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10pF 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1.0nF 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2
5
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
SURFACE MOUNT
CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
SECTION 1
RANGE - 3KV, 4KV & 5KV
Capacitance 10pF 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 1812 COG 3KV 2220 COG 3KV Capacitance 220 270 330 2220 COG 3KV 2225 COG 3KV
TAPE DIMENSIONS
P0 T Sealing Tape K0 D0 P2 E A0 B0 FW
T2
Embossment
P1 Feed Direction
Cavity centre lines
D1
A0 B0 K0 W F E P1 P2 P0 D0 D1 T T2
Dependant on chip size to minimise rotation 80.2 3.50.05 1.750.1 40.1 20.05 40.1 1.5+0.1-0 1+0.1-0 0.30.1 0.1 max.
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
SURFACE MOUNT
CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
REEL DIMENSIONS (MM)
1.5 min. T
SECTION 1
20.2 min. A
13 0.5 60 min.
A G T
178 2 8.4+1.5-0 14.4 max.
G
LEADER & TRAILER
END START
40 empty sealed embossments min. TRAILER
length is quantity dependant COMPONENTS
20 sealed embossments min. LEADER 400mm min.
Product identifying label Plastic carrier tape
Embossment
Top tape
8 or 12mm nominal
178mm dia. reel
PACK QUANTITIES (ALL DIELECTRICS)
ChipSize PackQuantity 1206 2500 reels 1210 2000 reels 1812 1000 reels 2220 1000 reels
7
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
CAPACITORS - ELECTROYTICS LEADED (THROUGH HOLE) CEA
CONTENTS
85C Axial 105C Axial 85C Radial 85C Reduced Radial 85C Minature Radial 85C Sub Minature Radial 105C Minature Radial 85C Non Polar Radial 105C Low Leakage Radial 105C Radial 105C Low Impedance Radial 105C Very Low Impedance Radial 105C Ultra Low Impedance Reduced Radial 105C Low Impedance, Low ESR
29-30 31-32 33-35 36-37 38-39 40-41 42-43 44-45 46-47 48-50 51-53 54-57 58-59 60-62 63-64
CEAJ CEBM CEBR CEK CEKR CEKJ CEBNP CLLA DJ3 DJ4X DSH DSHR DSHX Taping Spec CLP DPG
85C Snap-in 105C Snap-in
65-68 69-72
SURFACE MOUNT DVCR DVJR DVCNP DVJL DVJRHV 85C Electrolytic Chip 105C Electrolytic Chip Non Polarised Elecrolytic Chip 105C Low Impedance Electrolytic Chip 105C High Voltage Electrolytic Chip 73-75 76-77 78 79-80 81
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758


▲Up To Search▲   

 
Price & Availability of DSHVT230C101JN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X