Part Number Hot Search : 
PCF8577C IRFI4020 STPA200 DS050 P0461 14300 C9068 FDLL916
Product Description
Full Text Search
 

To Download DRP024V240W3AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CliQ Din Rail Power Supply 24V 240W 3 Phase DRP024V240W3AA
DRP024V240W3AA 240Watts Total Power: 240Watts Input Voltage: 320-575Vac # of Output: Single
Model number
Reference no. OUTPUT (DC)
Output power Output voltage range Output current Residual ripple/peak switching (20MHz) (@ nominal values) Mains buffering at nominal load (typ.) Line regulation Load regulation
DRP024V240W3AA
EOE12010007 240W 22 - 28V 10A < 50mV / < 240mVpp > 35ms @ 3 x 400Vac, > 60ms @ 3 x 500Vac < 0.5% typ. (@ 320 - 575Vac input, 100% load) < 1% typ. (with rated input, 0 - 100% load) 320 - 575Vac (DC input range 450 - 800Vdc) 47 - 63Hz 0.8A @ 400Vac approx. > 87% @ 3 x 400Vac, > 86% @ 3 x 500Vac Conform to EN61000-3-2 STD < 40A @ 400Vac < 3.5mA
Special Features
- Ease of wire connection to terminals - Compact design for easy handling - Overload protection - Overvoltage protection - Thermal protection - Power boost 150% for 3 seconds - Expected life time : 10 years - Shock proof IEC60068-2-27 - Vibration IEC60068-2-6 - Cooling : Convection - Operating Humidity : < 95% - Redundancy : Yes (with external ORing diode) - RoHS compliant
INPUT (AC)
Input voltage range Input frequency Nominal current Efficiency Power factor Inrush current limitation It (+25C) typ. Leakage current
MECHANICAL DESIGN
Case cover Dimensions (L x W x H) Unit weight / box MTBF Noise Cooling Input terminal Output terminal Mounting rail Shock proof Vibration Protection structure Aluminium (AI5052) 121mm x 85mm x 120.5mm 0.990kg > 300,000 hrs Sound pressure level (SPL) < 40dBA Convection M4 x 4; 600V rating M4 x 2 (2 pcs); 600V rating Standard TS35 mounting rail IEC60068-2-27 IEC60068-2-6 EN60950 meet IPX0
3 PET
E315355
R
CliQ Din Rail Power Supply 24V 240W 3 Phase DRP024V240W3AA
MECHANICAL DRAWING
Delta Electronics (Thailand) Public Company Limited 909 Moo 4, E.P.Z., Bangpoo Industrial Estate, Tambon Prakasa, Amphur Muang Samutprakarn, Samutprakarn 10280, Thailand Tel: +662 709 2800 Fax: +662 709 2827 E-mail: VL@delta.co.th www.deltaenergysystems.com
SAFETY / ENVIRONMENTAL EMC / Emissions
Immunity Safety standard
Voltage dips Galvanic isolation
Class B / EN55022, CISPR22, Class B; FCC Tilte 47; EN61204-3 (Class B on AC & Class A on DC side), EN55022:2006 Class B, EN61000-3-2:2006, EN61000-3-3:1995/ A1:2001/A2:2005 EN55024:1998/A1:2001/A2:2003 UL508, CSA C22.2 No.107.1-01,UL60950-1, CSA C22.2 No.60950-1, IEC60950-1, EN60950-1, EN50178, IEC62103 and IEC60204-1 Conform to EN61000-4-11 Input to output: 4KVac Input to ground: 1.5KVac Output to ground: 1.5KVac -20C ~ 75C * -25C ~ 85C < 95% * Operating amb. > 50C derate power by 2.5% / C; Operating amb. > 70C derate power by 4% / C
Operating ambient temperature Storage temperature Operating humidity Note (*)


▲Up To Search▲   

 
Price & Availability of DRP024V240W3AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X