Part Number Hot Search : 
AOB411L FW300B1 EMIF0 NTE0505M AK9844F 5330H1 CA500 FW300B1
Product Description
Full Text Search
 

To Download DPC56-80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER TRANSFORMER
1. CONFIGURATION & DIMENSIONS :
H 1.041 (0.041) W B A-8 A-8
DPC56-80 (F) SERIES
A-8
B
8 7 6 5
1 2 3 4
L
A-8 A-8
4.76 (0.188)
PC TERMINAL (PLUG-IN MOUNTING) TYPE DPC 8 PINS
PCB Pattern
UNIT : mm (inch) WT. B 27.94 (1.100) (gram) 197.86 OPTIONAL BRACKET * NO. --MW --MD ---
SIZE (VA) 4.4 L 41.28 (1.625) W 31.75 (1.250) H 34.93 (1.375)
A-8 8 PIN 6.35 (0.250)
2. SCHEMATIC :
1 5 1 5
230V 2 PRI 3
6 7
2 3 115V PRI 4
Eo
6 7
Eo
4 Series Connected
8
8 Parallel Connected
3. ELECTRICAL CHARACTERISTICS ( @ 25C ) : a. Primary Voltage b. No Load Primary Current c. Secondary Voltage (5%) d. Secondary Load Current e. Full Load Primary Current f. Full Load Secondary Voltage (5%) g. DC Resistance Pin 1-2 Pin 3-4 Pin 5-6 Pin 7-8 h. Insulation Resistance i. Withstand Voltage (Hi-Pot) j. Temperature Rise k. Core Size l. Turns & Wire Gauge Primary-1 Pin 1-2 Primary-2 Pin 3-4 Secondary-1 Pin 5-6 Secondary-2 Pin 7-8 AC 115/230 V 50/60 Hz . Less Than 30mA . Series AC - V . Parallel AC - V . Series 80mA . Parallel 160mA . Less Than - mA . Series 56.00V . Parallel 28.00V . Primary-1 = 277 Ohm . Primary-2 = 332 Ohm . Secondary = - Ohm . = - Ohm . DC 500V 100Meg Ohm Of More . AC 1500V 60Hz 1 Minutes . Less Than 60 Deg C . EI-41 x 13.50 m/m . Turns Diameter Turns Diameter Turns Diameter Turns Diameter m/m . m/m . m/m . m/m .
NOTE : Specifications subject to change without notice. Please check our website for latest information.
17.03.2008
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1


▲Up To Search▲   

 
Price & Availability of DPC56-80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X