Part Number Hot Search : 
31DF6 74HC00P AD842KQ CT373 5H100 HCS139MS SMBJ90A 2N2904U1
Product Description
Full Text Search
 

To Download DF19L-20P-1H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF19 Series
Small configuration and board space
8.2 7.2 Receptacle 1.65 Plug DF19A-2830 / 3032 / 36SCFA PCB 8.2 7.2 DF19G-*P-1H(56) 1.65 DF19G-*S-1F(05) DF19G-*S-1F-GND(05) PCB 1.50.1 Discrete wire (1.7) FPC Plug DF19G-*S-1C(05) (7.7) DF19-*P-1V(56) Receptacle 1.30.2 DF19G-*S-1SD(05) +DF19G-*S-1SD-GND DF19-*P-1V(56)
Micro-coaxial cable 1.5 FPC (1.7)
Horizontal mounting
Overview
Industry and market accepted as "De facto" standard for LCD panel connections (panels under 12 inches). High-performance connectors for LVDS high-speed differential signals.
(7.7) (0.78) Micro-coaxial cable (7.7)
Features
1. Small configuration and board space
Thin design accepts discrete wire, thin micro-coaxial cable (O1.5mm, O1.6mm max.) and FPC 1.7 mm maximum thick.
2. Common use of receptacle
The same receptacle will accept plugs terminated with discrete wire, FPC or micro-coaxial cable.
Vertical mounting
3. Uniform external dimensions
The plug assembly external dimensions remain the same when is terminated with discrete wire, FPC or micro- coaxial cable. Top-board mounting Discrete wire
4. Variety of mounting styles
Device design engineers have a choice of mounting styles: topboard, offset, reverse mount offset and vertical.
5. Ground connection
Metal grounding plates connect with the common ground line.
Offset mounting FPC
Applications
LCD connections in small consumer devices: digital cameras, notebook computers, PDA's. Any device requiring high-density interconnection for consistent high speed transmission data rates. Reverse, offset mounting
DF19
Micro-coaxial cable
Micro-coaxial cable Vertical mounting
FPC Twisted pair cable Notebook PC DF19 DF19 DF19
B253
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or willPitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors DF19 Series1 mm Contact be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
Product Specifications
Current rating AWG#28 : 1A AWG#30 : 0.9A AWG#32 : 0.8A Rating AWG#36 : 0.5A FPC Voltage rating 100V AC Item 1.Insulation resistance 2.Withstanding voltage 3.Contact resistance 4.Insertion-Extraction force (per contact) 5.Vibration 6.Humidity (Steady state) 7.Temperature cycle 500 Mo min. No flashover or insulation breakdown. 30 mo max. (50 mo max. for FPC)
Min. 0.2N, Max. 3N
Operating temperature range -35c to 85c Note 1 Storage temperature range -10c to 60c Note 2 -35c to 85c Note 2 Operating humidity range -20% to 80%
Storage humidity range
: 0.5A
-40% to 70%
Micro-coaxial cable AWG# 40: 0.3A
Specification 100 V DC
Conditions 300 V AC / one minute 100 mA Measured with a steel pin O0.20.005 Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 96 hours at temperature of 402c and humidity of 90% to 95% Temperature: -55c +5c to +35c +85c +5c to +35c Time (Minutes): -30 +10 +30 +10 5 cycles 30 cycles Re-flow soldering: At the recommended temperature profile Manual soldering: Soldering iron temperature 300c, 3 seconds
No electrical discontinuity of 1s or more. Contact resistance: 30 mo max. (50 mo max. for FPC) Insulation resistance: 500 Mo min. Contact resistance: 30 mo max. (50 mo max. for FPC) Insulation resistance: 500 Mo min.
8.Durability (insertion/ withdrawal) Contact resistance: 30 mo max. (50 mo max. for FPC) 9.Resistance to soldering heat No deformation of the insulator parts affecting performance.
Note1: Includes temperature rise caused by current flow. Note2: The term "storage" refers to connectors stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during transportation. Note3: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for a specific part number shown.
Materials / Finish
Product Receptacle Component Insulator Contacts Grounding plate Plug Crimp contact Plug for PPC Grounding plate for PPC Plug for micro-coaxial cable Grounding plate for micro-coaxial cable Insulator Tin-lead plated Contact Insulator Contact Grounding plate Insulator Contact Grounding plate Grounding plate Material Polyamide Phosphor bronze Phosphor bronze Polyamide Stainless steel Phosphor bronze Polyamide Phosphor bronze Stainless steel LCP Phosphor bronze Phosphor bronze Phosphor bronze Finish/Color Beige Gold plated Tin-copper plated Beige Tin-copper plated Gold Plated Beige Gold plated Tin-copper plated Beige Gold plated Tin plated Tin plated Remarks UL94V-0 ---------------------------------------------UL94V-0 ------------------UL94V-0 ----------------------------
B254
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will beDF19 Series1 mm Contact Pitch, Board-to-Cable, RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. discontinued soon. Please check the products status on the Hirose website Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
Ordering information
Connector
DF19 # - * P - 1 H
1 2 3 4 5 6
DF19 # - * S - 1 F - GND
1 2 3 4 5 6 7
1 Series Name 2 Configuration
: DF19
Receptacle
G : Top-board mounting (1.65mm high) K : Offset mounting (1.0mm high) L : Offset mounting (1.1mm high) KR : Reverse offset mounting version of DF19K (1.0mm high)
Plug
Blank : No grounding plate G : With grounding plate
Plug for FPC
G G G G : With grounding plate : With grounding plate : With grounding plate : With grounding plate
3 Number of contacts : 8,14,20,30 (Note 1) 4 Connector type S : Plug P : Receptacle 5 Contact pitch : 1mm 6 Mounting type/Termination type H : Horizontal SMT V : Vertical SMT C : Socket-discrete wire (crimp contact) F : Plug - FPC SD : Plug - micro-coaxial cable 7 Additional separate component GND : Ground plate (Note 2)
Grounding plate for FPC Plug for micro-coaxial cable Grounding plate for micro-coaxial cable
Note 1: Number of contacts will differ depending on the connector style. Note 2: Grounding plates are required when terminating with the FPC and micro-coaxial cable.
Contact
DF19A - 2830 SCF A (* *)
1 1 Conductor size 2830 : AWG#28~#30 3032 : AWG#30~#32 0036 : AWG#36 2 Contact type SCF : Plug contact, tape and reel packaging 2 3 3 Plating A : Gold 4
4 Packaging Blank : 10,000 pieces / reel (41) : 20,000 pieces / reel
B255
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or willPitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors DF19 Series1 mm Contact be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
Right angle receptacle, top-board mounting
2.375 P= 1 2.45
A B 0.25
2.175
4.7 2
Contact No. 1 indicator C 5.7 1.65
BPCB mounting pattern
1.850.1 10
+0.1
B0.05 P=10.05 0.550.05
1.65
1.650.1
2.50.05
2.5 +0.1 0
1.1 +0.1 0
Outline of the receptacle
No conductive traces
Specification (56): Tape & reel packaging (1,000 pieces per reel)
Unit: mm Part number DF19G-18P-1H (56) DF19G-14P-1H (56) DF19G-20P-1H (56) DF19G-30P-1H (56) CL No. 685-0021-0-56 685-0004-0-56 685-0006-6-56 685-0015-7-56 Number of contacts 8 14 20 30 A 11.55 17.55 23.55 33.55 B 7 13 19 29 C 11.95 17.95 23.95 33.95 1.65mm high YES Remarks RoHS
Note: Order by number of reels.
B256
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will beDF19 Series1 mm Contact Pitch, Board-to-Cable, RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. discontinued soon. Please check the products status on the Hirose website Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
Right angle receptacle, offset mounting
2.375 P=1 2.45
A B 0.25
2.175
4.7
DF19K identification indicator 2 Contact No. 1 indicator C F 6.7
1 1.46 F
BPCB mounting pattern
3.1750.1 P=10.05 1.5 +0.1 0 0.550.05 1 +0.1 0 B0.05 2.9750.1
5.50.1
0.3 2.5 +0.1 0 Outline of the receptacle D +0.2 -0.1 E0.1
Specification (56): Tape & reel packaging (1,000 pieces per reel)
(2.2)
Outline of the plug
0.3
5.30.1
Unit: mm Part number DF19K-20P-1H (56) DF19K-30P-1H (56) Part number DF19L-14P-1H (56) DF19L-20P-1H (56) DF19L-30P-1H (56) CL No. 685-0008-1-56 685-0032-6-56 CL No. 685-0003-8-56 685-0019-8-56 685-0016-0-56 Number of contacts 20 30 Number of contacts 14 20 30 A 23.55 33.55 A 17.55 23.55 33.55 B 19 29 B 13 19 29 C D E F 0.1 0.1 F 1.1 1.1 1.1 1.1mm high YES Remarks 1.0mm high RoHS YES 26.55 24.15 25.15 36.55 34.15 35.15
C D E
Remarks
RoHS
20.55 18.15 19.15 26.55 24.15 25.15 36.55 34.15 35.15
Note: Order by number of reels.
B257
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or willPitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors DF19 Series1 mm Contact be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
Right angle receptacle, reverse offset mounting
2.375 P=1 2.45
A B 0.25
2.175
4.7 2 1 1.46 1
Contact No. 1 indicator C 1 6.7
BPCB mounting pattern
3.1750.1 P=10.05
+0.1 0
B0.05
2.9750.1
0.550.05
1+0.1 0
1.5
5.50.1
0 2.5 +0.1
0.3 Outline of the receptacle Outline of the plug D +0.2 -0.1 E0.1
Specification (56): Tape & reel packaging (1,000 pieces per reel)
(2.2)
0.3
5.30.1
Unit: mm Part number DF19KR-14P-1H (56) DF19KR-20P-1H (56) CL No. 685-0024-8-56 685-0023-5-56 Number of contacts 14 20 A 17.55 23.55 B 13 19 C D E Remarks 1.0mm high RoHS YES 20.55 18.15 19.15 26.55 24.15 25.15
Note: Order by number of reels.
B258
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will beDF19 Series1 mm Contact Pitch, Board-to-Cable, RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. discontinued soon. Please check the products status on the Hirose website Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
Vertical receptacle
1.12
P=1 0.95 B A
0.25 1.3 1.56 5.22
1.07
Contact No. 1 indicator C
1.96 1 3.8
2
BPCB mounting pattern
1.5 +0
+0.1
+0.1
D0.05
Outline of the plus
1.45 +0
0.650.05
0.65 +0.1 0
2.5 +0.1 0
1.460.05
P=10.05 (E) 0.80.05 G0.05 (F)
0.550.05 1.7 +0
+0.1
2.20.05
Conductive traces in this area must be covered by dielectric compound.
Specification (56): Tape & reel packaging (1,000 pieces per reel)
0.25
Part number DF19-14P-1V (56) DF19-20P-1V (56)
CL No. 685-0036-7-56 685-0037-0-56
Number of contacts 14 20
A 17.9 23.9
B 13 19
C
D
15.25 14.95 6.675 6.325 21.25 20.95 9.675 9.325
Note: Order by number of reels.
A
Unit: mm E F G 13 19 RoHS YES
B259
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or willPitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors DF19 Series1 mm Contact be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
Plug (Discrete wire)
DF19-*S-1C
A B P=1 6.1 6.1
DF19G-*S-1C(05)
A B P=1
1.5
1.5
Contact No. 5 and multiples indicator Contact No. 1 indicator
A
Contact No. 5 and multiples indicator Contact No. 1 indicator
A
Contact No. 1 indicator
14
No. of contacts indicator
Shown with terminated and installed contacts
Specification Blank,(05): Bag packaging (100 pieces per bag)
Unit: mm Part number DF19 -18S-1C DF19 -14S-1C DF19 -20S-1C DF19 -30S-1C CL No. 685-0029-1 685-0012-9 685-0011-6 685-0013-1 Number of contacts A 8 14 20 30 B RoHS Part number CL No. Number of contacts A 8 14 20 30 B RoHS 11.5 7 17.5 13 23.5 19 33.5 29 YES DF19G -18S-1C(05) 685-0022-2-05 DF19G -14S-1C(05) 685-0005-3-05 DF19G -20S-1C(05) 685-0007-9-05 DF19G -30S-1C(05) 685-0014-4-05 11.5 7 17.5 13 23.5 19 33.5 29 YES
Note: Order by number of bags.
Crimp contacts
Part number CL No. Packaging Quantity See Specifications number below Finish RoHS
0.7 0.63
DF19A-2830SCFA (* *) 685-0048-6-** DF19A-3032SCFA (* *) 685-0046-0-** Tape & reel DF19A-3336SCFA (* *) 685-0047-3-**
Specification number * *(* *) Blank: Tape & reel packaging (10,000 pieces per reel) (41) : Tape & reel packaging (20,000 pieces per reel)
Gold plated YES
5.1
Applicable cable (Tin plated annealed conductor)
Wire size (stranded wire conductor) AWG#28 (7/ 0.127 mm) AWG#32 (7/ 0.08 mm) AWG#36 (7/ 0.05 mm) 0.27mm
Carrier strip
Applicable UL style UL1571 (Note2)
Strip length 1.2mm to 1.9mm
0.5 t=0.15
AWG#30 (7/ 0.1 mm)
0.5mm to 0.6mm
Note 1: When using other than the recommended wire, contact your Hirose sales representative. Note 2: Contact your Hirose sales representative when using AWG#36.
Tools
Part Applicator Press unit Part number AP105-DF19S CM-105 CL No. 901-4571-3 901-0005-4
Note 1: Use of other than Hirose Electric approved tools will void the product warranties. Note 2: Contact Hirose for the wire striping, contact crimp and contact insertion instructions.
B260
2
Jacket diameter
0.9
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will beDF19 Series1 mm Contact Pitch, Board-to-Cable, RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. discontinued soon. Please check the products status on the Hirose website Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
Plug (Flat Printed Circuit)
Note: Socket and grounding plate is required.
A B C P=1
5.95
A
1.2 CAV No.
Shown terminated with FPC
D0.08 0.450.3 C0.05 P=10.03 0.70.03
Polarizing mark indicator
1.850.25 20.15
0.350.25
2.20.05 0.20.15 0.20.1
0.30.15
.2 R0
t=0.1450.03
3.6
Ground area <
:1 to 5m thick solder plated>
MA XR MAXR0 0.2 .2
0.40.05 0.350.03 E0.05
Signal area <
:1 to 5m thick solder plated>
R0.
0.05 0.05
R 10 0.2 .05
(0.35)
0.30.15
Unit: mm Part number DF19G-14S-1F(05) DF19G-20S-1F(05) DF19G-30S-1F(05) CL No. 685-0017-2-05 685-0009-4-05 685-0033-9-05 Number of contacts 14 20 30 A 17.5 23.5 33.5 B 17.1 23.1 33.1 C 13 19 29 D 15.6 21.6 31.6 E 14 20 30 YES RoHS
Specification (05): Bag packaging (100 pieces per bag)
Note: Order by number of bags.
Ground plate for FPC
4.1
A B Contact No. 1 indicator No. of contacts indicator SIGNAL C D
14
1.5
Unit: mm Part number
DF19G-14S-1F-GND(05) DF19G-20S-1F-GND(05) DF19G-30S-1F-GND(05)
CL No. 685-0018-5-05 685-0010-3-05 685-0034-1-05
Number of Contacts 14 20 30
A
B
C
D 14.4 20.4 30.4
RoHS YES
15.75 14.35 17.5 21.75 20.35 23.5 31.75 30.35 33.5
Specification (05): Bag packaging (100 pieces per bag)
Note: Order by number of bags.
Grounding plate installation tools
Type Desktop tool (for 14 pos.) Desktop tool (for 20 pos.) Desktop tool (for 30 pos.) Part number DF19G-14S/PR-MD2 DF19G-20S/PR-MD2 DF19G-30S/PR-MD2 CL No. 902-4514-6 902-4513-3 902-4518-7
Note1: Product is not guaranteed unless Hirose approved tools are used.
B261
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or willPitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors DF19 Series1 mm Contact be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
Plug (Micro-coaxial cable)
A B P=1 Contact No. 1 indicator 6.1 30.1 0.9MAX C0.2 D0.15 P=10.1 Inner conductor Insulator Grounding bar Solder coat 1.2MIN
0 0.55 -0.05
0.70.05
1.33
Outer conductor Jacket
Cable preparation
Shown terminated with micro-coaxial cable
Note 1: Connectors are designed to allow termination without cutting of the pitch loss prevention tape. Note 2: Required Solder coating for inner conductor. Note 3: When using 2-conductor micro-coaxial cable some contact positions will not be used. Contact your Hirose sales representative. A 17.4 23.4 B 13 19 C 14.8 20.8 D 13 19 RoHS YES
Specification (05): Bag packaging (100 pieces per bag)
Part number
CL No.
Number of contacts 14 20
DF19G-14S-1SD(05) 685-0026-3-05 DF19G-20S-1SD(05) 685-0025-0-05 Note: Order by number of bags.
Applicable cable (Micro-coaxial cable)
Wire size (stranded wire center conductor) AWG#40 (7/ 0.03mm) Jacket diameter 0.3mm to 0.4mm
Grounding plate for micro-coaxial cable
4.36 Contact No. 1 indicator 1.27 A
Specification Blank: Bag packaging (100 pieces per bag)
Unit: mm Part number DF19F-14S-1SD-GND DF19G-20S-1SD-GND CL No. 685-0028-9 685-0027-6 Number of contacts 14 20 A 17.5 23.5 RoHS YES
B262
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will beDF19 Series1 mm Contact Pitch, Board-to-Cable, RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. discontinued soon. Please check the products status on the Hirose website Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF19G-*P-1H(56) DF19K -*P-1H(56) DF19L -*P-1H(56)
1.750.1
BEmbossed Carrier Tape Dimensions Receptacles
O1 .5 +0
. 01
120.1 20.1 40.1
G
G-G 1.750.15 t=0.30.1
20.5 Part number label
C0.1 B0.1 A0.3
Depth of 1.5 diameter O80 O330
O13
D0.3
H 2.50.15 H-H (2.3)
O 21
H G Unreeling direction 7.80.3
E +2 0 F
Unit: mm A B 40.4 40.4 50.2 40.4 52.4 40.4 40.4 52.4
120.1 G
Connector DF19G-18P-1H(56) DF19G-14P-1H(56) DF19G-20P-1H(56) DF19G-30P-1H(56) DF19K-20P-1H(56) DF19K-30P-1H(56) DF19L-14P-1H(56) DF19L-20P-1H(56) DF19L-30P-1H(56)
Number of contacts 08 14 20 30 20 30 14 20 30
O1 .5 +0
C 20.2 20.2 26.2 20.2 26.2 20.2 20.2 26.2
1.750.1
D 16.1 22.1 28.1 38.1 28.1 38.1 22.1 28.1 38.1
E 24.4 44.4 44.4 56.4 44.4 56.4 44.4 44.4 56.4
F 30.4 50.4 50.4 62.4 50.4 62.4 50.4 50.4 62.4
Remarks Top-board mounting (1.65mm high)
24 44 44 56 44 56 44 44 56
-------- 11.5
Offset mounting (1.0mm high) Offset mounting (1.1mm high)
DF19KR-*P-1H(56)
0 .1
G-G 1.750.15 t=0.30.1 20.5 Part number label D0.3 O1.5 in the rear
O13
C0.1 B0.1 A0.3
H 2.850.15
O21
H G H-H Unreeling direction 7.80.3
E +2 0 F
(2.3)
Connector DF19KR-14P-1H(56) DF19KR-20P-1H(56)
Number of contacts 14 20
A 44 44
O1 .5 +
B 40.4 40.4
20.1
C 20.2 20.2
120.1
D 22.1 28.1
1.750.1
E 44.4 44.4
F 50.4 50.4
Remarks Reverse type of DF19K Offset mounting (1.0mm high)
DF19-*P-1V(56)
40.1 G 40.2
C0.1 B0.1 A0.3
D0.2
20.5 Part number label
Depth of 1.5 diameter
O13
3.70.2
1
H
H
t=0.40.1 Unreeling direction
O2
G
E+2 +0 F
O80 O3802
Connector DF19-14P-1V(56) DF19-20P-1H(56)
Number of contacts 14 20
A 32 44
B 28.4 40.4
C 14.2 20.2
D 18.2 24.2
E 32.4 44.4
F 38.4 50.4
Remarks Vertical receptacle
O80 O330
Unit: mm
.1 +0 0
Unit: mm
B263
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or willPitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors DF19 Series1 mm Contact be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
BUse recommendations
1. Recommendedtemperature profile
Temperature(c) 250c 220 200c 180 150c Preheating 60 to 120(S) 100c 50c soldering
250c 10(s)max 220c min 60(s)max
30
50
100
150
200
TIME(S)
Note 1: Up to 2 cycles of Reflow soldering are possible under the same conditions, provided that there is a return to normal temperature between the first and second cycle. Note 2: The temperature profile indicates the board surface temperature at the point of contacts with the connector terminals. Note 3: The product can be used without trouble though the surface of a grounding plate might discolor. 2. Manual soldering 3. Screen thickness 4. Board warpage 5. Cleaning conditions 6. Termination conditions 7. Precautions 8. Precautions Manual soldering: 29010c for 3 seconds 0.15mm Maximum of 0.03mm at the connector center, with both ends of the connector as reference points. Refer to "Nylon Connector Use Handbook." Refer to "Nylon Connector Use Handbook."
Do not twist when mating/un-mating.
Refer to "Nylon Connector Use Handbook."
B264
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will beDF19 Series1 mm Contact Pitch, Board-to-Cable, RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. discontinued soon. Please check the products status on the Hirose website Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
BPlug (FPC Type) Termination Procedures
(Dedicated Assembly Tooling is required.)
Insert the FPC diagonally from the top surface of the grounding plate. Pass the FPC through the grounding plate.
Step 1
After passing through, lower the FPC (as shown) to horizontal position. Signal surface
Step 2
Ground surface Extend the FPC out and fully insert into the socket.
Step 3
Exercising caution slide the grounding plate forward and pre-insert it over the socket.
Step 4
Assembly point: Slightly raise the FPC to an angle of about 30 degrees, and then insert the grounding plate over the socket. Using the dedicated installation tool, insert the grounding plate.
Note 1: The grounding plate and the plug are supplied as separate components. Note 2: Dedicated assembly fixtures are required at each stage of the termination process. For detail, refer to the instruction manual supplied with the tools. Note 3: Do not apply excessive forces to FPC (Bending or twisting) as it may introduce cracks in the copper foil (on the cover film edge). Note 4: To protect the FPC, insertion and disconnection of the connectors should be performed parallel to the mating direction. Note 5: Do not apply excessive tension to FPC. Note 6: Refer to FPC manufacturer for bend radius and other specific recommendation. Distance should be allowed for the bending position, as illustrated below.
1.7
SIGNAL MIN 10 MIN 5
Final completion
Note 7: Follow the instruction manuals for the termination and assembly fixtures and tools.
B265


▲Up To Search▲   

 
Price & Availability of DF19L-20P-1H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X