Part Number Hot Search : 
TP5335 MSC82001 1N5950A ES5108 AN101 HFA30T MSS12 MPX7100A
Product Description
Full Text Search
 

To Download DAEP13001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DAEP SERIES
ADSL LINE TRANSFORMERS
MECHANICALS CONSTRUCTION
l FEATURE EXCELLENT THD PERFORMANCE IN A SMALL FOOTPRINT. l APPLICATIONS FOR USE WITH ADSL CHIPSET
THD ADSL
l PART NUMBERING SYSTEM () DA 1 DIP ADSL LINE TRANSFORMER ADSL EP13 2 DIMENSIONS CORE DIM EP13 001 3 PART NUMBER
l SPECIFICATIONS
PART NO DAEP13001 DAEP13002 DAEP13003 DAEP13004 Turn Ratio (2%) 1:1 Pin(1-5):(10-6) 1:1:1:1 Pin(10-8):(9-7):(1-3):(2-4) 1:1 Pin(1-4):(2-5) 2:1 Pin(10-6):(1-5) OCL @ 10KHz/0.1V 4.0mH10% (1-5)(6-10) 440uH 5% (10-7)&(8-9) 5.5mH5% (1-4),(2+5)short 100 uH 5% (10-6) , (7+9) Leakage Inductance
(H
Longitudinal Balance(dB Min) -55 dB @100KHz -45 dB @1.1MHz
Max) -
15.0 uH @100KHz/0.1V 10.0 uH @100KHz/0.1V
66
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com
DAEP SERIES
l SPECIFICATIONS
PART NO DAEP13005 DAEP13006 DAEP13007 Turn Ratio (2%) 1:1 Pin(1-4):(2-5) 1:1 Pin(1-5):(10-6) 1:1 Pin (2-4):(9-7) 1:1 DAEP13008 1.27 mH 5% (10-6),(7+9)short DAEP13009 1:1 Pin(1-5):(10-6) 1:1 DAEP13010 1.25 mH 5% 5.0 mH 10% (10-7),(8+9)short 1.75mH Min (1-4),(2+3)short 2.03-2.3mH (10-7),(8+9)short 1:1 DAEP13012 Pin(1-4):(10-7) 407uH 5% Pin(1-5):(10-6) (1-5), (4+2)short; OCL @ 10KHz/0.1V 5.5 mH10% (1-4) 4mH10% (1-5) 3.5mH10%
ADSL LINE TRANSFORMER
Leakage Inductance (H Max) 22.0 uH @100KHz/0.1V (1-4),(5+2)short 5.0uH @100KHz/0.1V (1-5), (4+2+10+6+7+9)short; 12.0 uH @100KHz/50mV 18 uH @100KHz/0.1V
Longitudinal Balance(dB Min) -50 dB @ 20KHz to 1.1MHz -50 dB -40 dB
(1-5),(2+4)short (1-5),(2+4,10+6,9+7)short @ 1KHz to 1.1 MHz
Pin(1-4):(10-7) (1-4),(2+3) short (1-4),(2+3,8+9,10+7)short @ 25KHz to 1.1MHz 1:1.1
DAEP13011
Pin(1-4):(10-7)
7.5 uH @300KHz/0.1V
-45 dB
(1-4),(2+3,8+9,10+7)short @ 30KHz to 1.1MHz
10.0 uH @300KHz/0.1V
-46 dB
(1-4),(2+3)short (1-4),(2+3,10+7,9+8)short @ 30KHz to 1.1 KHz 850 uH 5%
1:1 DAEP13013 Pin(1-4):(10-7) 2.4:1 3.3:1 1.1:1 Pin(1-4) :(8-6) 2.8:1 Pin(10-7):(1-4)
5.5 uH @100KHz/0.1V -45 dB @10KHz to1MHz -45 dB -46 dB @30KHz -1.1MHz -46 dB @1.1MHz
(1-4),(2+3)short (1-4),(2+3,10+7,9+8)short 1.2 mH 10% 800 uH 5% 100uH7% @,100mAC 1.2mH10% @100mAC 10.0 uH @100KHz/0.1V 20.0 uH @100KHz/0.1V 4.0 uH @1MHz,1.0VAC, (1-4)(2+3,7+8,9+10)short 10.0 uH @1MHz,1.0VAC, (1-4) ,(2+3,7+8,9+10)short
DAEP13014 DAEP13015 DAEP13016 DAEP13017
Pin(10-7):(1-4) (10-7),(8+9)short (10-7),(8+9,2+3,1+4)short
Pin(6-10):(5-1) (6-10),(9+7)short (6-10),(7+9,1+5,2+4)short @30KHz to 1.1 MHz
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com
67
DAEP SERIES
l SPECIFICATIONS
PART NO DAEP13018 DAEP13019 DAEP13020 DAEP13021 DAEP13022 Turn Ratio (2%) 1:1.1 1:3 Pin(8-6):(1-4) 3.3:1 1:1 2:1(2%) Pin(1-5):(9-7) OCL @ 10KHz/0.1V 1.2 mH Min 1.2 mH10% (1-4),(2+3)short 800uH Min 442uH 5% 2.0 mH 6% (1-5),(2+4)short
ADSL LINE TRANSFORMER
Leakage Inductance
(H
Longitudinal Balance(dB Min) -45 dB -84 dB @20KHz -1.1 MHz -45 dB @100KHz to 1MHz -45 dB @30KHz-1.1 MHz -50 dB @40K-300 KHz
Max)
10.0uH @ 300KHz/0.1V 15.0uH @ 300KHz/0.1V (1-4),(2+3,5+7,8+6)short 20.0uH @100 KHz/0.1V (1-5) (6+10+9+7)short 5.0uH @300 KHz,0.1V 11.0uH @ 100 KHz/0.1V (1-5),(2+4,9+7) short
Pin(1-4):(10-7) (1-4),(2+3)short (1-4),(2+3,10+7,9+8)short @10KHz to1.1 MHz
Pin(6-10):(1-5) (6-10),(9+7)short
PIN(1-4):(10-7) (7-10) (8+9)short (7-10)(9+8,4+1, 2+3)short
CONTINUE
PART NO DAEP13001 DAEP13002 DAEP13003 DAEP13004 DAEP13005 DAEP13006 DAEP13007 DAEP13008 DAEP13009 DAEP13010 DAEP13011 DAEP13012 DAEP13013 DAEP13014 Insertion Loss (dB Max) -1.0 dB @ 500 KHz 0.1V -0.5 dB @ 300KHz -0.5 dB @ 300KHz -0.5 dB @ 100KHz -0.5 dB @ 300KHz -0.5 dB @ 772KHz -0.5 dB @ 100KHz -0.5 dB @ 300KHz DC Resistance (OHM Max) 6.0 (1-5),(10-6) 0.60 (1-3),(2-4) 1.60 (9-7),(10-8) 6.25 (1-4) , (2-5) 0.5 10-7);(9-6);(1-4);(2-5) 3.6 (1-4),(2-5) 3.5 (1-5) , (10-6) 3.5 (2-4) , (9-7) 0.53 (1-5), (4+2)short; 0.42(1-5),(10-6) 3.2(1-4),(2+3)/(10-7),(8+9)short 1.25(1-4), (3+2)short ; 1.4 (10-7), (8+9)short 0.95(1-3),(2-4) & 0.65(10-8),(9-7) 1500V/0.5mA Isolation Voltage 1500V/0.5mA 1500V/0.5mA 1500V/0.5mA 1500V/0.5mA 1500V/0.5mA 1500V/0.5mA 1500V/0.5mA 1500V/0.5mA 1500V/0.5mA 1500V/0.5mA 1500V/0.5mA
0.33 (10-8) ; 0.61(1-3),(2-4) ;0.46(9-7) 1500V/0.5mA 0.66 (10-8),(9-7) & 0.15(1-3) 0.16(2-4) 1500V/0.5mA
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com
68
DAEP SERIES
l SPECIFICATIONS
PART NO DAEP13015 DAEP13016 DAEP13017 DAEP13018 DAEP13019 DAEP13020 DAEP13021 DAEP13022 Insertion Loss (dB Max) -0.5 dB @300KHz -0.5 dB @300KHz - 0.5 dB @300KHz
ADSL LINE TRANSFORMER
DC Resistance (OHM Max) 0.55 (6-9),(7-10) & 0.2 (5-2),(4-1) 0.330(8-5),.(7-6); 0.3111-3)(2-4) 0.6 (10-8)& (9-7) 0.25 (1-3)&(2-4) 1.25 (1-4),(3+2)short 1.4(10-7) ,(8+9)short 0.35(8-5) & 0.47(7-6); 1.9(2-4),(1-3) 0.65(6-9) & 0.24(5-2) 0.375(10-8); 0.310(9-7); 0.425(1-3)&(2-4); 0.425 (1-3)&(2-4) 2.5(1-5) 1.0(9-7)
Isolation Voltage 1500V/0.5mA 1500V/0.5mA 1500V/0.5mA 1500V/0.5mA 1500V/0.5mA 1500V/0.5mA 1500V/0.5mA 1500V/0.5mA
l
l SCHEMATICS
DAEP13001 DAEP13002
DAEP13003/13005
DAEP13004
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com
69
DAEP SERIES
l SCHEMATICS
DAEP13006
ADSL LINE TRANSFORMER
DAEP13007
DAEP13008/13009
DAEP13010/13011/13014/13018
DAEP13012/13013
DAEP13015
DAEP13016
DAEP13017
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com
70
DAEP SERIES
l SCHEMATICS
DAEP13019
ADSL LINE TRANSFORMER
DAEP13020
DAEP13021
DAEP13022
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com
71


▲Up To Search▲   

 
Price & Availability of DAEP13001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X