Part Number Hot Search : 
2451B PZTA4 IRF110 MC130 PSKT225 S0706 2SC358 IR3510M
Product Description
Full Text Search
 

To Download CVL3S57-9MM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M/A-Com Technology Solutions 4 Olsen Avenue Edison, NJ 08820 USA Voice : (732) 549-9001 Fax: (732) 549-1559 Internet: www.laserdiode.com Email: sales@laserdiode.com
Laser Diode Incorporated
1550nm Pulsed Laser Diodes
"Eye Safe"
High Efficiency Stable output from -40C to +85C Single and stacked devices up to 40Watts Hermetic package RoHS Compliant Applications: Rangefinding Surveying equipment Friend or foe identification
CVL Series Characteristics @ 25oC
Parameter Peak Wavelength Spectral Width Temperature Coefficient of Wavelength Beam Spread Operating Temperature Pulse Width Symbol /T FWHM To Pw Min 1535 Typ 1550 12 0.55 15 x 50 Max 1565 Unit nm nm nm/ C degrees +85 150
o o
-40
C ns
Parameters Peak Power (min) Peak Power (Fiber)* Peak Forward Current Threshold Current (typ) Number of Diodes Emitting Area (typ) Duty Factor**
Symbol Po Pf If Ith
CVL57
10 4 25 1.6 1 350 x 2 0.07
CVL2S57
20 8 25 1.6 2 350 x 110 0.07
CVL3S57
30 12 25 1.6 3 350 x 220 0.07
CVL4S57
40 16 25 1.6 4 350 x 330 0.07
Units Watts Watts Amps Amps Microns %
DF
Note: Devices are supplied case negative unless otherwise specified. * Fiber: 400 micron 0.37NA Hard Clad Silica **Heat sinking required
Package Drawings
LDI Document #10-4400-0023 Rev. E 3/30/09
Other package options available. Dimensions: inches [mm]
Products can be ordered directly from Laser Diode Incorporated or its representatives. When ordering, refer to the information below. For a complete listing of representatives, visit our website at www.laserdiode.com
CVL
XS
57
XXXX
Product Series
# Stacked Chips 2 or 3 (omitted if 1)
1550 Series Wavelength Indicator
Package Type TO18C TO18T TO5C TO5F (Fibered) TO5T 9mm
Example:
CVL 2S57-TO18C Pulsed Laser 20W 1550 +/-15nm, TO18C Package
NOTE: Not all options are available for all packages. Other power options are available. Fiber pigtailed versions of all lasers are available. Output is typically 50% of rated power. Safety: Caution: Laser light emitted from any diode laser may be harmful to the human eye. Avoid looking directly into the diode laser aperture when the device is in operation. Class 3B laser ESD Caution: Handle diode lasers with extreme care to prevent electrostatic discharge. Follow ESD precautions when handling devices. Warranty: Please refer to your product purchase agreement for complete details or check with your Laser Diode sales representative. Notice: LDI reserves the right to make changes to the products or information contained herein without notice. No Liability is assumed as a result of their use or application.
LDI Document #10-4400-0023 Rev. E 3/30/09


▲Up To Search▲   

 
Price & Availability of CVL3S57-9MM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X