Part Number Hot Search : 
MB90F455 1N4679 S241H 1050QA3 XMP6A TC7S08F PS200 ZTX237
Product Description
Full Text Search
 

To Download CSRS045V0-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ESD Protection Array
CSRS065V0-G/CSRS045V0-G/CSRS085V0-G
Working Voltage: 5Volts RoHS Device Features
-Fast Reverse Recovery Time. -Fast Turn on Time. -Low Capacitance SMD Packages. -16kV IEC61000-4-2 capable.
SO T2 3SO 6 T14 3
IC SO
-8
SOT-23-6
0.119(3.02) 0.111(2.82)
Mechanical Data
-Case: SOT-23-6 for CSRS065V0-G, SOT-143 for CSRS045V0-G, SOIC-8 for CSRS085V0-G.
0.067(1.70) 0.059(1.50)
0.079(2.00) 0.071(1.80)
Circuit Diagram
CSRS065V0-G CSRS045V0-G CSRS085V0-G
SOT-143
0.119(3.00) 0.110(2.80)
0.056(1.40) 0.047(1.20)
Applications
Transient + Rail Transient suppressed Receiver
6.01 5.97
0.083(2.10) 0.066(1.70)
SOIC-8
1.28 1.26
Driver
3.83 3.79
Marking
5V4
Pin1
GND
0.42 0.40 4.85 4.81
SRV
Pin1
Dimensions in millimeters
Maximum Rating (at TA=25C unless otherwise noted)
Parameter
Operating temperature
Symbol
TJ
Value
-55 to +150
Unit
C
Electrical Characteristics (at TA=25C unless otherwise noted)
Parameter
Forward voltage Reverse stand-off voltage Diode breakdown voltage Reverse leakage current Junction capacitance ESD capability Peak pulse power IR=1A VRWM=5V f=1MHz, VR=0V, Line to ground f=1MHz, VR=0V, Line to Line IEC 61000-4-2 TP=8/20S IF=50mA
Conditions
Symbol
VF VRWM VBD IR CT ESD PPP
Min.
Max.
1.2 5
Unit
V V V
6 5 5 16 300
A
pF kV W
REV:B QW-BP013 Page 1
Comchip Technology CO., LTD.
ESD Protection Array
Rating and Characteristic Curves (CSRS-G Series)
Fig.1 Pulse Power vs. Time
10 100
Fig.2 Power Derating
80
% Rate Power
1
Power (W)
60
0.1
40
20
0.01 0.1
0 1.0 10 100 1000 0 25 50 75 100 125
O
150
Time (S)
Ambient Temperature (
C)
Fig.3 Pulse Waveform
Fig.4 Clamp Voltage vs. Pulse Current
100
8/20S waveform
25
80
20
60
Clamp Voltage (V)
% of Ipp
15
40
10
20
5
8/20S waveform
0 0 5 10 15 20 25 30
0 0 2 4 6 8 10 12
Time (S)
Ipp, Peak Current (A)
Fig.5 Forward Voltage vs. Forward Current
100
8/20S waveform
Fig.6 Capacitance vs. Reverse Voltage
10
60
CJ, Capacitance (pF)
0 2 4 6 8 10 12
Forward Voltage (V)
80
8
6
40
4
20
2
0
0 0 1 2 3 4 5 6
IF, Forward Current (A)
VR, Reverse Voltage (V)
REV:B QW-BP013 Page 2
Comchip Technology CO., LTD.
ESD Protection Array
Reel Taping Specification
P0 P1 d Index hole E T
F B P A
W C
12 0
o
D2
D1 D
W1
Trailer ....... .......
10 pitches (min)
Device ....... ....... ....... .......
Leader ....... .......
10 pitches (min)
End
Start
Direction of Feed
SYMBOL
A
3.17 0.10
0.124 0.004
B
3.23 0.10
0.127 0.004
C
1.37 0.10
0.054 0.004
d
1.55 0.10
0.061 0.004
D
178 1
7.008 0.040
D1
50.0 MIN.
1.969 MIN.
D2
13.0 0.20
0.512 0.008
SOT-23-6
(mm) (inch) (mm)
3.19 0.10
0.126 0.004
2.80 0.10
0.110 0.004
1.31 0.20
0.052 0.008
1.55 0.05
0.061 0.002
178 1
7.008 0.04
50.0 MIN.
1.969 MIN.
13.0 0.20
0.512 0.008
SOT-143
(inch) (mm)
6.50 0.10
0.256 0.004
5.30 0.10
0.209 0.004
2.50 0.20
0.098 0.008
1.50 0.10
0.059 0.004
330 1
12.992 0.04
50.0 MIN.
1.969 MIN.
13.5 1
0.531 0.04
SOIC-8
(inch)
SYMBOL
E
1.75 0.10
0.069 0.004
F
3.50 0.05
0.138 0.002
P
4.00 0.10
0.157 0.004
P0
4.00 0.10
0.157 0.004
P1
2.00 0.05
0.079 0.002
T
0.22 0.05 0.008 0.002 0.22 0.05
0.008 0.002
W
8.00 0.30
0.315 0.012
W1
14.4 MAX.
0.567 MAX
SOT-23-6
(mm) (inch) (mm)
1.75 0.10
0.069 0.004
3.50 0.05
0.138 0.002
4.00 0.10
0.157 0.004
4.00 0.10
0.157 0.004
2.00 0.10
0.079 0.004
8.00 0.20
0.315 0.008
14.4 MAX.
0.567 MAX.
SOT-143
(inch) (mm)
1.75 0.10
0.069 0.004
5.50 0.05
0.217 0.002
4.00 0.10
0.157 0.004
4.00 0.10
0.157 0.004
2.00 0.10
0.079 0.004
0.22 0.05
0.008 0.002
12.0 0.20
0.472 0.008
18.4 MAX.
0.724 MAX.
SOIC-8
(inch)
REV:B QW-BP013 Page 3
Comchip Technology CO., LTD.
ESD Protection Array
Suggested PAD Layout
SOT-23-6 SIZE (mm) A B C D E 1.10 0.60 0.95 2.50 3.60 (inch) 0.043 0.024 0.037 0.098 0.142 (mm) 0.70 1.40 2.41 0.80 3.60 (inch) 0.028 0.055 0.095 0.031 0.142 (mm) 2.40 0.70 1.27 2.50 7.30 (inch) 0.094 0.028 0.050 0.098 0.287 SOT-143 SOIC-8
C
A
A
D
E
D
E
B
B
C (min)
C
D
B A
E
Standard Package
Qty per Reel Case Type (Pcs) SOT-23-6 SOT-143 SOIC-8 3000 3000 2500 Reel Size (inch) 7 7 13
REV:B QW-BP013 Page 4
Comchip Technology CO., LTD.


▲Up To Search▲   

 
Price & Availability of CSRS045V0-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X