Part Number Hot Search : 
MB95F EL5167 01D05 2SD2060 06749 NSC5136A AD7827 SDZ16VCG
Product Description
Full Text Search
 

To Download CMNT3904E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMNT3904E NPN CMNT3906E PNP ENHANCED SPECIFICATION COMPLEMENTARY FEMTOminiTM SILICON TRANSISTORS
Central
TM
Semiconductor Corp.
DESCRIPTION: The Central Semiconductor CMNT3904E/CMNT3906E Low VCE (SAT) NPN and PNP Transistors, respectively, are designed for applications where ultra small size and power dissipation are the prime requirements. Packaged in an FEMTOminiTM SOT-953 package, these components provide performance characteristics suitable for the most demanding size constrained applications.
SOT-953 CASE FEATURES * Very Small Package Size * Low Package Profile, 0.5mm * 200mA Collector Current * Low VCE(SAT) (0.1V Typ @ 50mA) * Small, FEMTOminiTM 1 x 0.8mm, SOT-953 Surface Mount Package
CMNT3904E MARKING CODE: CL CMNT3906E MARKING CODE: CM
APPLICATIONS * DC / DC Converters * Voltage Clamping * Protection Circuits * Battery powered equipment including: Cell Phones, Digital Cameras, Pagers, PDAs, Laptop Computers, etc.
SYMBOL VCBO VCEO VEBO IC PD TJ, Tstg JA 60 40 6.0 200 250 -65 to +150 500 UNITS V V V mA mW C C/W
Collector-Base Voltage Emitter-Base Voltage
Collector Current
MAXIMUM RATINGS: (TA=25C)
Collector-Emitter Voltage
Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) NPN SYMBOL TEST CONDITIONS MIN TYP ICEV VCE=30V, VEB=3.0V IC=10A 60 115 BVCBO BVCEO IC=1.0mA 40 60 BVEBO IE=10A 6.0 7.5 IC=10mA, IB=1.0mA .057 VCE(SAT) VCE(SAT) IC=50mA, IB=5.0mA 0.1 VBE(SAT) IC=10mA, IB=1.0mA 0.65 0.75 VBE(SAT) IC=50mA, IB=5.0mA 0.85 hFE VCE=1.0V, IC=0.1mA 90 240 VCE=1.0V, IC=1.0mA 100 235 hFE
Enhanced Specification
PNP TYP 90 55 7.9 .05 0.1 0.75 0.85 130 150
MAX 50
0.1 0.2 0.85 0.95
UNITS nA V V V V V V V
R1 (18-January 2008)
Central
TM
CMNT3904E NPN CMNT3906E PNP ENHANCED SPECIFICATION COMPLEMENTARY FEMTOminiTM SILICON TRANSISTORS
NPN TYP 215 110 50 PNP TYP 150 120 55
Semiconductor Corp.
ELECTRICAL CHARACTERISTICS - Continued: SYMBOL TEST CONDITIONS hFE VCE=1.0V, IC=10mA VCE=1.0V, IC=50mA hFE hFE VCE=1.0V, IC=100mA fT VCE=20V, IC=10mA, f=100MHz Cob VCB=5.0V, IE=0, f=1.0MHz Cib VBE=0.5V, IC=0, f=1.0MHz hie VCE=10V, IC=1.0mA, f=1.0kHz hre VCE=10V, IC=1.0mA, f=1.0kHz hfe VCE=10V, IC=1.0mA, f=1.0kHz hoe VCE=10V, IC=1.0mA, f=1.0kHz NF VCE=5.0V, IC=100A, RS =1.0k, f=10Hz to 15.7kHz td VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA tr VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA ts tf VCC=3.0V, VCC=3.0V, IC=10mA, IC=10mA, IB1=IB2=1.0mA IB1=IB2=1.0mA
MIN 100 70 30 300
MAX 300
UNITS
1.0 0.1 100 1.0
4.0 8.0 12 10 400 60 4.0 35 35 200 50
MHz pF pF k X10-4 mhos dB ns ns ns ns
Enhanced Specification
SOT-953 - MECHANICAL OUTLINE
Lead Code: 1) COLLECTOR 2) COLLECTOR 3) COLLECTOR 4) EMITTER 5) BASE
CMNT3904E MARKING CODE: CL
CMNT3906E MARKING CODE: CM
R1 (18-January 2008)


▲Up To Search▲   

 
Price & Availability of CMNT3904E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X