Part Number Hot Search : 
LS8397 74LS13 W39L040Q AZ971 MIC83302 P4631 P4631 MT4LDT
Product Description
Full Text Search
 

To Download CKRA4820-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CKR48Series
PRODUCT SELECTION
Description
4.5-32 VDC Control 90-280 VAC Control 18-36 VAC Control
AVAILABLE OPTIONS
CKRD4810 CKRA4810 CKRA4810E
10 A
CKRD4820 CKRA4820 CKRA4820E
20 A
CKRD4830 CKRA4830 CKRA4830E
30 A
OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage (47-63Hz) [Vrms] Transient Overvoltage [Vpk] Maximum Off-State Leakage Current @ Rated Voltage [mArms] Minimum Off-State dv/dt @ Maximum Rated Voltage [V/sec] (2) Maximum Load Current [Arms] Minimum Load Current [Arms] Maximum Surge Current (16.6ms) [Apk] Maximum On-State Voltage Drop @ Rated Current [Vpk] Maximum I t for Fusing (8.3 msec) [A sec] Minimum Power Factor (with Maximum Load) 48-530 1200 10 500 10 0.15 120 1.6 60 0.5 48-530 1200 10 500 20 0.15 250 1.6 260 0.5 48-530 1200 10 500 30 0.15 625 1.6 1620 0.5
INPUT SPECIFICATIONS (1)
Description
Control Voltage Range Maximum Turn-On Voltage Minimum Turn-Off Voltage Typical Input Current (4) 4.0-32 VDC 4.0 VDC 1.0 VDC 8-12 mA 1/2 Cycle 1/2 Cycle 90-280 Vrms 90 Vrms 10 Vrms 2 mA @ 120 Vrms, 4 mA @ 240 Vrms 10 40 18-36 Vrms 18 Vrms 4.0 Vrms 10 mA @ 24 Vrms 10 40
GENERAL SPECIFICATIONS
Description
Dielectric Strength, Input/Output/Base (50/60Hz) Minimum Insulation Resistance (@ 500 V DC) Maximum Capacitance, Input/Output Ambient Operating Temperature Range Ambient Storage Temperature Range Status Indicator Display Weight (typical) Encapsulation Terminals Maximum Wire Size: Recommended Terminal Screw Torque Range: Min. Side by Side Spacing
Maximum Turn-On Time [msec] (3) Maximum Turn-Off Time [msec]
Parameters
8 pF -40C to 80C -40C to 125C Green LED 10 oz. (280g) Thermally Conductive Epoxy Box Clamp Type AWG # 10 (3mm) 5.0-6.0 in lb (0.6-0.7 Nm) 0.8 inch (20mm)
109 Ohms
4000Vrms
MECHANICAL SPECIFICATIONS
THERMAL DERATE INFORMATION
AGENCY APPROVALS
ANNEX - ENVIROMENTAL INFORMATION


▲Up To Search▲   

 
Price & Availability of CKRA4820-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X