Part Number Hot Search : 
2SJ46407 LT48512 7843N ATS45CS3 IN493 S6B1741 EFD20 MM1Z8B2
Product Description
Full Text Search
 

To Download CHIMX2PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT Dual Silicon Transistor
VOLTAGE 50 Volts
APPLICATION
* Small Signal Amplifier .
CHIMX2PT
CURRENT 150 mAmpere
FEATURE
* Small surface mounting type. (SC-74/SOT-457) * Low saturation voltage VCE(sat)=0.4V(max.)(IC=50mA) * Low cob. Cob=2.0pF(Typ.) * PC= 150mW (Total),120mW per element must not be exceeded. * High saturation current capability. * Two the 2SC2412K in one package. * NPN Silicon Transistor
1.7~2.1 (3) 0.25~0.5 1.4~1.8 (4) (1) (6) 0.95 0.95
SC-74/SOT-457
2.7~3.1
MARKING
* IX2
0.08~0.2 0.3~0.6
0.935~1.3 0~0.15 2.6~3.0
CIRCUIT
4
6
3
1
Dimensions in millimeters
SC-74/SOT-457
2SC2412K LIMITING VALUES
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Collector - Base Voltage Collector - Emitter Voltage Emitter - Base Voltage Collector Current DC Peak Collector Current Peak Base Current Total Power Dissipation Storage Temperature Junction Temperature Operating Ambient Temperature TA 25OC; Note 1 CONDITION Open Emitter Open Base Open Collector SYMBOL VCBO VCEO VEBO IC ICM IBM PTOT TSTG TJ TAMB MIN. -55 -55 MAX. 60 50 7 150 150 15 150 +150 +150 +150 UNITS Volts Volts Volts mAmps mAmps mAmps mW
o
C C C
o
o
Note
1. Transistor mounted on ceramic substrate 50mmX50mmx0.8t. 2004-11
RATING CHARACTERISTIC CURVES ( CHIMX2PT )
2SC2412K CHARACTERISTICS
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) PARAMETERS Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Output Collector Capacitance Transition Frequency CONDITION IC=50uA IC=1mA IE=50uA IE=0; VCB=60V IC=0; VEB=7V VCE=6V IC=1mA IC=50mA; IB=5mA IE=ie=0; VCB=12V; f=1MHz IC=2mA; VCE=12V; f=100MHz SYMBOL BVCBO BVCEO BVEBO ICBO ICEO hFE VCEsat Cob fT MIN. 60 50 7 120 TYPE 2 180 MAX. 0.1 0.1 560 0.4 3.5 Volts pF MHz uA UNITS Volts Volts Volts
RATING CHARACTERISTIC CURVES ( CHIMX2PT )
2SC2412K Typical Electrical Characteristics
Fig.1
50
Grounded emitter propagation characteristics
VCE=6V
COLLECTOR CURRENT : IC (mA)
Fig.2
100
Grounded emitter output characteristics
0.50mA
mA 0.45 A 0.40m 35mA 0. 0.30mA
500
Fig.3 DC current gain vs. collector current (1)
Ta=25OC
Ta=25OC
COLLECTOR CURRENT : IC (mA)
20 10 5
Ta=100 OC
25 C 55 OC
DC CURRENT GAIN : hFE
80
200
60
0.25mA 0.20mA
VCE=5V 3V 1V
100
2 1 0.5 0.2 0.1 0
40
0.15mA 0.10mA
50
20
0.05mA IB=0A 0 0.4 0.8 1.2 1.6 2.0
20 10 0.2
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 BASE TO EMITTER VOLTAGE : VBE (V)
0.5 1
2
5
10 20
50 100 200
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
COLLECTOR CURRENT : IC (mA)
Fig.4 DC current gain vs. collector current (2)
500 Ta=100OC
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
Fig. 5 Collector-emitter saturation voltage vs. collector current
0.5
Fig.6 Collector-emitter saturation voltage vs. collector current
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
VCE=5V
Ta=25
0.5
IC/IB=10
DC CURRENT GAIN : hFE
200
25OC -55OC
0.2 IC/IB=50 20 10
0.2 Ta=100OC 25OC -55OC
100
0.1 0.05
0.1 0.05
50
0.02
0.02
20 10 0.2
0.5 1
2
5
10 20
50 100 200
0.01 0.2
0.01 0.2 0.5 1 2 5 10 20 50 100 200
0.5 1
2
5
10
20
50 100
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
Fig.7 Gain bandwidth product vs. emitter current
BASE COLLECTOR TIME CONSTANT : Cc*rbb' (ps)
TRANSITION FREQUENCY : fT (MHz)
Fig.8 Base-collector time constant vs. emitter current
Ta=25OC f=32MHZ VCB=6V
500
Ta=25O VCE=6V
200
100
200
50
100
20
50 0.5
10 0.2 0.5 1 2 5 10
1
2
5
10
20
50
100
EMITTER CURRENT : IE (mA)
EMITTER CURRENT : IE (mA)


▲Up To Search▲   

 
Price & Availability of CHIMX2PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X