Part Number Hot Search : 
VNQ7140 L1013 RGP100 MBR3508 HWD2119 UB8BT MMBZ20VA P9697
Product Description
Full Text Search
 

To Download BU4069F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General-purpose CMOS Logic IC Series (BU4S,BU4000B Series)
High Voltage CMOS Logic ICs
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV
No.09050EAT03
Description BU4001B series ICs are 2-input positive logic NOR gates, each with four built-in circuits. A buffer achieved by an inverter added at the gate output improves the input / output propagation characteristics and minimizes variation in the propagation time caused by an increase in the load capacitance. BU4011B series ICs are 2-input positive logic NAND gates. Four circuits are contained on a single chip. An inverter-based buffer is included at the gate output, enabling improved input / output propagation characteristics, and an increased load capacitance minimizes fluctuations in the propagation time. BU4030B and BU4070B series ICs are exclusive OR gates, each with four built-in circuits. An inverter-based buffer was incorporated at the gate output for enhanced I/O voltage characteristics, and the load capacitance has been increased in order to minimize fluctuations in the propagation time. BU4081B series are 2-input positive logic AND gates with four circuits mounted on a single chip. An inverter-type buffer was added to the gate output, improving input/output transmission speed, and an increased load capacitance suppresses fluctuations in the transmission time. BU4093B series ICs are 4-circuit, 2-input NAND gates whose input pins all have a Schmitt trigger function. BU4069UB series ICs are 6-circuit inverters with no buffers. A single-stage gate configuration reduces propagation time. BU4584B series ICs are inverter-type Schmitt trigger circuits, each incorporating 6 circuits in a single chip. Features 1) Low power consumption 2) Broad operating supply voltage range: 3V to 16V 3) High input impedance 4) High fan out 5) L-TTL2 and LS-TTL1 inputs can be directly driven 6) All outputs are equipped with buffers (except for BU4069UB) Applications These products are suitable for applications requiring low power consumption and a high degree of noise tolerance The BU4030B/BU4070B series can be used in digital comparators and parity circuits The BU4093B series are suitable as line receivers, waveform shaping and multi-vibrators, etc. The BU4584B series can be used in waveform shaping circuits for inputs with a slow rise time and fall time Lineup High Voltage CMOS Logic Logic Gate
4 circuits 4 circuits 4 circuits 4 circuits 4 circuits 4 circuits 6 circuits 6 circuits NOR gate NAND gate EXOR gate EXOR gate AND gate NAND gate INV gate INV gate
BU4001B/ BU4001F BU4011B/ BU4011B F/ BU4011B FV BU4030B/ BU4030B F BU4070B/ BU4070B F BU4081B/ BU4081F/ BU4081FV BU4093B/ BU4093B F/ BU4093B FV BU4069UB/ BU4069UB F/ BU4069UB FV BU4584B/ BU4584BF/ BU4584BFV
(Quad 2-input NOR gate) (Quad 2-input NAND gate) (Quad exclusive OR gate) (Quad exclusive OR gate) (Quad 2-input AND gate) (Quad 2-input NAND Schmitt trigger) (Hex inverter) (Hex Schmitt trigger inverter)
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
1 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Absolute Maximum Ratings Limit Parameter Power Supply Voltage Supply current Operating temperature Storage temperature Input Voltage
Maximum junction temperature
Technical Note
Symbol VDD Iin Topr Tstg VIN Tjmax
BU4001B BU4011B
Unit BU4030B BU4081B BU4093B BU4069UB BU4584B /BU4070B -0.3 to 18 V 10 -40 to 85 -55 to 150 -0.3 to VDD+0.3 150 mA V
Recommended Operating Conditions Limit Parameter Operating Power Supply Input Voltage Symbol VDD VIN BU4001B BU4011B Unit BU4030B BU4081B BU4093B BU4069UB BU4584B /BU4070B 3 to 16 V 0 to VDD V
Thermal Derating Curve
1400 1200 1000 800 600 400 200 0 25 50 75 85100 125 150 175
1180[mV] BU4 (*1) 870[mV] BU4FV (*2) 610[mV] BU4F (*3)
Power dissipation Pd [mW]
()shows BU4 below BU4001B BU4011B BU4030B BU4070B BU4081B BU4093B BU4069UB BU4584B
(*1) 9.5
(*2) 7.0
(*3) 4.9
UNIT mW/
Ambient temperature T [] a
When used at Ta=25[C] or above, values of above are reduced per 1[C]. Allowable loss is the value for mounting 70[mm] x 70[mm] x 1.6[mm] FR4 glass epoxy circuit board (copper foil area is 3% or less).
Input / Output Equivalent Circuits
VDD
VDD
VDD
VDD
GND
GND
GND
GND
Input
Output
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
2 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Electrical Characteristics(BU4001B)(Unless otherwise noted, VSS=0V, Ta=25, CL=50pF) Standard Value Parameter Symbol Unit MIN TYP MAX VDD[V] 3.5 5 Input "H" voltage VIH 7.0 V 10 11.0 15 1.5 5 Input "L" voltage VIL 3.0 V 10 4.0 15 Input "H" current IIH 0.3 A 15 Input "L" current IIL -0.3 A 15 4.95 5 Output "H" voltage VOH 9.95 V 10 14.95 15 0.05 5 Output "L" voltage VOL 0.05 V 10 0.05 15 -0.16 5 Output "H" current IOH -0.4 mA 10 -1.2 15 0.44 5 Output "L" current IOL 1.1 mA 10 3.0 15 1 5 Static supply current IDD 2 A 10 4 15 DC Characteristics Standard Value TYP MAX 180 90 65 100 50 40 90 50 40 90 50 40 5
Technical Note
Condition
Fig.No 1 2 3 1 2 3 1 2 3 1 2 3 4
VIH=15[V] VIL=0[V] IO=0[mA]
IO=0[mA] VOH=4.6[V] VOH=9.5[V] VOH=13.5[V] VOL=0.4[V] VOL=0.5[V] VOL=1.5[V] VI=VDD or GND
5
Parameter
Symbol
Switching Characteristics
Output rising time
tTLH
Output falling time
tTHL
"L" to "H" Propagation delay time "H" to "L" Propagation delay time Input capacitance
tPLH
tPHL CIN
MIN
Unit
ns
ns
ns
ns pF
VDD[V] 5 10 15 5 10 15 5 10 15 5 10 15
Condition
Fig.No
6
7
8

9
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
3 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Electrical Characteristics(BU4011B)(Unless otherwise noted, VSS=0V, Ta=25, CL=50pF) Standard Value Parameter Symbol Unit MIN TYP MAX VDD[V] 3.5 5 Input "H" voltage VIH 7.0 V 10 11.0 15 1.5 5 Input "L" voltage VIL 3.0 V 10 4.0 15 Input "H" current IIH 0.3 A 15 Input "L" current IIL -0.3 A 15 4.95 5 Output "H" voltage VOH 9.95 V 10 14.95 15 0.05 5 Output "L" voltage VOL 0.05 V 10 0.05 15 -0.16 5 Output "H" current IOH -0.4 mA 10 -1.2 15 0.44 5 Output "L" current IOL 1.1 mA 10 3.0 15 1 5 Static supply current IDD 2 A 10 4 15 DC Characteristics Standard Value TYP MAX 180 90 65 100 50 40 90 50 40 90 50 40 5
Technical Note
Condition
Fig.No 10 11 12 10 11 12 10 11 12 10 11 12 13
VIH=15[V] VIL=0[V] IO=0[mA]
IO=0[mA] VOH=4.6[V] VOH=9.5[V] VOH=13.5[V] VOL=0.4[V] VOL=0.5[V] VOL=1.5[V] VI=VDD or GND
14
Parameter
Symbol
Switching Characteristics
Output rising time
tTLH
Output falling time
tTHL
"L" to "H" Propagation delay time "H" to "L" Propagation delay time Input capacitance
tPLH
tPHL CIN
MIN
Unit
ns
ns
ns
ns pF
VDD[V] 5 10 15 5 10 15 5 10 15 5 10 15
Condition
Fig.No
15
16
17

18
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
4 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV
Technical Note
Electrical Characteristics(BU4030B/ BU4070B)(Unless otherwise noted, VSS=0V, Ta=25, CL=50pF) Standard Value Parameter Symbol Unit Condition MIN TYP MAX VDD[V] 3.5 5 Input "H" voltage VIH 7.0 V 10 11.0 15 1.5 5 Input "L" voltage VIL 3.0 V 10 4.0 15 Input "H" current IIH 0.3 A 15 VIH=15[V] Input "L" current IIL -0.3 A 15 VIL=0[V] 4.95 5 Output "H" voltage VOH 9.95 V 10 IO=0[mA] 14.95 15 0.05 5 Output "L" voltage VOL 0.05 V 10 IO=0[mA] 0.05 15 -0.16 5 VOH=4.6[V] Output "H" current IOH -0.4 mA 10 VOH=9.5[V] -1.2 15 VOH=13.5[V] 0.44 5 VOL=0.4[V] Output "L" current IOL 1.1 mA 10 VOL=0.5[V] 3.0 15 VOL=1.5[V] 1 5 Static supply current IDD 2 A 10 VI=VDD or GND 4 15 DC Characteristics Standard Value TYP MAX 180 90 65 100 50 40 90 50 40 90 50 40 5
Fig.No 19 20 21 19 20 21 19 20 21 19 20 21 22
23
Parameter
Symbol
Switching Characteristics
Output rising time
tTLH
Output falling time
tTHL
"L" to "H" Propagation delay time "H" to "L" Propagation delay time Input capacitance
tPLH
tPHL CIN
MIN
Unit
ns
ns
ns
ns pF
VDD[V] 5 10 15 5 10 15 5 10 15 5 10 15
Condition
Fig.No
24
25
26

27
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
5 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV
Technical Note
Electrical Characteristics(BU4081B)(Unless otherwise noted, VSS=0V, Ta=25, CL=50pF) Standard Value Parameter Symbol Unit Condition MIN TYP MAX VDD[V] 3.5 5 Input "H" voltage VIH 7.0 V 10 11.0 15 1.5 5 Input "L" voltage VIL 3.0 V 10 4.0 15 Input "H" current IIH 0.3 A 15 VIH=15[V] Input "L" current IIL -0.3 A 15 VIL=0[V] 4.95 5 Output "H" voltage VOH 9.95 V 10 IO=0[mA] 14.95 15 0.05 5 Output "L" voltage VOL 0.05 V 10 IO=0[mA] 0.05 15 -0.16 5 VOH=4.6[V] Output "H" current IOH -0.4 mA 10 VOH=9.5[V] -1.2 15 VOH=13.5[V] 0.44 5 VOL=0.4[V] Output "L" current IOL 1.1 mA 10 VOL=0.5[V] 3.0 15 VOL=1.5[V] 1 5 Static supply current IDD 2 A 10 VI=VDD or GND 4 15 DC Characteristics Standard Value TYP MAX 180 90 65 100 50 40 160 65 50 160 65 50 5
Fig.No 28 29 30 28 29 30 28 29 30 28 29 30 31
32
Parameter
Symbol
Switching Characteristics
Output rising time
tTLH
Output falling time
tTHL
"L" to "H" Propagation delay time "H" to "L" Propagation delay time Input capacitance
tPLH
tPHL CIN
MIN
Unit
ns
ns
ns
ns pF
VDD[V] 5 10 15 5 10 15 5 10 15 5 10 15
Condition
Fig.No
33
34
35

36
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
6 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Electrical Characteristics(BU4093B)(Unless otherwise noted, VSS=0V, Ta=25, CL=50pF) Standard Value Parameter Symbol Unit MIN TYP MAX VDD[V] 3.5 5 Input "H" voltage VIH 7.0 V 10 11.0 15 1.5 5 Input "L" voltage VIL 3.0 V 10 4.0 15 Input "H" current IIH 0.3 A 15 Input "L" current IIL -0.3 A 15 4.95 5 Output "H" voltage VOH 9.95 V 10 14.95 15 0.05 5 Output "L" voltage VOL 0.05 V 10 0.05 15 -0.44 5 Output "H" current IOH -1.1 mA 10 -3.0 15 0.44 5 Output "L" current IOL 1.1 mA 10 3.0 15 1 5 Static supply current IDD 2 A 10 4 15 0.17 0.39 5 Hysteresis voltage VH 0.25 0.60 A 10 0.33 0.90 15 DC Characteristics Standard Value MIN TYP MAX 100 50 40 100 50 40 125 50 40 125 50 40 5
Technical Note
Condition
Fig.No 37 38 39 37 38 39 37 38 39 37 38 39 40
VIH=15[V] VIL=0[V] IO=0[mA]
IO=0[mA] VOH=4.6[V] VOH=9.5[V] VOH=13.5[V] VOL=0.4[V] VOL=0.5[V] VOL=1.5[V] VI=VDD or GND
41
Parameter
Symbol
Unit
Switching Characteristics
Output rising time
tTLH
ns
Output falling time
tTHL
ns
"L" to "H" Propagation delay time "H" to "L" Propagation delay time Input capacitance
tPLH
ns
tPHL CIN
ns pF
VDD[V] 5 10 15 5 10 15 5 10 15 5 10 15
Condition
Fig.No
42
43
44

45
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
7 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV
Technical Note
Electrical Characteristics(BU4069UB)(Unless otherwise noted, VSS=0V, Ta=25, CL=50pF) Standard Value Parameter Symbol Unit Condition MIN TYP MAX VDD[V] 4.0 5 Input "H" voltage VIH 8.0 V 10 12.5 15 1.0 5 Input "L" voltage VIL 2.0 V 10 2.5 15 Input "H" current IIH 0.3 A 15 VIH=15[V] Input "L" current IIL -0.3 A 15 VIL=0[V] 4.95 5 Output "H" voltage VOH 9.95 V 10 IO=0[mA] 14.95 15 0.05 5 Output "L" voltage VOL 0.05 V 10 IO=0[mA] 0.05 15 -0.44 5 VOH=4.6[V] Output "H" current IOH -1.1 mA 10 VOH=9.5[V] -3.0 15 VOH=13.5[V] 0.44 5 VOL=0.4[V] Output "L" current IOL 1.1 mA 10 VOL=0.5[V] 3.0 15 VOL=1.5[V] 1 5 Static supply current IDD 2 A 10 VI=VDD or GND 4 15 DC Characteristics Standard Value TYP MAX 180 90 65 100 50 40 90 50 40 65 40 30 5
Fig.No 46 47 48 46 47 48 46 47 48 46 47 48 49
50
Parameter
Symbol
Switching Characteristics
Output rising time
tTLH
Output falling time
tTHL
"L" to "H" Propagation delay time "H" to "L" Propagation delay time Input capacitance
tPLH
tPHL CIN
MIN
Unit
ns
ns
ns
ns pF
VDD[V] 5 10 15 5 10 15 5 10 15 5 10 15
Condition
Fig.No
51
52
53

54
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
8 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Electrical Characteristics(BU4584B)(Unless otherwise noted, VSS=0V, Ta=25, CL=50pF) Standard Value Parameter Symbol Unit MIN TYP MAX VDD[V] 3.5 5 Input "H" voltage VIH 7.0 V 10 11.0 15 1.5 5 Input "L" voltage VIL 3.0 V 10 4.0 15 Input "H" current IIH 0.3 A 15 Input "L" current IIL -0.3 A 15 4.95 5 Output "H" voltage VOH 9.95 V 10 14.95 15 0.05 5 Output "L" voltage VOL 0.05 V 10 0.05 15 -0.44 5 Output "H" current IOH -1.1 mA 10 -3.0 15 0.44 5 Output "L" current IOL 1.1 mA 10 3.0 15 1 5 Static supply current IDD 2 A 10 4 15 0.15 0.6 5 Hysteresis voltage VH 0.25 1.0 A 10 0.40 1.5 15 Input capacitance CIN 5 pF DC Characteristics Standard Value TYP MAX 100 50 40 100 50 40 125 60 50 125 60 50
Technical Note
Condition
Fig.No 55 56 57 55 56 57 55 56 57 55 56 57 58
VIH=15[V] VIL=0[V] IO=0[mA]
IO=0[mA] VOH=4.6[V] VOH=9.5[V] VOH=13.5[V] VOL=0.4[V] VOL=0.5[V] VOL=1.5[V]
59


Parameter
Symbol
Switching Characteristics
Output rising time
tTLH
Output falling time
tTHL
"L" to "H" Propagation delay time "H" to "L" Propagation delay time
tPLH
tPHL
MIN
Unit
ns
ns
ns
ns
VDD[V] 5 10 15 5 10 15 5 10 15 5 10 15
Condition
Fig.No
60
61
62
63
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
9 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Switching Characteristics
20[ns ] 20[ns ]
Technical Note
90% 50%
Inpu t
10% tPHL tPLH
Output
90% 50% 10%
Description of Symbols (1) tPHL: Time up to 50% of rise time of input waveform ~ 50% of fall time of output waveform (2) tPLH: Time up to 50% of fall time of input waveform ~ 50% of rise time of output waveform (3) tTHL: Time up to 90% ~ 10% of fall time of output waveform (4) tTLH: Time up to 10% ~ 90% of rise time of output waveform
tTHL
tTLH
20[ns ]
20[ns ]
90% 50%
Inpu t
10%
tpLH 90% 50%
tpHL
Description of Symbols (1) tPLH: Time up to 50% of rise time of input waveform ~50% of rise time of output waveform (2) tPHL: Time up to 50% of fall time of input waveform ~ 50% of fall time of output waveform (3) tTLH: Time up to 10% ~ 90% of rise time of output waveform (4) tTHL: Time up to 90% ~ 10% of fall time of output waveform
Outpu t
10%
tTLH
tTHL
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
10 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Electrical Characteristics Curves(BU4001B)
6
[BU4001B/F]
Technical Note
20
[BU4001B/F] [BU4001B/F] 85[] 25[] -40[]
12 10 Output Voltage [V]
85[] 25[] -40[]
5 Output Voltage [V] 4 3 2 1 0 0 1 2 3 4 5 Input Voltage [V]
85[]
25[]
-40[]
15 Output Voltage [V]
8 6 4 2 0 0 2 4 6 8 10 Input Voltage [V]
10
5
0 0 5 10 15 Input Voltage [V]
Fig.1
Output voltageInput voltage characteristics VDD=5[V] / VSS=0[V]
Fig.2
Output voltageInput voltage characteristics VDD=10[V] / VSS=0[V]
Fig.3
Output voltageInput voltage characteristics VDD=15[V] / VSS=0[V]
50
VDD=15[V] -40[] 25[] 85[]
[BU4001B/F]
50
400
[BU4001B/F]
[BU4001B/F] Operating Temperature Range
350
Output Sink Current [mA] 40
Output Source Current [mA]
40
Output Rise Time [ns]
30
VDD=10[V] -40[] 25[] 85[] VDD=5[V]
VDD=15[V] -40[] 25[] 85[]
300 250 200 150 100 50 0
VDD=5[V] VDD=10[V] VDD=18[V] VDD=3[V]
30
20
20
-40[] 25[] VDD=10[V] 85[] -40[] 25[] VDD=5[V] 85[]
10
-40[] 25[] 85[]
10
0 0 5 10 Output Voltage [V] 15 20
0 0 5
10 Output Voltage [V]
15
20
-50
-25
0
25
50
75
100
Ambient Temperature []
Fig.4
Output source currentvoltage characteristics
Fig.5
Output sink currentvoltage characteristics
Fig.6
Rising time tTLH
450
[BU4001B/F]
400
Operating Temperature Range
[BU4001B/F]
400 350 Propagation Delay Time [ns] 300 250 200 150 100
[BU4001B/F] Operating Temperature Range
400 350 Output Fall Time [ns] 300 250 200 150 100 50 0 -50
350 Propagation Delay Time [ns] 300 250 200 150
Operating Temperature Range
VDD=3[V]
VDD=3[V]
VDD=3[V]
VDD=5[V]
VDD=5[V]
VDD=5[V]
100
VDD=10[V]
VDD=10[V] VDD=18[V]
VDD=10[V]
50
VDD=18[V]
50
VDD=18[V]
0 -25 0 25 50 75 100 -50 -25 0 25 50 75 100 Ambient Temperature [] Ambient Temperature []
0 -50 -25 0 25 50 75 100 Ambient Temperature []
Fig.7
Falling time tTHL
Fig.8
Rising propagation delay tPLH
Fig.9
Falling propagation delay tPHL
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
11 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Electrical Characteristics Curves(BU4011B)
6 5 Output Voltage [V] Output Voltage [V] 4 3 2 1 0 0 1 2 3 4 5 Input Voltage [V] 0 0 2 4 6 8 10 Input Voltage [V] 0 0 5
85[] 25[] -40[] [BU4011B/F/FV]
Technical Note
20
[BU4011B/F/FV] [BU4011B/F/FV]
10 15 Output Voltage [V]
85[] 25[] -40[] 85[] 25[] -40[]
10
5
5
10
15
Input Voltage [V]
Fig.10
Output voltageInput voltage characteristics VDD=5[V] / VSS=0[V]
Fig.11
Output voltageInput voltage characteristics VDD=10[V] / VSS=0[V]
Fig.12
Output voltageInput voltage characteristics VDD=15[V] / VSS=0[V]
50
VDD=15[V] -40[] 25[] 85[]
[BU4011B/F/FV]
50
[BU4011B/F/FV] VDD=15[V] -40[] 25[] 85[]
500
[BU4011B/F/FV] Operating Temperature Range
Output Source Current [mA]
Output Sink Current [mA]
40
40
400 Output Rise Time [ns]
30
VDD=10[V] -40[] 25[] 85[]
30
300
20
VDD=5[V] -40[] 25[] 85[]
20
-40[] 25[] VDD=10[V] 85[] -40[] 25[] VDD=5[V] 85[]
200
VDD=3[V] VDD=5[V] VDD=10[V]
10
10
100
0 0 5 10 Output Voltage [V] 15 20
0 0 5
0 20 -50 -25 0 25 50
VDD=18[V]
10 Output Voltage [V]
15
75
100
Ambient Temperature []
Fig.13
Output source currentvoltage characteristics
Fig.14
Output sink currentvoltage characteristics
Fig.15
Rising time tTLH
500
[BU4011B/F/FV]
500
[BU4011B/F/FV]
500
[BU4011B/F/FV] Operating Temperature Range
Propagation Delay Time [ns]
300
VDD=3[V]
Propagation Delay Time [ns]
400 Output Fall Time [ns]
Operating Temperature Range
400
Operating Temperature Range
400
300
VDD=3[V]
300
VDD=3[V]
200
VDD=5[V]
200
VDD=5[V] VDD=10[V]
200
VDD=5[V]
100
VDD=10[V] VDD=18[V]
100
100
VDD=10[V] VDD=18[V]
0 -50 -25 0 25 50
0 -50 -25 0 25
VDD=18[V]
0 100 -50 -25 0 25
75
100
50
75
50
75
100
Ambient Temperature []
Ambient Temperature []
Ambient Temperature []
Fig.16
Falling time tTHL
Fig.17
Rising propagation delay tPLH
Fig.18
Falling propagation delay tPHL
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
12 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Electrical Characteristics Curves(BU4030B / BU4070B)
6 5 Output Voltage [V] 4 3 2 1 0 0 1 2 3 4 5 Input Voltage [V]
85[] [BU4030B/F] [BU4070B/F]
Technical Note
20
12 10 Output Voltage [V] 8 6 4 2 0 0 5 Input Voltage [V]
[BU4030B/F] [BU4070B/F]
[BU4030B/F] [BU4070B/F]
Output Voltage [V]
25[]
-40[]
15
85[] 25[] -40[] 85[] 25[] -40[]
10
5
0 10 0 5 10 15 Input Voltage [V]
Fig.19
Output voltageInput voltage characteristics VDD=5[V] / VSS=0[V]
Fig.20
Output voltageInput voltage characteristics VDD=10[V] / VSS=0[V]
Fig.21
Output voltageInput voltage characteristics VDD=15[V] / VSS=0[V]
50
VDD=15[V] -40[] 25[] 85[] [BU4030B/F] [BU4070B/F]
50
VDD=15[V] -40[] 25[] 85[]
[BU4030B/F] [BU4070B/F]
400
[BU4030B/F] [BU4070B/F] Operating Temperature Range
Output Source Current [mA]
Output Sink Current [mA]
40
40
30
VDD=10[V] -40[] 25[] 85[]
30
Output Rise Time [ns]
300
200
VDD=3[V]
20
VDD=5[V] -40[] 25[] 85[]
20
-40[] 25[] VDD=10[V] 85[] -40[] 25[] VDD=5[V] 85[]
10
10
100
VDD=5[V] VDD=10[V]
0 0 5 10 Output Voltage [V] 15 20
0 0 5
0 20 -50 -25 0 25
VDD=18[V]
10 Output Voltage [V]
15
50
75
100
Ambient Temperature []
Fig.22
Output source currentvoltage characteristics
Fig.23
Output sink currentvoltage characteristics
Fig.24
Rising time tTLH
500
Propagation Delay Time [ns]
Output Fall Time [ns]
300
VDD=3[V]
Propagation Delay Time [ns]
400
[BU4030B/F] [BU4070B/F] Operating Temperature Range
400
[BU4030B/F] [BU4070B/F] Operating Temperature Range
500
400
[BU4030B/F] [BU4070B/F] Operating Temperature Range
300
VDD=3[V]
300
VDD=3[V]
200
200
VDD=5[V]
200
VDD=5[V]
100
100
VDD=5[V] VDD=10[V]
VDD=10[V] VDD=18[V]
100
VDD=10[V] VDD=18[V]
0 -50 -25 0 25
0 100 -50 -25 0
VDD=18[V]
0 75 100 -50 -25 0
50
75
25
50
25
50
75
100
Ambient Temperature []
Ambient Temperature []
Ambient Temperature []
Fig.25
Falling time tTHL
Fig.26
Rising propagation delay tPLH
Fig.27
Falling propagation delay tPHL
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
13 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Electrical Characteristics Curves(BU4081B)
6
85[] 25[] -40[] [BU4081B/F/FV]
Technical Note
20
[BU4081B/F/FV] 85[] 25[] -40[]
12
85[] 25[] -40[]
[BU4081B/F/FV]
5 Output Voltage [V] Output Voltage [V] 4 3 2 1 0 0 1 2 3 4 5 Input Voltage [V]
10 15 8 6 4 2 0 0 2 4 6 8 10 Input Voltage [V] 0 0 Output Voltage [V]
10
5
5
10
15
Input Voltage [V]
Fig.28
Output voltageInput voltage characteristics VDD=5[V] / VSS=0[V]
Fig.29
Output voltageInput voltage characteristics VDD=10[V] / VSS=0[V]
Fig.30
Output voltageInput voltage characteristics VDD=15[V] / VSS=0[V]
50
VDD=15[V] -40[] 25[] 85[]
[BU4081B/F/FV]
50
VDD=15[V]
[BU4081B/F/FV]
200
[BU4081B/F/FV] Operating Temperature Range
Output Source Current [mA]
Output Sink Current [mA]
40
40
30
30
85[]
Output Rise Time [ns]
VDD=10[V] -40[] 25[]
-40[] 25[] 85[]
150
100
VDD=3[V]
20
VDD=5[V] -40[] 25[] 85[]
20
-40[] 25[] VDD=10[V] 85[] -40[] 25[] VDD=5[V] 85[]
10
10
50
VDD=5[V] VDD=10[V]
0 0 5 10 Output Voltage [V] 15 20
0 0 5
0 20 -50 -25 0 25
VDD=18[V]
10 Output Voltage [V]
15
50
75
100
Ambient Temperature []
Fig.31
Output source currentvoltage characteristics
Fig.32
Output sink currentvoltage characteristics
Fig.33
Rising time tTLH
200
[BU4081B/F/FV]
200
[BU4081B/F/FV] Operating Temperature Range
250
[BU4081B/F/FV] Operating Temperature Range VDD=3[V]
Propagation Delay Time [ns]
Output Fall Time [ns]
150
VDD=3[V]
150
VDD=3[V]
Propagation Delay Time [ns]
Operating Temperature Range
200
150
100
100
VDD=5[V]
100
VDD=5[V]
50
VDD=5[V] VDD=10[V] VDD=18[V]
50
VDD=10[V] VDD=18[V]
50
VDD=10[V] VDD=18[V]
0 -50 -25 0 25
0 100 -50 -25 0 25 50 75 100 Ambient Temperature []
0 -50 -25 0 25 50 75 100 Ambient Temperature []
50
75
Ambient Temperature []
Fig.34
Falling time tTHL
Fig.35
Rising propagation delay tPLH
Fig.36
Falling propagation delay tPHL
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
14 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Electrical Characteristics Curves(BU4093B)
6 5 Output Voltage [V] 4 3 2 1 0 0 1 2 3 4 5 Input Voltage [V] Output Voltage [V]
85[] 25[] -40[] [BU4093B/F/FV]
Technical Note
20
85[] 25[] -40[]
12 10
85[] 25[] -40[]
[BU4093B/F/FV]
[BU4093B/F/FV]
15 Output Voltage [V]
8 6 4 2 0 0 5 Input Voltage [V] 10
10
5
0 0 5 10 15 Input Voltage [V]
Fig.37
Output voltageInput voltage characteristics VDD=5[V] / VSS=0[V]
Fig.38
Output voltageInput voltage characteristics VDD=10[V] / VSS=0[V]
Fig.39
Output voltageInput voltage characteristics VDD=15[V] / VSS=0[V]
400
[BU4093B/F/FV]
50
VDD=15[V] -40[] 25[] 85[]
[BU4093B/F/FV]
50
[BU4093B/F/FV]
350 Output Source Current [mA] 40
VDD=15[V] -40[] 25[] 85[]
Output Source Current [mA]
40
Operating Temperature Range
30
VDD=10[V] -40[] 25[] 85[] VDD=5[V] -40[] 25[] 85[]
Output Rise Time[ns]
300 250 200
VDD=3[V]
30
20
20
VDD=10[V] -40[] 25[] 85[]
150 100 50 0
VDD=5[V] VDD=10[V] VDD=18[V]
10
10
0 0 5 10 Output Voltage [V] 15 20
0 0 5
-40[] 25[] VDD=5[V] 85[]
10 Output Voltage [V]
15
20
-50
-25
0
25
50
75
100
Output Voltage [V]
Fig.40
Output source currentvoltage characteristics
Fig.41
Output sink currentvoltage characteristics
Fig.42
Rising time tTLH
400
[BU4093B/F/FV] Operating Temperature Range
400
[BU4093B/F/FV] Operating Temperature Range
400
[BU4093B/F/FV] Operating Temperature Range
Propagation Delay Time [ns]
Propagation Delay Time [ns]
Output Fall Time [ns]
300
VDD=3[V]
300
300
200
VDD=5[V]
200
VDD=3[V]
200
VDD=3[V]
100
VDD=10[V] VDD=18[V]
100
VDD=5[V] VDD=10[V]
100
VDD=5[V] VDD=10[V]
0 -50 -25 0 25 50 75 100 Ambient Temperature []
0 -50 -25 0 25
VDD=18[V]
0 100 -50 -25 0 25
VDD=18[V]
50
75
50
75
100
Ambient Temperature []
Ambient Temperature []
Fig.43
Falling time tTHL
Fig.44
Rising propagation delay tPLH
Fig.45
Falling propagation delay tPHL
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
15 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Electrical Characteristics Curves(BU4069UB)
6 5
[BU4069UB/F/FV] 85[] 25[] -40[]
Technical Note
20
12 10
[BU4069UB/F/FV] 85[] 25[] -40[]
[BU4069UB/F/FV] 85[] 25[] -40[]
15 Output Voltage [V]
Output Voltage [V]
4 3 2 1 0 0 1 2 3 4 5 Input Voltage [V]
Output Voltage [V]
8 6 4 2 0 0 2 4 6 8 10 Input Voltage [V]
10
5
0
0
5
10
15
Input Voltage [V]
Fig.46
Output voltageInput voltage characteristics VDD=5[V] / VSS=0[V]
Fig.47
Output voltageInput voltage characteristics VDD=10[V] / VSS=0[V]
Fig.48
Output voltageInput voltage characteristics VDD=15[V] / VSS=0[V]
50
VDD=5[V] -40[] 25[] 85[]
[BU4069UB/F/FV]
50
[BU4069UB/F/FV]
400
[BU4069UB/F/FV] Operating Temperature Range
Output Source Current [mA]
VDD=15[V]
30
85[]
30
-40[] 25[] 85[]
Output Rise Time [ns]
VDD=10[V] -40[] 25[]
Output Sink Current [mA]
40
40
300
200
VDD=3[V] VDD=5[V] VDD=10[V]
20
VDD=15[V] -40[] 25[] 85[]
20
VDD=10[V] -40[] 25[] 85[]
10
10
VDD=5[V] -40[] 25[] 85[]
100
VDD=18[V]
0 0 5 10 Output Voltage [V] 15 20
0 0 5
0 15 20 -50 -25 0 25 50 75 100 Ambient Temperature []
10 Output Voltage [V]
Fig.49
Output source currentvoltage characteristics
Fig.50
Output sink currentvoltage characteristics
Fig.51
Rising time tTLH
500
[BU4069UB/F/FV] Operating Temperature Range
400
[BU4069UB/F/FV] VDD=18[V] Operating Temperature Range
400
[BU4069UB/F/FV] Operating Temperature Range
Propagation Delay Time [ns]
Output Fall Time [ns]
VDD=3[V]
300
VDD=10[V]
Propagation Delay Time [ns]
400
300
VDD=3[V]
300
200
VDD=18[V]
200
VDD=10[V] VDD=18[V]
200
VDD=5[V] VDD=10[V] VDD=18[V]
100
100
VDD=3[V] VDD=5[V]
100
VDD=5[V]
0 -50 -25 0 25 50 75 100 Ambient Temperature []
0 -50 -25 0 25 50 75 100 Ambient Temperature []
0 -50 -25 0 25 50 75 100 Ambient Temperature []
Fig.52
Falling time tTHL
Fig.53
Rising propagation delay tPLH
Fig.54
Falling propagation delay tPHL
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
16 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Electrical Characteristics Curves(BU4584B)
6 5 Output Voltage [V] Output Voltage [V] 4 3 2 1 0 0 1 2 3 4 5 Input Voltage [V]
85[] 25[] -40[] [BU4584B/F/FV]
Technical Note
20
[BU4584B/F/FV]
12 10 8 6 4 2 0 0 2 4 6 8 10 Input Voltage [V]
[BU4584B/F/FV]
-40[]
Output Voltage [V]
85[] 25[]
15
85[] 25[] -40[]
10
5
0 0 5 10 15 Input Voltage [V]
Fig.55
Output voltageInput voltage characteristics VDD=5[V] / VSS=0[V]
Fig.56
Output voltageInput voltage characteristics VDD=10[V] / VSS=0[V]
Fig.57
Output voltageInput voltage characteristics VDD=15[V] / VSS=0[V]
50
50
[BU4584B/F/FV] VDD=5[V] -40[] 25[] 85[] [BU4584B/F/FV]
400
[BU4584B/F/FV] Operating Temperature Range
Output Source Current [mA]
Output Sink Current [mA]
40
40
VDD=15[V] -40[] 25[] 85[]
30
85[]
30
Output Rise Time [ns]
VDD=10[V] -40[] 25[]
300
200
VDD=3[V]
20
VDD=15[V] -40[] 25[] 85[]
20
VDD=10[V] -40[] 25[] 85[]
10
10
VDD=5[V] -40[] 25[] 85[]
100
VDD=10[V] VDD=5[V] VDD=18[V]
0 0 5 10 Output Voltage [V] 15 20
0 0 5
0 15 20 -50 -25 0 25 50 75 100 Ambient Temperature []
10 Output Voltage [V]
Fig.58
Output source currentvoltage characteristics
Fig.59
Output sink currentvoltage characteristics
Fig.60
Rising time tTLH
500
[BU4584B/F/FV] Operating Temperature Range
400
[BU4584B/F/FV]
400
[BU4584B/F/FV] Operating Temperature Range
Propagation Delay Time [ns]
Output Fall Time [ns]
300
Propagation Delay Time [ns]
400
Operating Temperature Range
300
VDD=3[V]
300
VDD=3[V]
200
VDD=3[V]
200
VDD=5[V]
200
VDD=5[V]
100
100
VDD=10[V] VDD=18[V]
VDD=5[V] VDD=10[V]
100
VDD=10[V] VDD=18[V]
0 -50 -25 0 25 50 75 100 Ambient Temperature []
0 -50 -25 0 25
VDD=18[V]
0 100 -50 -25 0 25 50 75 100 Ambient Temperature []
50
75
Ambient Temperature []
Fig.61
Falling time tTHL
Fig.62
Rising propagation delay tPLH
Fig.63
Falling propagation delay tPHL
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
17 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV
Technical Note
Pinout DiagramsPin Description
1) BU4001B Series
A1 B1 O1 O2 B2 A2 VSS
1 2 3 4 5 6 7 14 13 12 11 10 9 8
2) BU4011B Series
VDD A4 B4 O4 O3 B3 A3 A1 B1 O1 O2 B2 A2 VSS
1 2 3 4 5 6 7 14 13 12 11 10 9 8
3) BU4030B Series
VDD A4 B4 O4 O3 B3 A3
A1 B1 O1 O2 B2 A2 VSS
1 2 3 4 5 6 7 14 13 12 11 10 9 8
VDD A4 B4 O4 O3 B3 A3
PIN No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14
PIN NAME A1 B1 O1 O2 B2 A2 VSS A3 B3 O3 O4 B4 A4 VDD
I/O I I O O I I I I O O I I
PIN FUNCTION INPUT1 INPUT1 OUTPUT1 OUTPUT2 INPUT2 INPUT2 Power Supply(-) INPUT3 INPUT3 OUTPUT3 OUTPUT4 INPUT4 INPUT4 Power Supply(+)
PIN No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14
PIN NAME A1 B1 O1 O2 B2 A2 VSS A3 B3 O3 O4 B4 A4 VDD
I/O I I O O I I I I O O I I
PIN FUNCTION INPUT1 INPUT1 OUTPUT1 OUTPUT2 INPUT2 INPUT2 Power Supply(-) INPUT3 INPUT3 OUTPUT3 OUTPUT4 INPUT4 INPUT4 Power Supply(+)
PIN No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14
PIN NAME A1 B1 O1 O2 B2 A2 VSS A3 B3 O3 O4 B4 A4 VDD
I/O I I O O I I I I O O I I
PIN FUNCTION INPUT1 INPUT1 OUTPUT1 OUTPUT2 INPUT2 INPUT2 Power Supply(-) INPUT3 INPUT3 OUTPUT3 OUTPUT4 INPUT4 INPUT4 Power Supply(+)
TRUTH TABLE
A L L H H B L H L H OUT H L L L
TRUTH TABLE
A L L H H B L H L H OUT H H H L
TRUTH TABLE
A L L H H B L H L H OUT L H H L
4) BU4070B Series
A1 B1 O1 O2 B2 A2 VSS
1 2 3 4 5 6 7 14 13 12 11 10 9 8
5) BU4081B Series
VDD A4 B4 O4 O3 B3 A3 A1 B1 O1 O2 B2 A2 VSS
1 2 3 4 5 6 7 14 13 12 11 10 9 8
6) BU4093B Series
VDD A4 B4 O4 O3 B3 A3
I1 I2 O1 O2 I3 I4 VSS
1 2 3 4 5 6 7 14 13 12 11 10 9 8
VDD I8 I7 O4 O3 I6 I5
PIN No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14
PIN NAME A1 B1 O1 O2 B2 A2 VSS A3 B3 O3 O4 B4 A4 VDD
I/O I I O O I I I I O O I I
PIN FUNCTION INPUT1 INPUT1 OUTPUT1 OUTPUT2 INPUT2 INPUT2 Power Supply(-) INPUT3 INPUT3 OUTPUT3 OUTPUT4 INPUT4 INPUT4 Power Supply(+)
PIN No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14
PIN NAME A1 B1 O1 O2 B2 A2 VSS A3 B3 O3 O4 B4 A4 VDD
I/O I I O O I I I I O O I I
PIN FUNCTION INPUT1 INPUT1 OUTPUT1 OUTPUT2 INPUT2 INPUT2 Power Supply(-) INPUT3 INPUT3 OUTPUT3 OUTPUT4 INPUT4 INPUT4 Power Supply(+)
PIN No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14
PIN NAME I1 I2 O1 O2 I3 I4 VSS I5 I6 O3 O4 I7 I8 VDD
I/O I I O O I I I I O O I I
PIN FUNCTION INPUT1 INPUT2 OUTPUT1 OUTPUT2 INPUT3 INPUT4 Power Supply(-) INPUT5 INPUT6 OUTPUT3 OUTPUT4 INPUT7 INPUT8 Power Supply(+)
TRUTH TABLE
A L L H H B L H L H OUT L H H L
TRUTH TABLE
A L L H H B L H L H OUT L L L H
TRUTH TABLE
A L L H H B L H L H OUT H H H L
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
18 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV 7) BU4069UB Series
I1 O1 I2 O2 I3 O3 VEE
PIN No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14
Technical Note
8) BU4584B Series
14 13 12 11 10 9 8
1 2 3 4 5 6 7
PIN NAME I1 O1 I2 O2 I3 O3 VSS I4 O4 I5 O5 I6 O6 VDD I/O I O I O I O O I O I O I
VDD I6 O6 I5 O5 I4 O4
I1 O1 I2 O2 I3 O3 VEE
PIN No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14
1 2 3 4 5 6 7
PIN NAME I1 O1 I2 O2 I3 O3 VSS I4 O4 I5 O5 I6 O6 VDD I/O I O I O I O O I O I O I
14 13 12 11 10 9 8
VDD I6 O6 I5 O5 I4 O4
PIN FUNCYION INPUT1 OUTPUT1 INPUT2 OUTPUT2 INPUT3 OUTPUT3 Power Supply(-) OUTPUT4 INPUT4 OUTPUT5 INPUT5 OUTPUT6 INPUT6 Power Supply(+)
PIN FUNCYION INPUT1 OUTPUT1 INPUT2 OUTPUT2 INPUT3 OUTPUT3 Power Supply(-) OUTPUT4 INPUT4 OUTPUT5 INPUT5 OUTPUT6 INPUT6 Power Supply(+)
TRUTH TABLE
IN H L OUT L H
TRUTH TABLE
IN H L OUT L H
Notes for use 1. Absolute maximum ratings An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc., can break down the devices, thus making impossible to identify breaking mode, such as a short circuit or an open circuit. If any over rated values will expect to exceed the absolute maximum ratings, consider adding circuit protection devices, such as fuses. 2. Connecting the power supply connector backward Connecting of the power supply in reverse polarity can damage IC. Take precautions when connecting the power supply lines. An external direction diode can be added. 3. Power supply lines Design PCB layout pattern to provide low impedance GND and supply lines. To obtain a low noise ground and supply line, separate the ground section and supply lines of the digital and analog blocks. Furthermore, for all power supply terminals to ICs, connect a capacitor between the power supply and the GND terminal. When applying electrolytic capacitors in the circuit, not that capacitance characteristic values are reduced at low temperatures. 4. GND voltage The potential of GND pin must be minimum potential in all operating conditions. 5. Thermal design Use a thermal design that allows for a sufficient margin in light of the power dissipation (Pd) in actual operating conditions. 6. Inter-pin shorts and mounting errors Use caution when positioning the IC for mounting on printed circuit boards. The IC may be damaged if there is any connection error or if pins are shorted together. 7. Actions in strong electromagnetic field Use caution when using the IC in the presence of a strong electromagnetic field as doing so may cause the IC to malfunction. 8. Testing on application boards When testing the IC on an application board, connecting a capacitor to a pin with low impedance subjects the IC to stress. Always discharge capacitors after each process or step. Always turn the IC's power supply off before connecting it to or removing it from a jig or fixture during the inspection process. Ground the IC during assembly steps as an antistatic measure. Use similar precaution when transporting or storing the IC. 9. Ground Wiring Pattern When using both small signal and large current GND patterns, it is recommended to isolate the two ground patterns, placing a single ground point at the ground potential of application so that the pattern wiring resistance and voltage variations caused by large currents do not cause variations in the small signal ground voltage. Be careful not to change the GND wiring pattern of any external components, either. 10. Unused input terminals Connect all unused input terminals to VDD or VSS in order to prevent excessive current or oscillation. Insertion of a resistor (100k approx.) is also recommended
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
19 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Ordering part number
Technical Note
B
U
4
0
0
1
4081B 4093B 4069UB 4584B
B
F
V
-
E
2
Part No.
Part No. 4001B 4011B 4030B 4070B
Package None: DIP14 F : SOP14 FV : SSOP-B14
Packaging and forming specification E2: Embossed tape and reel None:Tray,Tube
SOP14

8.7 0.2 (MAX 9.05 include BURR)
14 8
Tape Quantity Direction of feed
0.3MIN
Embossed carrier tape 2500pcs E2
The direction is the 1pin of product is at the upper left when you hold
6.20.3
4.40.2
( reel on the left hand and you pull out the tape on the right hand
)
1
7
0.15 0.1
1.50.1
0.11
1.27
0.4 0.1
0.1
1pin
(Unit : mm)
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
SSOP-B14
5.0 0.2
14 8

Tape Quantity
0.3Min.
Embossed carrier tape 2500pcs E2
The direction is the 1pin of product is at the upper left when you hold
6.4 0.3
4.4 0.2
Direction of feed
( reel on the left hand and you pull out the tape on the right hand
)
1
7
0.15 0.1
1.15 0.1
0.10
0.65
0.1
0.22 0.1
1pin
(Unit : mm)
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
20 / 216
2009.06 - Rev.A
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV
Technical Note
DIP14
19.40.3
14 8

Container Quantity
6.50.3
Tube 1000pcs Direction of products is fixed in a container tube
Direction of feed
1
7
3.20.2 4.250.3 0.51Min.
7.62
0.30.1 0-15 2.54 0.50.1
(Unit : mm)
Order quantity needs to be multiple of the minimum quantity.
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
21 / 216
2009.06 - Rev.A
Notice
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the consent of ROHM Co.,Ltd. The content specified herein is subject to change for improvement without notice. The content specified herein is for the purpose of introducing ROHM's products (hereinafter "Products"). If you wish to use any such Product, please be sure to refer to the specifications, which can be obtained from ROHM upon request. Examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the Products. The peripheral conditions must be taken into account when designing circuits for mass production. Great care was taken in ensuring the accuracy of the information specified in this document. However, should you incur any damage arising from any inaccuracy or misprint of such information, ROHM shall bear no responsibility for such damage. The technical information specified herein is intended only to show the typical functions of and examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by ROHM and other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. The Products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, communication devices, electronic appliances and amusement devices). The Products specified in this document are not designed to be radiation tolerant. While ROHM always makes efforts to enhance the quality and reliability of its Products, a Product may fail or malfunction for a variety of reasons. Please be sure to implement in your equipment using the Products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM shall bear no responsibility whatsoever for your use of any Product outside of the prescribed scope or not in accordance with the instruction manual. The Products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-controller or other safety device). ROHM shall bear no responsibility in any way for use of any of the Products for the above special purposes. If a Product is intended to be used for any such special purpose, please contact a ROHM sales representative before purchasing. If you intend to export or ship overseas any Product or technology specified herein that may be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to obtain a license or permit under the Law.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
ROHM Customer Support System
http://www.rohm.com/contact/
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
R0039A


▲Up To Search▲   

 
Price & Availability of BU4069F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X