Part Number Hot Search : 
39311 SMCJ1 LC864328 QRD33 MS8GE YELLOW 2SD1336 GQM219
Product Description
Full Text Search
 

To Download BO2002B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BO LYMIN
BO2002B
Feature
1. COG package 2. 5x7 dot with cursor 3. Built-in controller ST7036i 4. +3V single power supply 5. 1/16 duty cycle 6. I2C series interface
Mechanical Data Item Standard Value Module Dimension 153.0 x 35.0 Viewing Area 149.0 x 23 Dot Size 1.12 x 1.12 Dot Pitch 6.0 x 9.66 Pin Assignment Pin 1
2 3 4 5 6 7 8
Unit mm mm mm mm
Electronic Characteristics Function
DC-DC voltage converter ,Connect a capacitor between this terminal And VIN when the built-in booster is used.
Symbol
VOUT CAPCAP+ VDD VSS SDA SCL RST
For voltage booster circuit(VDD-VSS) External capacitor about 0.1uf to 4.7uf
Power supply GND Serial data input Serial clock input External reset pin
Symbol Condition Typical Unit Value Input Voltage Vdd Vdd = +3.0V 3.0 V Vdd = +3.0V 0.5 mA Supply Current Idd LCD Driving 4.5 VLCD V 25 oC Voltage Item
Dimension


▲Up To Search▲   

 
Price & Availability of BO2002B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X