Part Number Hot Search : 
KU10N14 L4448 AH293YA 40174 SDP55N 2SB90607 P0502 ATF16
Product Description
Full Text Search
 

To Download AZ830-2C-12DE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ830
POLARIZED DIP RELAY SINGLE SIDE STABLE
FEATURES * * * * * * * * * * Low profile for compact board spacing DC coils to 48 VDC High sensitivity, 96 mW pickup Life expectancy to 100 million operations High switching capacity, 60 W, 125 VA Fits standard 16 pin IC socket Epoxy sealed for automatic wave soldering and cleaning Meets FCC Part 68.302 1500 V lightning surge Meets FCC Part 68.304 1000 V dielectric UL file E43203 (UL1950)
GENERAL DATA
Life Expectancy Mechanical Electrical Minimum operations 1 x 108 1 x 105 at 2 A, 30 VDC or 1 A, 125 VAC 2 x 106 at 1 A, 30 VDC or .5 A, 125 VAC (see table for additional figures) 3 ms at nominal coil voltage 2 ms at nominal coil voltage (with no coil suppression) Contact to contact: 1.0 pF Contact set to contact: 1.0 pF Contact to coil: 2.0 pF At 10 mA contact current 1.5 ms at operate N.O. side 2.5 ms at operate N.C. side 1500 Vrms contact to coil 1000 Vrms between contact sets 1000 Vrms across contacts Meets FCC Part 68.302 lightning surge Meets FCC Part 68.304 V dielectric 1000 megohms min. at 20C, 500 VDC, 50% RH Greater than 10% of nominal coil voltage At nominal coil voltage Standard: -40C (-40F) to 70C (158F) Sensitive: -40C (-40F) to 85C (185F) Ultra-Sensitive: -40C (-40F) to 90C (194F) All: -40C (-40F) to 115C (239F) 0.062" DA at 10-55 Hz 40 g P.B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 5 grams
CONTACTS
Arrangement Ratings DPDT (2 Form C) Bifurcated crossbar contacts Resistive load: Max. Max. Max. Max. Rated Load UL Material Resistance switched power: 60 W or 125 VA switched current: 2 A switched voltage: 250 VDC or 300 VAC carry current: 3A Capacitance Operate Time (typical) Release Time (typical)
Bounce (typical) 2 A at 30 VDC 1 A at 120 VAC Silver alloy, gold clad. < 50 milliohms initially Dielectric Strength (at sea level)
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Standard coil: 200 mW Sensitive coil: 100 mW Ultra-Sensitive coil: 96 mW 1.0 W at 20C (68F) 0.9 W at 40C (104F) Standard: 38C (68F) at nominal coil voltage Sensitive: 21C (38F) at nominal coil voltage Ultra-Sensitive: 16C (29F) at nominal coil voltage Max. 115C (239F)
Insulation Resistance Dropout Ambient Temperature Operating
Storage Vibration Shock Enclosure
Temperature
NOTES
1. 2. 3. 4. All values at 20C (68F). Relay may pull in with less than "Must Operate" value. Relay has fixed coil polarity. For complete isolation between the relay's magnetic fields, it is recommended that a .197" (5.0 mm) space be provided between adjacent relays. 5. Relay adjustment may be affected if undue pressure is exerted on relay case. 6. Specifications subject to change without notice.
Terminals Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight
8/3/07W
AZ830
RELAY ORDERING DATA
COIL SPECIFICATIONS STANDARD COIL
Nominal Max. Coil Must Coil Continuous Resistance Operate ORDER NUMBER* VDC VDC 10% VDC 3 4.5 22.5 2.1 AZ830-2C-3DE 5 6 9 12 24 48 7.5 9.0 13.5 18.0 36.0 72.0 62.5 90 203 360 1440 5760 3.5 4.2 6.3 8.4 16.8 33.6 AZ830-2C-5DE AZ830-2C-6DE AZ830-2C-9DE AZ830-2C-12DE AZ830-2C-24DE AZ830-2C-48DE VOLTAGE 50 mV 30 VDC 30 VDC 30 VDC 60 VDC 60 VDC 60 VDC 30 VAC 30 VAC 30 VAC 60 VAC 60 VAC 60 VAC 125 VAC 125 VAC 125 VAC POWER 50 W 60 W 40 W 20 W 60 W 40 W 20 W 120 VA 80 VA 40 VA 120 VA 80 VA 40 VA 125 VA 80 VA 40 VA
TYPICAL CONTACT LIFE EXPECTANCY
NUMBER OF OPERATIONS RESISTIVE LOAD 5x 107 5 x 105 1 x 106 3 x 106 5 x 105 1 x 106 3 x 106 5 x 105 1 x 106 3 x 106 5 x 105 1 x 106 3 x 106 5 x 105 1 x 106 3 x 106 INDUCTIVE LOAD 5 x 107 15 x 104 3 x 105 1 x 106 -- -- -- 15 x 104 3 x 105 1 x 106 15 x 104 3 x 105 1 x 106 15 x 104 3 x 105 1 x 106
SENSITIVE COIL
3 5 9 12 24 48 6.4 10.6 19.1 25.5 50.9 101.8 45 125 405 720 2880 11520 2.1 3.5 6.3 8.4 16.8 33.6 AZ830-2C-3DSE AZ830-2C-5DSE AZ830-2C-9DSE AZ830-2C-12DSE AZ830-2C-24DSE AZ830-2C-48DSE
ULTRA-SENSITIVE COIL
3 5 9 12 24 7.3 12.3 22.0 29.4 58.8 60 167 540 960 3840 2.4 4.0 7.2 9.6 19.2 AZ830-2C-3DSSE AZ830-2C-5DSSE AZ830-2C-9DSSE AZ830-2C-12DSSE AZ830-2C-24DSSE
NOTES: 1. Relays operated at nominal coil voltage. 2. Inductive load tests are at 0.7 power factor. 3. Table represents typical life figures and are not guaranteed minimums.
Maximum Switching Capacity
10.0
9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0
* Add suffix "R" to indicate reversed polarity.
Current
1.0
.9 .8 .7 .6 .5 .4
AC Resistive Load DC Resistive Load
MECHANICAL DATA
.788 (20.0) .015 (0.38)
PC BOARD LAYOUT
0.03 DIA (0.8) (8 HOLES) .044 (1.1) REF
.3 .2
.044 (1.1) REF
Voltage
.044 (1.1) .300 (7.61)
.200 (5.07) .200 (5.07) .390 (9.9)
(.024 .005) (0.6 0.13) TYP
Viewed toward terminals
0.1 (2.54)
WIRING DIAGRAM
+
1
4
6
8
-
16
.012 .005 (0.3 0.13) TYP
13
11
9
(WATCH FOR POLARITY)
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
1000
100
10
400 500 600 700 800 900
50 60 70 80 90
200
300
20
30
40
.138 (3.5)
.386 (9.8)
.1
8/3/07W


▲Up To Search▲   

 
Price & Availability of AZ830-2C-12DE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X