Part Number Hot Search : 
240QJ1 SCH1332 BR3010 TIP32A RB1E13N PY5305S 91900 SR050
Product Description
Full Text Search
 

To Download AT42QT1011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Number of Keys:
- One - Configurable as either a single key or a proximity sensor Technology: - Patented spread-spectrum charge-transfer (direct mode) Key outline sizes: - 6 mm x 6 mm or larger (panel thickness dependent); widely different sizes and shapes possible Electrode design: - Solid or ring electrode shapes PCB Layers required: - One Electrode materials: - Etched copper, silver, carbon, Indium Tin Oxide (ITO) Electrode substrates: - PCB, FPCB, plastic films, glass Panel materials: - Plastic, glass, composites, painted surfaces (low particle density metallic paints possible) Panel thickness: - Up to 12 mm glass, 6 mm plastic (electrode size and Cs dependent) Key sensitivity: - Settable via capacitor (Cs) Interface: - Digital output, active high Moisture tolerance: - Good Power: - 1.8V - 5.5V; 17 A at 1.8V typical Package: - 6-pin SOT23-6 RoHS compliant Signal processing: - Self-calibration, auto drift compensation, noise filtering - Infinite max on-duration Applications: - Control panels, consumer appliances, proximity sensor applications, toys, lighting controls, mechanical switch or button, Patents: - QTouch(R) (patented charge-transfer method) - HeartBeatTM (monitors health of device)
* *
* * * * *
One-channel Touch Sensor IC AT42QT1011
* * * * * * *
*
*
9542G-AT42-03/10
1. Pinout and Schematic
1.1 Pinout Configuration
OUT VSS SNSK 1 2 3 6 5 4 SYNC/MODE VDD SNS
1.2
Pin Descriptions
Pin Listing
Pin 1 2 3 4 5 6 Type O P I/O I/O P I Comments Output state Supply ground Sense pin Sense pin Power SYNC and Mode Input - - Cs + Key Cs - Pin is either SYNC/Slow/Fast Mode, depending on logic level applied (see Section 3.1 on page 4) I/O P Input and output Ground or power If Unused, Connect To...
Table 1-1.
Name OUT Vss SNSK SNS Vdd SYNC
I O
Input only Output only, push-pull
1.3
Schematic
Figure 1-1. Basic Circuit Configuration
VDD
5
SENSE ELECTRODE
3
VDD
1
OUT
Rs Cs
SNSK SNS
4
SYNC/MODE 6 VSS
2
Cx
Note: A bypass capacitor should be tightly wired between Vdd and Vss and kept close to pin 5.
2
AT42QT1011
9542G-AT42-03/10
AT42QT1011
2. Overview of the AT42QT1011
2.1 Introduction
The AT42QT1011 (QT1011) is a digital burst mode charge-transfer (QTTM) sensor that is capable of detecting near-proximity or touch, making it ideal for implementing touch controls. With the proper electrode and circuit design, the self-contained digital IC will project a touch or proximity field to several centimeters through any dielectric like glass, plastic, stone, ceramic, and even most kinds of wood. It can also turn small metal-bearing objects into intrinsic sensors, making them responsive to proximity or touch. This capability, coupled with its ability to self-calibrate, can lead to entirely new product concepts. The QT1011 is designed specifically for human interfaces, like control panels, appliances, toys, lighting controls, or anywhere a mechanical switch or button may be found. It includes all hardware and signal processing functions necessary to provide stable sensing under a wide variety of changing conditions. Only a single low-cost capacitor is required for operation.
2.2
Basic Operation
Figure 1-1 on page 2 shows a basic circuit. The QT1011 employs bursts of charge-transfer cycles to acquire its signal. Burst mode permits power consumption in the microamp range, dramatically reduces RF emissions, lowers susceptibility to EMI, and yet permits excellent response time. Internally the signals are digitally processed to reject impulse noise, using a "consensus" filter which requires four consecutive confirmations of a detection before the output is activated. The QT switches and charge measurement hardware functions are all internal to the QT1011.
2.3
Electrode Drive
For optimum noise immunity, the electrode should only be connected to SNSK. In all cases the rule Cs>>Cx must be observed for proper operation; a typical load capacitance (Cx) ranges from 5-20 pF while Cs is usually about 2-50 nF. Increasing amounts of Cx destroy gain, therefore it is important to limit the amount of stray capacitance on both SNS terminals. This can be done, for example, by minimizing trace lengths and widths and keeping these traces away from power or ground traces or copper pours. The traces and any components associated with SNS and SNSK will become touch sensitive and should be treated with caution to limit the touch area to the desired location. A series resistor, Rs, should be placed in line with SNSK to the electrode to suppress ESD and EMC effects.
2.4
2.4.1
Sensitivity
Introduction The sensitivity on the QT1011 is a function of things like the value of Cs, electrode size and capacitance, electrode shape and orientation, the composition and aspect of the object to be sensed, the thickness and composition of any overlaying panel material, and the degree of ground coupling of both sensor and object.
3
9542G-AT42-03/10
2.4.2
Increasing Sensitivity In some cases it may be desirable to increase sensitivity; for example, when using the sensor with very thick panels having a low dielectric constant, or when the device is used as a proximity sensor. Sensitivity can often be increased by using a larger electrode or reducing panel thickness. Increasing electrode size can have diminishing returns, as high values of Cx will reduce sensor gain. The value of Cs also has a dramatic effect on sensitivity, and this can be increased in value with the trade-off of slower response time and more power. Increasing the electrode's surface area will not substantially increase touch sensitivity if its diameter is already much larger in surface area than the object being detected. Panel material can also be changed to one having a higher dielectric constant, which will better help to propagate the field. In the case of proximity detection, usually the object being detected is on an approaching hand, so a larger surface area can be effective. Ground planes around and under the electrode and its SNSK trace will cause high Cx loading and destroy gain. The possible signal-to-noise ratio benefits of ground area are more than negated by the decreased gain from the circuit, and so ground areas around electrodes are discouraged. Metal areas near the electrode will reduce the field strength and increase Cx loading and should be avoided, if possible. Keep ground away from the electrodes and traces.
2.4.3
Decreasing Sensitivity In some cases the QT1011 may be too sensitive. In this case gain can be easily lowered further by decreasing Cs. Proximity Sensing By increasing the sensitivity, the QT1011 can be used as a very effective proximity sensor, allowing the presence of a nearby object (typically a hand) to be detected. In this scenario, as the object being sensed is typically a hand, very large electrode sizes can be used, which is extremely effective in increasing the sensitivity of the detector. In this case, the value of Cs will also need to be increased to ensure improved sensitivity, as mentioned in Section 2.4.2. Note that, although this affects the responsiveness of the sensor, it is less of an issue in proximity sensing applications; in such applications it is necessary to detect simply the presence of a large object, rather than a small, precise touch.
2.4.4
3. Operation Specifics
3.1
3.1.1
Run Modes
Introduction The QT1011 has three running modes which depend on the state of the SYNC pin (high or low).
3.1.2
Fast Mode The QT1011 runs in Fast mode if the SYNC pin is permanently high. In this mode the QT1011 runs at maximum speed at the expense of increased current consumption. Fast mode is useful when speed of response is the prime design requirement. The delay between bursts in Fast mode is approximately 1 ms, as shown in Figure 3-1.
4
AT42QT1011
9542G-AT42-03/10
AT42QT1011
Figure 3-1. Fast Mode Bursts (SYNC Held High)
SNSK
~1ms
SYNC
3.1.3
Low Power Mode The QT1011 runs in Low Power (LP) mode if the SYNC pin is held low. In this mode it sleeps for approximately 80 ms at the end of each burst, saving power but slowing response. On detecting a possible key touch, it temporarily switches to Fast mode until either the key touch is confirmed or found to be spurious (via the detect integration process). It then returns to LP mode after the key touch is resolved, as shown in Figure 3-2 on page 5. Figure 3-2. Low Power Mode (SYNC Held Low)
Key touch
~80 ms
Fast detect integrator Sleep
SNSK
Sleep
Sleep
SYNC
OUT
3.1.4
SYNC Mode It is possible to synchronize the device to an external clock source by placing an appropriate waveform on the SYNC pin. SYNC mode can synchronize multiple QT1011 devices to each other to prevent cross-interference, or it can be used to enhance noise immunity from low frequency sources such as 50Hz or 60Hz mains signals. The SYNC pin is sampled at the end of each burst. If the device is in Fast mode and the SYNC pin is sampled high, then the device continues to operate in Fast mode (Figure 3-1 on page 5). If SYNC is sampled low, then the device goes to sleep. From then on, it will operate in SYNC mode (Figure 3-2). Therefore, to guarantee entry into SYNC mode the low period of the SYNC signal should be longer than the burst length (Figure 3-3 on page 6).
5
9542G-AT42-03/10
Figure 3-3.
SYNC Mode (Triggered by SYNC Edges)
SNSK
sleep
sleep
sleep
Revert to Fast Mode
SYNC
slow mode sleep period
SNSK
sleep
sleep
sleep slow mode sleep period
Revert to Slow Mode
SYNC
However, once SYNC mode has been entered, if the SYNC signal consists of a series of short pulses (>10 s) then a burst will only occur on the falling edge of each pulse (Figure 3-4 on page 6) instead of on each change of SYNC signal, as normal (Figure 3-3). In SYNC mode, the device will sleep after each measurement burst (just as in LP mode) but will be awakened by a change in the SYNC signal in either direction, resulting in a new measurement burst. If SYNC remains unchanged for a period longer than the LP mode sleep period (about 80 ms), the device will resume operation in either Fast or LP mode depending on the level of the SYNC pin (Figure 3-3). There is no detect integrator (DI) in SYNC mode (each touch is a detection); see Section 3.4. Recalibration timeout is a fixed number of measurements so will vary with the SYNC period. Figure 3-4. SYNC Mode (Short Pulses)
SNSK
>10us >10us >10us
SYNC
3.2
Threshold
The internal signal threshold level is fixed at 10 counts of change with respect to the internal reference level, which in turn adjusts itself slowly in accordance with the drift compensation mechanism. The QT1011 employs a hysteresis dropout of two counts of the delta between the reference and threshold levels.
3.3
Max On-duration
The max on-duration of this device is infinite; that is, the device will not automatically recalibrate due to a persistant detection.
6
AT42QT1011
9542G-AT42-03/10
AT42QT1011
3.4 Detect Integrator
It is desirable to suppress detections generated by electrical noise or from quick brushes with an object. To accomplish this, the QT1011 incorporates a detect integration (DI) counter that increments with each detection until a limit is reached, after which the output is activated. If no detection is sensed prior to the final count, the counter is reset immediately to zero. In the QT1011, the required count is four. In LP mode the device will switch to Fast mode temporarily in order to resolve the detection more quickly; after a touch is either confirmed or denied the device will revert back to normal LP mode operation automatically. The DI can also be viewed as a "consensus filter" that requires four successive detections to create an output.
3.5
Forced Sensor Recalibration
The QT1011 has no recalibration pin; a forced recalibration is accomplished when the device is powered up or after the recalibration timeout. However, supply drain is low so it is a simple matter to treat the entire IC as a controllable load; driving the QT1011's Vdd pin directly from another logic gate or a microcontroller port will serve as both power and "forced recalibration". The source resistance of most CMOS gates and microcontrollers is low enough to provide direct power without problem.
3.6
Drift Compensation
Signal drift can occur because of changes in Cx and Cs over time. It is crucial that drift be compensated for, otherwise false detections, nondetections, and sensitivity shifts will follow. Drift compensation (Figure 3-5) is performed by making the reference level track the raw signal at a slow rate, but only while there is no detection in effect. The rate of adjustment must be performed slowly, otherwise legitimate detections could be ignored. The QT1011 drift compensates using a slew-rate limited change to the reference level; the threshold and hysteresis values are slaved to this reference. Once an object is sensed, the drift compensation mechanism ceases since the signal is legitimately high, and therefore should not cause the reference level to change. Figure 3-5. Drift Compensation
S ignal
H ysteresis
Threshold R eference
Output
7
9542G-AT42-03/10
The QT1011's drift compensation is asymmetric; the reference level drift-compensates in one direction faster than it does in the other. Specifically, it compensates faster for decreasing signals than for increasing signals. Increasing signals should not be compensated for quickly, since an approaching finger could be compensated for partially or entirely before even approaching the sense electrode. However, an obstruction over the sense pad, for which the sensor has already made full allowance, could suddenly be removed leaving the sensor with an artificially elevated reference level and thus become insensitive to touch. In this latter case, the sensor will compensate for the object's removal very quickly, usually in only a few seconds. With large values of Cs and small values of Cx, drift compensation will appear to operate more slowly than with the converse. Note that the positive and negative drift compensation rates are different.
3.7
Response Time
The QT1011's response time is highly dependent on run mode and burst length, which in turn is dependent on Cs and Cx. With increasing Cs, response time slows, while increasing levels of Cx reduce response time. The response time will also be a lot slower in LP or SYNC mode due to a longer time between burst measurements.
3.8
Spread Spectrum
The QT1011 modulates its internal oscillator by 7.5 percent during the measurement burst. This spreads the generated noise over a wider band, reducing emission levels. This also reduces susceptibility since there is no longer a single fundamental burst frequency.
3.9
3.9.1
Output Features
Output The output of the QT1011 is active-high upon detection. The output will remain active-high for the duration of the detection.
3.9.2
HeartBeatTM Output The QT1011 output has a HeartBeat "health" indicator superimposed on it in all modes. This operates by taking the output pin into a three-state mode for 15 s, once before every QT burst. This output state can be used to determine that the sensor is operating properly, using one of several simple methods, or it can be ignored. The HeartBeat indicator can be sampled by using a pull-up resistor on the OUT pin (Figure 3-6), and feeding the resulting positive-going pulse into a counter, flip flop, one-shot, or other circuit. The pulses will only be visible when the chip is not detecting a touch.
8
AT42QT1011
9542G-AT42-03/10
AT42QT1011
Figure 3-6. Obtaining HeartBeat Pulses with a Pull-up Resistor
HeartBeatTM Pulses
VDD 5
Ro
1
VDD OUT SNSK
3 4 6
SNS
SYNC VSS
2
If the sensor is wired to a microcontroller as shown in Figure 3-7 on page 9, the microcontroller can reconfigure the load resistor to either Vss or Vdd depending on the output state of the QT1011, so that the pulses are evident in either state. Figure 3-7. Using a Microcontroller to Obtain HeartBeat Pulses in Either Output State
PORT_M.x
1
Ro
OUT
SNSK
3
Microcontroller
SNS
4
PORT_M.y
SYNC
6
Electromechanical devices like relays will usually ignore the short HeartBeat pulse. The pulse also has too low a duty cycle to visibly affect LEDs. It can be filtered completely if desired, by adding an RC filter to the output, or if interfacing directly and only to a high-impedance CMOS input, by doing nothing or at most adding a small noncritical capacitor from OUT to Vss. 3.9.3 Output Drive The OUT pin is active high and can sink or source up to 2 mA. When a large value of Cs (>20 nF) is used the OUT current should be limited to <1 mA to prevent gain-shifting side effects, which happen when the load current creates voltage drops on the die and bonding wires; these small shifts can materially influence the signal level to cause detection instability.
9
9542G-AT42-03/10
4. Circuit Guidelines
4.1 More Information
Refer to Application Note QTAN0002, Secrets of a Successful QTouch(R) Design and the Touch Sensors Design Guide (both downloadable from the Atmel(R) website), for more information on construction and design methods.
4.2
Sample Capacitor
Cs is the charge sensing sample capacitor. The required Cs value depends on the thickness of the panel and its dielectric constant. Thicker panels require larger values of Cs. Typical values are 2 nF to 50 nF depending on the sensitivity required; larger values of Cs demand higher stability and better dielectric to ensure reliable sensing. The Cs capacitor should be a stable type, such as X7R ceramic or PPS film. For more consistent sensing from unit to unit, 5 percent tolerance capacitors are recommended. X7R ceramic types can be obtained in 5 percent tolerance at little or no extra cost. In applications where high sensitivity (long burst length) is required the use of PPS capacitors is recommended. For battery powered operation a higher value sample capacitor is recommended (typical value 8.2 nF).
4.3
Power Supply and PCB Layout
See Section 5.2 on page 12 for the power supply range. At 3V current drain averages less than 500 A in Fast mode. If the power supply is shared with another electronic system, care should be taken to ensure that the supply is free of digital spikes, sags, and surges which can adversely affect the QT1011. The QT1011 will track slow changes in Vdd, but it can be badly affected by rapid voltage fluctuations. It is highly recommended that a separate voltage regulator be used just for the QT1011 to isolate it from power supply shifts caused by other components. If desired, the supply can be regulated using a Low Dropout (LDO) regulator, although such regulators often have poor transient line and load stability. See Application Note QTAN0002, Secrets of a Successful QTouchTM Design for further information. Parts placement: The chip should be placed to minimize the SNSK trace length to reduce low frequency pickup, and to reduce stray Cx which degrades gain. The Cs and Rs resistors (see Figure 1-1 on page 2) should be placed as close to the body of the chip as possible so that the trace between Rs and the SNSK pin is very short, thereby reducing the antenna-like ability of this trace to pick up high frequency signals and feed them directly into the chip. A ground plane can be used under the chip and the associated discrete components, but the trace from the Rs resistor and the electrode should not run near ground, to reduce loading. For best EMC performance the circuit should be made entirely with SMT components.
10
AT42QT1011
9542G-AT42-03/10
AT42QT1011
Electrode trace routing: Keep the electrode trace (and the electrode itself) away from other signal, power, and ground traces including over or next to ground planes. Adjacent switching signals can induce noise onto the sensing signal; any adjacent trace or ground plane next to, or under, the electrode trace will cause an increase in Cx load and desensitize the device. Important Note: for proper operation a 100 nF (0.1 F) ceramic bypass capacitor must be used directly between Vdd and Vss, to prevent latch-up if there are substantial Vdd transients; for example, during an ESD event. The bypass capacitor should be placed very close to the Vss and Vdd pins.
4.4
Power On
On initial power up, the QT1011 requires approximately 100 ms to power on to allow power supplies to stabilize. During this time the OUT pin state is not valid and should be ignored.
11
9542G-AT42-03/10
5. Specifications
5.1 Absolute Maximum Specifications
-40C to +85C -55C to +125C 0 to +6.5V 20 mA Infinite Infinite -0.6V to (VDD + 0.6) Volts
Operating temperature Storage temperature VDD Max continuous pin current, any control or drive pin Short circuit duration to Vss, any pin Short circuit duration to Vdd, any pin Voltage forced onto any pin
CAUTION: Stresses beyond those listed under Absolute Maximum Specifications may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum specification conditions for extended periods may affect device reliability
5.2
VDD
Recommended Operating Conditions
+1.8 to 5.5V 20 mV 100 mV 2 to 50 nF 5 to 50 pF
Short-term supply ripple + noise Long-term supply stability Cs value Cx value
5.3
AC Specifications
Vdd = 3.0V, Cs = 4.7 nF, Cx = 5 pF, Ta = recommended range, unless otherwise noted Parameter TRC TPC TPT
TG1
Description Recalibration time Charge duration Transfer duration Time between end of burst and start of the next (Fast mode) Time between end of burst and start of the next (LP mode) Burst length Response time HeartBeat pulse width
Min
Typ 200 3.05 9.0 1.2 80 2.45
Max
Units ms s s ms ms ms
Notes Cs, Cx dependent 7.5% spread spectrum variation 7.5% spread spectrum variation
TG2
Increases with decreasing VDD See Figure 5-1 on page 13 VDD, Cs and Cx dependent. See Section 4.2 for capacitor selection.
TBL TR THB
100 15
ms s
12
AT42QT1011
9542G-AT42-03/10
AT42QT1011
Figure 5-1. TG2 - Time Between Bursts (LP Mode)
Figure 5-2.
TBL - Burst Length
13
9542G-AT42-03/10
5.4
Signal Processing
Vdd = 3.0V, Cs = 4.7 nF, Cx = 5 pF, Ta = recommended range, unless otherwise noted Description Threshold differential Hysteresis Consensus filter length Max on-duration Min Typ 10 2 4 Infinite Max Units counts counts samples seconds Notes
5.5
DC Specifications
Vdd = 3.0V, Cs = 4.7 nF, Cx = 5 pF, Ta = recommended range, unless otherwise noted Parameter VDD Description Supply voltage Min 1.8 203.0 246.0 378.5 542.5 729.0 16.5 19.5 34.0 51.5 73.5 10 0.2 Vdd 0.3 Vdd 0.7 Vdd 0.6 Vdd 0.5 2.3 <0.05 2 9 1 50 14 Typ Max 5.5 Units V 1.8V 2.0V 3.0V 4.0V 5.0V 1.8V 2.0V 3.0V 4.0V 5.0V Required for proper start-up Vdd = 1.8V - 2.4V Vdd = 2.4V - 5.5V Vdd = 1.8V - 2.4V Vdd = 2.4V - 5.5V OUT, 4 mA sink OUT, 1 mA source Notes
IDD
Supply current, Fast mode
A
IDDI
Supply current, LP mode
A
VDDS VIL VHL VOL VOH IIL CX AR
Supply turn-on slope Low input logic level High input logic level Low output voltage High output voltage Input leakage current Load capacitance range Acquisition resolution
V/s V V V V A pF bits
14
AT42QT1011
9542G-AT42-03/10
AT42QT1011
5.6 Mechanical Dimensions
D 6 5 4 A
E
E1
Pin #1 ID
A2 A
A
0.10 C
SEATING PLANE
1 b
2 e
3
A1
C
Side View
Top View
A2
A
0.10 C
SEATING PLANE
0.25
SEATING PLANE
c
A1
C
View A-A
SEE VIEW B
O
C
L
View B COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL MIN A A1 A2 D E E1
Notes: 1. This package is compliant with JEDEC specification MO-178 Variation AB 2. Dimension D does not include mold Flash, protrusions or gate burrs. Mold Flash, protrustion or gate burrs shall not exceed 0.25 mm per end. 3. Dimension b does not include dambar protrusion. Allowable dambar protrusion shall not cause the lead width to exceed the maximum b dimension by more than 0.08 mm 4. Die is facing down after trim/form.
NOM - - - 2.90 2.80 1.60 0.45 0.95 BSC - - -
MAX 1.45 0.15 1.30 3.00 3.00 1.75 0.55 0.50 0.20 8
NOTE
- 0 0.90 2.80 2.60 1.50 0.30 0.30 0.09 0
2
L e b c
3
6/30/08 TITLE 6ST1, 6-lead, 2.90 x 1.60 mm Plastic Small Outline Package (SOT23) GPC TAQ DRAWING NO. 6ST1 REV. A
Package Drawing Contact: packagedrawings@atmel.com
15
9542G-AT42-03/10
5.7
Part Marking
Note: Samples of the AT42QT1011 may also be marked T10E.
Pin 1 ID
1011
Abbreviated Part Number: AT42QT1011
5.8
Part Number
Part Number AT42QT1011-TSHR Description 6-pin SOT23 RoHS compliant IC
5.9
Moisture Sensitivity Level (MSL)
MSL Rating MSL1 Peak Body Temperature 260oC Specifications IPC/JEDEC J-STD-020
16
AT42QT1011
9542G-AT42-03/10
AT42QT1011
Associated Documents
For additional information, refer to the following document (downloadable from the Touch Technology area of Atmel's website, www.atmel.com): * Touch Sensors Design Guide * QTAN0002 - Secrets of a Successful QTouch(R) Design
Revision History
Revision No. Revision A - May 2009 Revision B - August 2009 Revision C - August 2009 Revision D - January 2010 Revision E - January 2010 Revision F - February 2010 Revision G - March 2010 History Initial release Update for chip revision 2.2.2 Minor update for clarity Power specifications updated for revision 2.4.1 Part markings updated MSL specification revised Other minor updates Update for chip revision 2.6
17
9542G-AT42-03/10
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Unit 01-05 & 16, 19/F BEA Tower, Millennium City 5 418 Kwun Tong Road Kwun Tong Kowloon Hong Kong Tel: (852) 2245-6100 Fax: (852) 2722-1369 Touch Technology Division 1 Mitchell Point Ensign Way Hamble Southampton Hampshire SO31 4RF United Kingdom Tel: (44) 23-8056-5600 Fax: (44) 23-8045-3939 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support touch@atmel.com Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2009 - 2010 Atmel Corporation. All rights reserved. Atmel (R), Atmel logo and combinations thereof, QTouch (R) and others are registered trademarks, QT TM, HeartBeat TM and others are trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be registered trademarks or trademarks of others.
9542G-AT42-03/10


▲Up To Search▲   

 
Price & Availability of AT42QT1011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X