Part Number Hot Search : 
KD55F AA4040 LTC3408 SID1050M 70280 C3306 101M35 DAC2800D
Product Description
Full Text Search
 

To Download ASMA203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASMA203 26dBm, 50 Ohm Amplifier 1-300MHz
Introduction
The ASMA203 is a 50 Ohm hybrid amplifier module designed for broadband operation as a class A amplifier driver in applications from 1 to 300MHz. Its wide dynamic range, flexibility and low cost make it ideal for a broad spectrum of instrumentation, reciever, and transmitter applications. The ASMA203 is packaged in a high disipation, ceramic SO08 style package for surface mount assembly.
Ceramic SOIC8
Figur e 1. Availa ble Packages
Features
- Gold Metalized Die - Broad band Operation 1-300MHz - 12.5V-13.5V Operating Voltage - >13dB Gain @ 300MHz
* Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability.
Maximum Ratings SYMBOL ID PIN TJ TSOLDER TSTG RATING 325 +27 +175 +260C for 30 Seconds -65 to +150
TC = 25C UNITS mA dBm C C C
1
ASMA203 26dBm, 50 Ohm Amplifier 1-300MHz
Electrical Specifications SYMBOL BW GP GP NF P1dB VSWR REV ISO. IP2 IP3 HP2 VD CHARACTERISTICS Frequency Range Small Signal Power Gain Gain Flatness Noise Figure (100 MHz) Power Output at 1 dB Compression Input/ Output Reverse Isolation Two Tone 2nd Order Intercept Point Two Tone 3rd Order Intercept Point Single Tone 2nd Harmonic Intercept Point Device Voltage
ID = 250 mA TC = 25C TYPICAL --13.0 0.2 6.0 +27 2.0:1 2.2:1 19 +53 +41 +59 12.5 TC = 0 to 50C MINIMUM MAXIMUM 1 12.0 300 0.5 +26.0 2.5:1 2.5:1 --------13.5 UNITS MHz dB dB dB dBm --dB dBm dBm dBm V
--------11.5
2
ASMA203 26dBm, 50 Ohm Amplifier 1-300MHz
OUTLINE DRAWING
3


▲Up To Search▲   

 
Price & Availability of ASMA203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X