Part Number Hot Search : 
S504T G61UDBX S1WB60B BAS101S CLI250 C3020 NL37WZ16 PX0591
Product Description
Full Text Search
 

To Download ASM3P623S00B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 May 2008 rev 0.5 Timing-SafeTM Peak EMI reduction IC
ASM3P623S00B/E
General Features
* * * * * * * * Clock distribution with Timing-SafeTM Peak EMI Reduction Input frequency range: 20MHz - 50MHz 2 different Spread Selection option Spread Spectrum can be turned ON/OFF External Input-Output Delay Control option Supply Voltage: 3.3V0.3V Commercial and Industrial temperature range Packaging Information: ASM3P623S00B: 8 pin SOIC, and TSSOP ASM3P623S00E:16 pin SOIC, and TSSOP * The First True Drop-in Solution
SafeTM clock. ASM3P623S00E accepts one reference input and drives out eight low-skew Timing-SafeTMclocks. ASM3P623S00B/E has an SS% that selects 2 different Deviation and associated Input-Output Skew (TSKEW). Refer Spread Spectrum Control and Input-Output Skew table for details. ASM3P623S00E has a CLKOUT for adjusting the InputOutput clock delay, depending upon the value of capacitor connected at this pin to GND. ASM3P623S00B/E operates from a 3.3V supply and is available in two different packages, as shown in the ordering information table, over commercial and Industrial temperature range.
Functional Description Application
ASM3P623S00B/E is a versatile, 3.3V Zero-delay buffer designed to distribute Timing-SafeTM clocks with Peak EMI reduction. ASM3P623S00B is an eight-pin version, accepts one reference input and drives out one low-skew TimingASM3P623S00B/E is targeted for use in Displays and memory interface systems.
General Block Diagram
DLY_CTRL
VDD
SS%
CLKIN
PLL CLKOUT(s)* (Timing-SafeTM)
*For ASM3P623S00E 8 CLKOUTS
SSON GND
PulseCore Semiconductor Corporation 1715 S. Bascom Ave Suite 200 Campbell, CA 95008 * Tel: 408-879-9077 * Fax: 408-879-9018 www.pulsecoresemi.com
Notice: The information in this document is subject to change without notice.
May 2008 rev 0.5
Spread Spectrum Frequency Generation
The clocks in digital systems are typically square waves with a 50% duty cycle and as frequencies increase the edge rates also get faster. Analysis shows that a square wave is composed of fundamental frequency and harmonics. The fundamental frequency and harmonics generate the energy peaks that become the source of EMI. Regulatory agencies test electronic equipment by measuring the amount of peak energy radiated from the equipment. In fact, the peak level allowed decreases as the frequency increases. The standard methods of reducing EMI are to use shielding, filtering, multi-layer
ASM3P623S00B/E
PCBs etc. These methods are expensive. Spread spectrum clocking reduces the peak energy by reducing the Q factor of the clock. This is done by slowly modulating the clock frequency. The ASM3P623S00B/E uses the center modulation spread spectrum technique in which the modulated output frequency varies above and below the reference frequency with a specified modulation rate. With center modulation, the average frequency is the same as the unmodulated frequency and there is no performance degradation
Zero Delay and Skew Control
All outputs should be uniformly loaded to achieve Zero Delay between input and output. Since the CLKOUT pin is the internal feedback to the PLL, its relative loading can adjust the input-output delay. For applications requiring zero input-output delay, all outputs, including CLKOUT, must be equally loaded. Even if CLKOUT is not used, it must have a capacitive load equal to that on other outputs, for obtaining zeroinput-output delay.
Timing-SafeTM technology
Timing-SafeTM technology is the ability to modulate a clock source with Spread Spectrum technology and maintain synchronization with any associated data path.
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
2 of 15
May 2008 rev 0.5
Pin Configuration for ASM3P623S00B
ASM3P623S00B/E
CLKIN NC
1 2
8
NC VDD CLKOUT SSON
7
ASM3P623S00B SS% 3 GND 4
6 5
Pin Description for ASM3P623S00B Pin #
1 2 3 4 5 6 7 8
Pin Name
CLKIN1 NC SS%
3
Type
I No Connect I P I
Description
External reference Clock input , 5V tolerant input Spread Spectrum Selection. Has an internal pull up resistor Ground Spread Spectrum enable and disable option When SSON is HIGH, the spread spectrum is enabled and when LOW, it turns off the spread spectrum. Has an internal pull up resistor Buffered clock output4 3.3V supply No Connect
GND SSON3 CLKOUT VDD NC
2
O P
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
3 of 15
May 2008 rev 0.5
Pin Configuration
ASM3P623S00B/E
CLKIN CLKOUT1 VDD SS% GND CLKOUT2 CLKOUT3
1 2 3 4
16 15 14 13
CLKOUT CLKOUT7 CLKOUT6 VDD GND CLKOUT5 CLKOUT4 SSON
ASM3P623S00E
5 6 7 12 11 10 9
DLY_CTRL 8
Pin Description for ASM3P623S00E Pin #
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Pin Name
CLKIN VDD SS%3 GND CLKOUT2
2 1
Type
I O P I P O O O I O O P P Buffered clock output4 3.3V supply
Description
External reference Clock input, 5V tolerant input
CLKOUT12
Spread Spectrum Selection. Refer Spread Spectrum Control and Input-Output Skew Table. Has an internal pull up resistor Ground Buffered clock output4 Buffered clock output4
CLKOUT32 DLY_CTRL SSON
3
External Input-Output Delay control.
Spread Spectrum enable and disable option. When SSON is HIGH, the spread spectrum is enabled and when LOW, it turns off the spread spectrum. Has an internal pull up resistor Buffered clock output4 Buffered clock output4 Ground 3.3V supply Buffered clock output4 Buffered clock output4 Buffered clock output4
CLKOUT42 CLKOUT52 GND VDD CLKOUT6
2
O O O
CLKOUT72 CLKOUT2
Notes: 1.Weak pull down 2. Weak pull-down on all outputs 3. Weak pull-up on these Inputs 4. Buffered clock output is Timing-SafeTM
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
4 of 15
May 2008 rev 0.5
Spread Spectrum Control and Input-Output Skew Table Device
ASM3P623S00B/E
ASM3P623S00B/E
Input Frequency
32MHz
SS %
0 1
Deviation
0.25 % 0.50 %
Input-Output Skew (TSKEW)
0.125 0.25
Note: TSKEW is measured in units of the Clock Period
Absolute Maximum Ratings Symbol
VDD VIN TSTG Ts TJ TDV DC Input Voltage (CLKIN) Storage temperature Max. Soldering Temperature (10 sec) Junction Temperature Static Discharge Voltage (As per JEDEC STD22- A114-B)
Parameter
Supply Voltage to Ground Potential
Rating
-0.5 to +4.6 -0.5 to +7 -65 to +125 260 150 2
Unit
V C C C KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect device reliability.
Operating Conditions Parameter
VDD TA CL CIN Supply Voltage Operating Temperature (Ambient Temperature) Load Capacitance Input Capacitance
Description
Min
3.0 -40
Max
3.6 +85 30 7
Unit
V C pF pF
Electrical Characteristics Parameter
VIL VIH IIL IIH VOL VOH IDD Zo
Description
Input LOW Voltage Input LOW Current Input HIGH Current Output LOW Voltage6 Output HIGH Voltage Supply Current Output Impedance
6 5 5
Test Conditions
Min
2.0
Typ
Max
0.8
Unit
V V A A V V mA
Input HIGH Voltage
VIN = 0V VIN = VDD IOL = 8mA IOH = -8mA Unloaded outputs 23 2.4
50 100 0.4 27
Note: 5. CLKIN input has a threshold voltage of VDD/2 6. Parameter is guaranteed by design and characterization. Not 100% tested in production
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
5 of 15
May 2008 rev 0.5
Switching Characteristics Parameter
Input Frequency Output Frequency Duty Cycle
6,7
ASM3P623S00B/E
Test Conditions
30pF load Measured at VDD/2 Measured between 0.8V and 2.0V Measured between 2.0V and 0.8V
7, 8
Min
4 4 40
Typ
Max
20 20
Unit
MHz MHz % nS nS pS pS pS pS mS
= (t2 / t1) * 100
7, 8 7, 8
50
60 2.5 2.5 250 350 700 250 1.0
Output Rise Time Output Fall Time
Output-to-output skew CLKOUT Rising Edge
All outputs equally loaded with SSOFF Measured at VDD /2 with SSOFF Measured at VDD/2 on the CLKOUT pins of the device Loaded outputs Stable power supply, valid clock presented on CLKIN pin
Delay, CLKIN Rising Edge to
8
Device-to-Device Skew 8 Cycle-to-Cycle Jitter 7, 8 PLL Lock Time 8
Note: 7. All parameters specified with 30pF loaded outputs. 8. Parameter is guaranteed by design and characterization. Not 100% tested in production
Switching Waveforms Duty Cycle Timing
t1 t2
VDD/2 OUTPUT
VDD/2
VDD/2
All Outputs Rise/Fall Time
2V 0.8V
2V 0.8V
3.3V
OUTPUT t3 t4
0V
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
6 of 15
May 2008 rev 0.5
Output - Output Skew
ASM3P623S00B/E
VDD/2 OUTPUT VDD/2 OUTPUT
t5
Input - Output Propagation Delay
VDD/2 INPUT VDD/2 OUTPUT
t6
Device - Device Skew
VDD/2 CLKOUT, Device 1 VDD/2 CLKOUT, Device 2
t7
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
7 of 15
May 2008 rev 0.5
Input-Output Skew
Input Timing-SafeTM Output
ASM3P623S00B/E
Test Circuit
+3.3V VDD
TSKEW -
TSKEW+ +3.3V
0.1uF
OUTPUT
CLKOUT LOAD
Test Circuit
One clock cycle N=1
when spread spectrum is ON For example, TSKEW = 0.125 for an Input clock12MHz, translates in to (1/12MHz) * 0.125=10.41nS
VDD 0.1uF GND
TSKEW represents input-output skew
A Typical example of Timing-SafeTM waveform
Input Input
CLKOUT with SSOFF
Timing-SafeTM CLKOUT
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
8 of 15
May 2008 rev 0.5
Package Information
ASM3P623S00B/E
8-lead (150-mil) SOIC Package
E
H
D
A2
A
e B A 1
C L
D
Dimensions
Symbol Min
A1 A A2 B C D E e H L
Inches Max
0.010 0.069 0.059 0.020 0.010 0.004 0.053 0.049 0.012 0.007
Millimeters Min Max
0.10 1.35 1.25 0.31 0.18 4.90 BSC 3.91 BSC 1.27 BSC 6.00 BSC 0.41 0 1.27 8 0.25 1.75 1.50 0.51 0.25
0.193 BSC 0.154 BSC 0.050 BSC 0.236 BSC 0.016 0 0.050 8
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
9 of 15
May 2008 rev 0.5
8-lead TSSOP (4.40-MM Body)
ASM3P623S00B/E
H
E D A2 A e B A1 L C
Dimensions Symbol Min
A A1 A2 B c D E e H L 0.020 0 0.002 0.033 0.008 0.004 0.114 0.169 0.026 BSC 0.252 BSC 0.028 8 0.50 0
Inches Max
0.043 0.006 0.037 0.012 0.008 0.122 0.177 0.05 0.85 0.19 0.09 2.90 4.30
Millimeters Min Max
1.10 0.15 0.95 0.30 0.20 3.10 4.50 0.65 BSC 6.40 BSC 0.70 8
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
10 of 15
May 2008 rev 0.5
ASM3P623S00B/E
16-lead (150 Mil) Molded SOIC Package
8
1
PIN 1 ID
E
H
9 D
16 Seating Plane A e
B
h
A2
D
0.004
L
C
A1
Dimensions Symbol Min
A A1 A2 B C D E e H h L 0.228 0.010 0.016 0 0.053 0.004 0.049 0.013 0.008 0.386 0.150 0.050 BSC 0.244 0.016 0.035 8 5.80 0.25 0.40 0
Inches Max
0.069 0.010 0.059 0.022 0.012 0.394 0.157
Millimeters Min
1.35 0.10 1.25 0.33 0.19 9.80 3.80 1.27 BSC 6.20 0.41 0.89 8
Max
1.75 0.25 1.50 0.53 0.27 10.01 4.00
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
11 of 15
May 2008 rev 0.5
ASM3P623S00B/E
16-lead TSSOP (4.40-MM Body)
8
1
PIN 1 ID E H
9
16
A
Seating Plane L C
e D
A2
B
A1
D
Dimensions Symbol Min
A A1 A2 B C D E e H L 0.020 0 0.002 0.031 0.007 0.004 0.193 0.169 0.026 BSC 0.252 BSC 0.030 8 0.50 0
Inches Max
0.043 0.006 0.041 0.012 0.008 0.201 0.177 0.05 0.80 0.19 0.09 4.90 4.30
Millimeters Min Max
1.20 0.15 1.05 0.30 0.20 5.10 4.50 0.65 BSC 6.40 BSC 0.75 8
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
12 of 15
May 2008 rev 0.5
Ordering Code Ordering Code
ASM3P623S00BF-08-ST ASM3I623S00BF-08-ST ASM3P623S00BF-08-SR ASM3I623S00BF-08-SR ASM3P623S00BF-08-TT ASM3I623S00BF-08-TT ASM3P623S00BF-08-TR ASM3I623S00BF-08-TR ASM3P623S00EF-16-ST ASM3I623S00EF-16-ST ASM3P623S00EF-16-SR ASM3I623S00EF-16-SR ASM3P623S00EF-16-TT ASM3I623S00EF-16-TT ASM3P623S00EF-16-TR ASM3I623S00EF-16-TR ASM3P623S00BG-08-ST ASM3I623S00BG-08-ST ASM3P623S00BG-08-SR ASM3I623S00BG-08-SR ASM3P623S00BG-08-TT ASM3I623S00BG-08-TT ASM3P623S00BG-08-TR ASM3I623S00BG-08-TR ASM3P623S00EG-16-ST ASM3I623S00EG-16-ST ASM3P623S00EG-16-SR ASM3I623S00EG-16-SR ASM3P623S00EG-16-TT ASM3I623S00EG-16-TT ASM3P623S00EG-16-TR ASM3I623S00EG-16-TR
ASM3P623S00B/E
Marking
3P623S00BF 3I623S00BF 3P623S00BF 3I623S00BF 3P623S00BF 3I623S00BF 3P623S00BF 3I623S00BF 3P623S00EF 3I623S00EF 3P623S00EF 3I623S00EF 3P623S00EF 3I623S00EF 3P623S00EF 3I623S00EF 3P623S00BG 3I623S00BG 3P623S00BG 3I623S00BG 3P623S00BG 3I623S00BG 3P623S00BG 3I623S00BG 3P623S00EG 3I623S00EG 3P623S00EG 3I623S00EG 3P623S00EG 3I623S00EG 3P623S00EG 3I623S00EG
Package Type
8-pin 150-mil SOIC-TUBE, Pb Free 8-pin 150-mil SOIC-TUBE, Pb Free 8-pin 150-mil SOIC-TAPE & REEL, Pb Free 8-pin 150-mil SOIC-TAPE & REEL, Pb Free 8-pin 4.4-mm TSSOP - TUBE, Pb Free 8-pin 4.4-mm TSSOP - TUBE, Pb Free 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 16-pin 150-mil SOIC-TUBE, Pb Free 16-pin 150-mil SOIC-TUBE, Pb Free 16-pin 150-mil SOIC-TAPE & REEL, Pb Free 16-pin 150-mil SOIC-TAPE & REEL, Pb Free 16-pin 4.4-mm TSSOP - TUBE, Pb Free 16-pin 4.4-mm TSSOP - TUBE, Pb Free 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 8-pin 150-mil SOIC-TUBE, Pb Free 8-pin 150-mil SOIC-TUBE, Pb Free 8-pin 150-mil SOIC-TAPE & REEL, Pb Free 8-pin 150-mil SOIC-TAPE & REEL, Pb Free 8-pin 4.4-mm TSSOP - TUBE, Pb Free 8-pin 4.4-mm TSSOP - TUBE, Pb Free 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 16-pin 150-mil SOIC-TUBE, Green 16-pin 150-mil SOIC-TUBE, Green 16-pin 150-mil SOIC-TAPE & REEL, Green 16-pin 150-mil SOIC-TAPE & REEL, Green 16-pin 4.4-mm TSSOP - TUBE, Green 16-pin 4.4-mm TSSOP - TUBE, Green 16-pin 4.4-mm TSSOP - TAPE & REEL, Green 16-pin 4.4-mm TSSOP - TAPE & REEL, Green
Temperature
Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
13 of 15
May 2008 rev 0.5
Device Ordering Information
ASM3P623S00B/E
ASM3P623S00BG-08-TR
R = Tape & Reel, T = Tube or Tray O = TSOT23 S = SOIC T = TSSOP A = SSOP V = TVSOP B = BGA Q = QFN U = MSOP E = TQFP L = LQFP U = MSOP P = PDIP D = QSOP X = SC-70 J=TSOT26 C=TDFN (2X2) COL
DEVICE PIN COUNT F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE, LEAD FREE, and RoHS PART NUMBER X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Clock Generator 2 = Non PLL based 3 = EMI Reduction 4 = DDR support products 5 = STD Zero Delay Buffer 6 = Power Management 7 = Power Management 8 = Power Management 9 = Hi Performance 0 = Reserved
PulseCore Semiconductor Mixed Signal Product
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
14 of 15
May 2008 rev 0.5
ASM3P623S00B/E
PulseCore Semiconductor Corporation 1715 S. Bascom Ave Suite 200 Campbell, CA 95008 Tel: 408-879-9077 Fax: 408-879-9018 www.pulsecoresemi.com
Copyright (c) PulseCore Semiconductor All Rights Reserved Preliminary Information Part Number: ASM3P623S00B/E Document Version: 0.5
Note: This product utilizes US Patent # 6,646,463 Impedance Emulator Patent issued to PulseCore Semiconductor, dated 11-11-2003 Many PulseCore Semiconductor products are protected by issued patents or by applications for patent
(c) Copyright 2006 PulseCore Semiconductor Corporation. All rights reserved. Our logo and name are trademarks or registered trademarks of PulseCore Semiconductor. All other brand and product names may be the trademarks of their respective companies. PulseCore reserves the right to make changes to this document and its products at any time without notice. PulseCore assumes no responsibility for any errors that may appear in this document. The data contained herein represents PulseCore's best data and/or estimates at the time of issuance. PulseCore reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. PulseCore does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of PulseCore products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in PulseCore's Terms and Conditions of Sale (which are available from PulseCore). All sales of PulseCore products are made exclusively according to PulseCore's Terms and Conditions of Sale. The purchase of products from PulseCore does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of PulseCore or third parties. PulseCore does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of PulseCore products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify PulseCore against all claims arising from such use.
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
15 of 15


▲Up To Search▲   

 
Price & Availability of ASM3P623S00B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X