Part Number Hot Search : 
U20C40 SMA592 SC2235 HMC597 MM3Z5543 MM3Z5543 LB11923 ECQE1
Product Description
Full Text Search
 

To Download AS6001BCS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Accel Semiconductor
AS6001 / AS6002
FM Stereo Transmitter
FEATURES
Highly integrated FM stereo transmitter Patent-pending architecture Low power operation, extremely suitable for portable devices Ultra low standby current in 10uA with PDN enable LDO embedded for easy power supply design 3-wire digital control interface for flexible channel programming and control (AS6001) 4-wire parallel control interface for easy channel programming and control (AS6002) 87 - 108 MHz with 0.1MHz step PLL-based continuous tuning for China, Europe and North America (AS6001) 87.7 - 88.9MHz and 106.7 - 107.9MHz with 0.2MHz step PLL-based continuous tuning (AS6002) Less off chip components Small footprint SSOP-20 and QFN-20 package
GENERAL DESCRIPTION
The AS6001/AS6002 is an innovative highly integrated FM stereo transmitter. It is the first generation of FM transmitter IC designed using Accel's patent-pending RF technology. It consists of a stereo encoder and FM transmitter. The stereo encoder is based on signal processing to encode analog stereo audio input signal and generate a composite FM signal with MAIN, SUB and pilot signal from a 7.6MHz oscillator. The FM transmitter uses direct frequency synthesis to radiate FM wave to the air by modulating the carrier signal with the composite signal. The AS6001/AS6002 is designed for portable application as well as general application. The 1.8V operation voltage and as low as 18mA quiescent current make it extremely suitable for portable devices such as MP3 and mobile phone. It also embeds LDO power regulator to make power supply design easy and flexible. The AS6001 has a 3-wire digital control interface for external controller easy and flexible to program and control the transmitting channel. The transmitting channel is from 87 to 108 MHz with 0.1MHz step continuous tuning. So it is suitable for China, Europe and North America.
APPLICATION
MP3 Player Cellular Handsets Wireless Microphone Personal Media Player Personal Computer Game Machine Car Audio
ORDERING INFORMATION
PART AS6001BCS AS6001BCQ AS6002BCS AS6002BCQ PACKAGE-PIN SSOP-20 QFN-20 SSOP-20 QFN-20
AS6001/AS6002 Datasheet (Preliminary Version 1.0) Page 1 of 12 August 2006
Accel Semiconductor
ABSOLUTE MAXIMUM RATINGS (T=25)
Parameter supply voltage Data input voltage VPLL output voltage Power dissipation Storage temperature Symbol Vddh Vin-D VOUT-P Pd Tstg Limits 5 -0.3~Vddh+0.3 -0.3~Vddh+0.3 200 -55~+125 Unit V V V mW o C Conditions 1 2 3
Table 1 Absolute Maximum Ratings
1. Pin5 of AS6001BCS and AS6002BCS and Pin8 of AS6001BCQ and AS6002BCQ. 2. Pin 14, 15, 16, 17 of AS6001BCS and Pin 17, 18, 19, 20 of AS6001BCQ, Pin14, 15, 16, 17, 18 of AS6002BCS and Pin 3, 17, 18, 19, 20 of AS6002BCQ. 3. Pin 7 of AS6001BCS and AS6002BCS, Pin10 of AS6001BCQ and AS6002BCQ.
RECOMMENDED OPERATING CONDITIONS
Parameter Operating supply voltage Operating temperature Audio input level Audio input frequency band Transmission frequency Control terminal "H" level input voltage Control terminal "L" level input voltage Symbol Min Vddh 1.8 Topr Vin_A Fin_A Frx VIH VIL -40 20 87M Typ Max 4 +85 -20 15K 108M Vddh Unit Conditions V 1 C dBV 2 Hz 2 Hz V 4 3 4
o
-
0.8Vddh GND -
0.2Vddh V
Table 2 Recommended operating conditions
1. 2. 3. 4. Pin5 of AS6001BCS and AS6002BCS and Pin8 of AS6001BCQ and AS6002BCQ. Pin2, 19 of AS6001BCS and AS6002BCS, Pin1, 5 of AS6001BCQ and AS6002BCQ. Pin9 of AS6001BCS and AS6002BCS, Pin11 of AS6001BCQ and AS6002BCQ. Pin 14, 15, 16, 17 of AS6001BCS and Pin 17, 18, 19, 20 of AS6001BCQ, Pin14, 15, 16, 17, 18 of AS6002BCS and Pin 3, 17, 18, 19, 20 of AS6002BCQ.
AS6001/AS6002 Datasheet (Preliminary Version 1.0) Page 2 of 12 August 2006
Accel Semiconductor
FUNCTION BLOCK DIAGRAM & PIN ASSIGNMENT
DATA
DATA
CLK
SEL
XO
Figure 1 AS6001 Block Diagram and Pin Assignment of SSOP-20
PIN DESCRIPTION
SSOP-20 PIN Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 QFN PIN Number 4 5 6 7 8 9 10 13 11 12 14 15 16 17 PIN Name VSSD RCH VDDD RF_VDD VDDH RF_VSS VPLL MOD_OUT RF_OUT LC_OUT XI RST XO SEL I/O P I P P P G O I/O O O I I I I PIN Description
AS6001/AS6002 Datasheet (Preliminary Version 1.0) Page 3 of 12 August 2006
PDN
20 1
LCH
19 2
CLK
EN
RST
SEL
XO
LPF
LPF
NC
18 3
EN
XI
20
19
18
17
16
LDO
17 4
CONTROLLER
MPX
LPF
16 5
15 6
PLL
14 7
13
12
11
LCH
OSC
1
15
RST
PDN
2
14
XI
REF
NC
3
13
MOD_OUT
VSSD
VCO
4
12
LC_OUT
RCH
10 8 9
5 10 6 7 8 9
11
RF_OUT
VDDD
RF_VDD
VDDH
RF_VSS
VPLL
VSSD
RCH
VDDD
Power ground for IC Right channel input Power supply for digital Power supply for RF Power supply for IC Power ground for RF PLL charge pump output Modulation signal output RF signal output VCO off chip tank connection Crystal in Reset input signal Crystal out Pre-emphasis time constant selection signal 18 EN I 3-wire enable input 19 CLK I 3-wire clock input 20 DATA I 3-wire data input 3 NC N No connect 1 LCH I Left channel input 2 PDN I IC power down Table 3 AS6001 Pin description of SSOP-20 and QFN-20
RF_VDD
VDDH
RF_VSS
VPLL
MOD_OUT
RF_OUT
LC_OUT
Figure 2 AS6001 Pin Assignment of QFN-20
Accel Semiconductor
FUNCTION BLOCK DIAGRAM & PIN ASSIGNMENT
SEL XO
16
D2
D1
D0
Figure 3 AS6002 Block Diagram and Pin Assignment of SSOP-20
PIN DESCRIPTION
SSOP-20 PIN Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 QFN PIN Number 4 5 6 7 8 9 10 13 11 12 14 15 16 17 PIN Name VSSD RCH VDDD RF_VDD VDDH RF_VSS VPLL MOD_OUT RF_OUT LC_OUT XI RST XO SEL I/O P I P P P G O I/O O O I I I I PIN Description
AS6001/AS6002 Datasheet (Preliminary Version 1.0) Page 4 of 12 August 2006
PDN
20 1
LCH
19 LPF LPF 2
RST
SEL
XO
D3
18 3
LDO
D2
17 4
CONTROLLER
MPX
LPF
D1
16 5
D0
15 6
XI
20
19
18
17
PLL
14 7
13
12
11
LCH
1
15
RST
OSC
PDN
2
14
XI
REF
D3 VSSD
3
13
MOD_OUT LC_OUT
4
12
VCO
RCH
10 8 9
5 10 6 7 8 9
11
RF_OUT
VSSD
RCH
VDDD
Power ground for IC Right channel input Power supply for digital Power supply for RF Power supply for IC Power ground for RF PLL charge pump output Modulation signal output RF signal output VCO off chip tank connection Crystal in Reset input signal Crystal out Pre-emphasis time constant selection signal 18 D0 I PLL frequency selection input 19 D1 I PLL frequency selection input 20 D2 I PLL frequency selection input 3 D3 I PLL frequency selection input 1 LCH I Left channel input 2 PDN I IC power down Table 4 AS6002 Pin description of SSOP-20 and QFN-20
RF_VDD
VDDH
RF_VSS
VPLL
MOD_OUT
RF_OUT
LC_OUT
VPLL
RF_VSS
RF_VDD
Figure 4 AS6002 Pin Assignment of QFN-20
VDDD
VDDH
Accel Semiconductor
ELECTRICAL CHARACTERISTIC (T=25 OC VDDH=2.7V)
Parameter Quiescent current Standby current Total harmonic distortion Channel balance Channel separation Symbol IQ IStby THD C.B Sep Min 14 -0.5 30 Typ Max 16 20 10 0.1 0.3 0 40 -20 -2 12 0 15 -40 +2 18 -30 +0.5 Unit mA uA % dB dB dBV dB % dB us Hz dBuV uA uA V V Conditions PDN="1" Vin=-20dBV L+R Freq=400Hz Vin=-20dBV L+R Freq=400Hz Vin=-20dBV L+R Freq=400Hz LCH and RCH Vin=-20dBV L+R Freq=400Hz Vin=-20dBV L+R, Freq=400Hz Vin=-20dBV L+R Freq=400Hz Vin=-20dBV L+R Freq=400Hz LCH and RCH Frx=108MHz RF_OUT, 75 loading On chip regulated On chip regulated
Input voltage amplitude limit Input output gain Gv Pilot modulation rate Sub carrier rejection ratio Pre-emphasis time constant LPF cut off frequency Transmission output level "H" level input current "L" level input current Positive power supply Positive RF power supply Mp SCR Tpre fc(LPF) Vtx IIH IIL Vddd Vdd_RF
106 -1 1.6 1.6
50/ 75 20K 108 110 1.8 1.8 1 2.0 2.0
Table 5 Electrical characteristic
AS6001/AS6002 Datasheet (Preliminary Version 1.0) Page 5 of 12 August 2006
Accel Semiconductor
OPREATION
3-wire Interface (AS6001)
T>100nS T
EN CLK DATA
T
T
D0
D1
D2
D3
...
internal data
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 MO PD0 PD1 T0 NO T1
DA
Figure 5 3-wire Interface Timing Diagram No. (1) Control unit/Data PROGRAM COUNTER D0~D10 Contents It is the data which sets the program counter number of dividing. This data can set a transmission frequency. It's a binary value. It sets D10 with MSB and D0 with LSB Example: In case of 99.7MHz oscillation 99.7MHz/100KHz(freq)=9973E5(HEX) Valid values are between 366(HEX) to 438(HEX)
1 D0 LSB 0 D1 1 D2 0 D3 0 D4 1 D5 1 D6 1 D7 1 D8 1 0
D9 D10 MSB
(2) (3)
MONO PD0,PD1
(4)
T0,T1
It changes stereo and mono operation 1: stereo operation 0: mono operation (L+R) It controls the charge pump output voltage PD0 PD1 charge pump output 0 0 usual operation 0 1 force low 1 0 force high 1 1 high impedance T0 and T1 are for test always set T0 "1" always set T1 "0" Table 6 Explanation of Serial Data*
*Notes: There is no default value of serial data.
AS6001/AS6002 Datasheet (Preliminary Version 1.0) Page 6 of 12 August 2006
Accel Semiconductor
4-wire Parallel Interface (AS6002)
D0 L H L H L H L H L H L H L H L H control data Frequency D1 D2 D3 L L L 87.7MHz L L L 87.9MHz H L L 88.1MHz H L L 88.3MHz L H L 88.5MHz L H L 88.7MHz H H L 88.9MHz H H L PLL stops. VPLL terminal supports high impedance L L H 106.7MHz L L H 106.9MHz H L H 107.1MHz H L H 107.3MHz L H H 107.5MHz L H H 107.7MHz H H H 107.9MHz H H H PLL stops. VPLL terminal supports high impedance Table 7 Explanation of Parallel Data
SEL Pin
The SEL pin is pre-emphasis time constant selection. L: 50uS H: 75uS
RST Pin
The RST pin is IC reset input. L: reset disable H: reset enable
PDN Pin
The PDN pin controls the IC power on or off. L: power on H: power off
AS6001/AS6002 Datasheet (Preliminary Version 1.0) Page 7 of 12 August 2006
Accel Semiconductor
APPLICATION CIRCUITS
LCH AGND VDDH C3 10uF VSSD C2 1uF RCH C1 1uF VDDD RF_VDD VDDH RF_VSS RGND R1 R2 1.9K 1.9K C9 C10 0.47uF 10uF C8 0.47uF C12 47pF D1 R3 10K R6 15K R4 10K RGND R5 10K KV1471E L1 100nH C11 33pF VPLL MOD_OUT RF_OUT LC_OUT C13 1nF Option BPF PDN LCH NC DATA CLK EN SEL XO RST XI Y1 7.6MHz C19 1uF C17 27pF C18 27pF CON RCH C6 1uF C7 1uF RGND
C5 1uF
C15 1uF R7 2.7K
L2 47uH
RGND
AGND
Figure 6 AS6001 Application Circuit
LCH AGND VDDH C3 10uF VSSD C2 1uF RCH C1 1uF VDDD RF_VDD VDDH RF_VSS RGND R1 R2 1.9K 1.9K C9 C10 0.47uF 10uF C8 0.47uF C12 47pF D1 R3 10K R6 15K R4 10K RGND R5 10K KV1471E L1 100nH C11 33pF VPLL MOD_OUT RF_OUT LC_OUT C13 1nF Option BPF PDN LCH D3 D2 D1 D0 SEL XO RST XI Y1 7.6MHz C19 1uF C17 27pF C18 27pF S3 RCH C6 1uF C7 1uF VDDH
RGND
R10 100K*6
C5 1uF
C15 1uF R7 2.7K
L2 47uH
RGND
AGND
Figure 7 AS6002 Application Circuit
AS6001/AS6002 Datasheet (Preliminary Version 1.0) Page 8 of 12 August 2006
Accel Semiconductor
PACKAGE DIMENSIONS
SSOP-20
Millmeter DIM. A A1 A2 b c D E E1 e L 0.050 1.150 0.200 0.090 6.300 4.300 6.200 0.65BSC 0.450 0 0.750 8 MIN. TYP MAX. 1.450 0.200 1.250 0.310 0.200 6.700 4.500 6.600
AS6001/AS6002 Datasheet (Preliminary Version 1.0) Page 9 of 12 August 2006
Accel Semiconductor
QFN20 (4x4mm)
mm. DIM. A A1 A2 A3 b D D2 E E2 e L ddd 0.18 3.875 0.75 3.875 0.75 0.45 0.35 MIN. 0.8 TYP 0.9 0.02 0.65 0.25 0.23 4.00 1.7 4.00 1.7 0.50 0.55 0.30 4.125 2.25 4.125 2.25 0.55 0.75 0.08 MAX. 1.00 0.05 1.00
AS6001/AS6002 Datasheet (Preliminary Version 1.0) Page 10 of 12 August 2006
Accel Semiconductor
CONTACT INFORMATION
Accel Semiconductor Corp.
1F, Main Building, 149 Chun Xiao Road Shanghai, P.R. China Tel: +86 (21) 5027 0501 Fax: +86 (21) 5027 3116 Zip: 201203 e-mail: sales@accelsemi.com Internet: http://www.accelsemi.com
AS6001/AS6002 Datasheet (Preliminary Version 1.0) Page 11 of 12 August 2006
Accel Semiconductor
DOCUMENT STATUS
The status of this datasheet is preliminary information. All values specified in this datasheet are the target values of the design of Accel Semiconductor Corp. in development. All detailed specifications including pinouts and electrical specifications are subjects to be changed by Accel Semiconductor Corp. without notice.
TRADEMARKS, PATENTS AND LICENSES
Accel, ASC are trademarks of Accel Semiconductor Corp.
AS6001/AS6002 Datasheet (Preliminary Version 1.0) Page 12 of 12 August 2006


▲Up To Search▲   

 
Price & Availability of AS6001BCS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X