Part Number Hot Search : 
7N60E FMG8A 24R2Q 1R3002 2SK1751 R8C18 CS43L42 217D111
Product Description
Full Text Search
 

To Download AR252 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,LTD Tel:0086-21-37185008 Fax:0086-21-57152769
AR251/ARS251 THRU AR256/ARS256
BUTTON DIODES
VOLTAGE RANGE 100 TO 600 VOLTS CURRENT 25AMPS
Features
Low leakage Low forward voltage drop High current capability High forward surge current capability
.185(4.7) .165(4.2)
AR
.185(4.7) .165(4.2)
ARS
Mechanical Data
Case: transfer molded plastic Technology: vcauum soldered Polarity: color ring denotes cathode Lead: Plated lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weigth: AR 1.80 grams, ARS 1.60 grams
.250(6.4) .235(6.0) .250(6.4) .235(6.0)
.410(10.4) DIA .380( 9.7) .225(5.7) DIA .215(5.5)
.346(8.8) DIA .327(8.2)
.225(5.7) DIA .215(5.5)
Maximum Ratings and Electrical Charactristics
Rating at 25oC ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% Parameters Maximum repetitive peak reverse voltage Maximum RM S voltage Maximum DC blocking voltage Maximum Average rectified forward current at TC=110oC Peak forward surge current 8.3mS single half sine-wave superimposed on rated load (JE DEC Method) Rating for fusing(t<8.3ms) Maximum instantaneous forward voltage drop at 100A Maximum DC reverse current TA=25oC at rated DC blocking voltage TA=150 C Typical thermal resistance Operating and storage temperature
o
Dimensions in inches and millimeters
Symbols VRRM VRMS VDC Io IFSM I2t VF IR RJC TJ,TSTG
AR251 ARS251 100 70 100
AR252 ARS252 200 140 200
AR253 ARS253 300 210 300 25 400 664 1.1 5.0 450 1.0 -65 to +175
AR254 ARS254 400 280 400
AR256 ARS256 600 420 600
Units Volts Volts Volts Amps Amps A2S Volts uA
o
C/W
o
C
Notes: 1.Enough heatsink must be considered in application.
www. cnelectr .com
AR251 THRU AR256 ARS251 THRU ARS256
Ratings and Characteristic Curves
www. cnelectr .com


▲Up To Search▲   

 
Price & Availability of AR252

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X