Part Number Hot Search : 
BA7815 0001TR AD8231 Z5224 BA7815 VA2AWG 2500T BU2508
Product Description
Full Text Search
 

To Download APTGT20X60T3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT20X60T3G
3 Phase bridge Trench + Field Stop IGBT(R) Power Module
15 16 19 20 18 23 25 29 30 22 28 R1 31 14
VCES = 600V IC = 20A @ Tc = 80C
Application * Motor control Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance * High level of integration * Internal thermistor for temperature monitoring Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Solderable terminals both for power and signal for easy PCB mounting * Low profile * RoHS compliant
11 10 12
8 7
4 3 2 13
It is recommended to connect a decoupling capacitor between pins 31 & 2 to reduce switching overvoltages, if DC Power is connected between pins 15, 16 & 12. Pins 15 & 16 must be shorted together.
28 27 26 25 29 30
23 22
20 19 18 16 15
31 32 2 3 4 7 8 10 11 12
14 13
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Reverse Bias Safe Operating Area TC = 25C TC = 80C TC = 25C TC = 25C TJ = 150C Max ratings 600 32 20 40 20 62 40A @ 550V Unit V A
July, 2007 1-5 APTGT20X60T3G - Rev 0
V W
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
APTGT20X60T3G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 600V Tj = 25C VGE =15V IC = 20A Tj = 150C VGE = VCE , IC = 300A VGE = 20V, VCE = 0V Min Typ 1.5 1.7 5.8 Max 250 1.9 6.5 300 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Characteristic Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 300V IC = 20A RG = 12 Inductive Switching (150C) VGE = 15V VBus = 300V IC = 20A RG = 12 Tj = 25C VGE = 15V VBus = 300V Tj = 150C IC = 20A Tj = 25C RG = 12 Tj = 150C Min Typ 1100 70 35 110 45 200 40 120 50 250 60 0.11 0.2 0.5 0.7 ns Max Unit pF
ns
mJ mJ
Reverse diode ratings and characteristics
Symbol Characteristic VRRM IRM IF VF trr Qrr Er
Maximum Peak Repetitive Reverse Voltage
Test Conditions Tj = 25C Tj = 150C Tc = 80C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C
Min 600
Typ
Max 100 350
Unit V A A
Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy
VR=600V
IF = 20A VGE = 0V
20 1.6 1.5 100 150 1.1 2.3 0.23 0.50
2 V ns C mJ
July, 2007 2-5 APTGT20X60T3G - Rev 0
IF = 20A VR = 300V
di/dt =1600A/s
www.microsemi.com
APTGT20X60T3G
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic Resistance @ 25C R25 B 25/85 T25 = 298.15 K
RT = R25 T: Thermistor temperature 1 1 RT: Thermistor value at T exp B25 / 85 T - T 25
Min
Typ 50 3952
Max
Unit k K
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode 2500 -40 -40 -40 2.5 Min Typ Max 2.4 3.25 175 125 100 4.7 110 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To heatsink
M4
SP3 Package outline (dimensions in mm)
1
12
See application note 1901 - Mounting Instructions for SP3 Power Modules on www.microsemi.com
www.microsemi.com
3-5
APTGT20X60T3G - Rev 0
July, 2007
17
28
APTGT20X60T3G
Typical Performance Curve
Output Characteristics (VGE=15V) Output Characteristics 40 35 30 IC (A)
TJ=150C TJ = 150C VGE=19V
40 35 30
IC (A)
TJ=25C TJ=125C
25 20 15 10 5 0 0 0.5 1
TJ=25C
25 20 15 10 5 0
VGE=13V VGE=15V
VGE=9V
1.5 VCE (V)
2
2.5
3
0
0.5
1
1.5 2 VCE (V)
2.5
3
3.5
40 35 30
Transfert Characteristics 1.25
TJ=25C
Energy losses vs Collector Current
VCE = 300V VGE = 15V RG = 12 TJ = 150C
1 E (mJ) 0.75 0.5 0.25
Eoff Er
25 IC (A) 20 15 10 5 0 5 6 7 8 9 10 11 12 VGE (V) Switching Energy Losses vs Gate Resistance 1.5
VCE = 300V VGE =15V IC = 20A TJ = 150C TJ=125C TJ=150C TJ=25C
Eon
0 0 10 20 IC (A) Reverse Bias Safe Operating Area 50
Eon
30
40
Eoff
40 IC (A) 30 20
Er
1 E (mJ) 0.5
10 0
Eon
VGE=15V TJ=150C RG=12
0 10 30 50 70 Gate Resistance (ohms)
0
100
200
300 400 VCE (V)
500
600
700
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 2.8 Thermal Impedance (C/W) 2.4 2 1.6 1.2 0.8 0.4 0.9 0.7 0.5 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
IGBT
0.05 0 0.00001
Rectangular Pulse Duration in Seconds
www.microsemi.com
4-5
APTGT20X60T3G - Rev 0
July, 2007
APTGT20X60T3G
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 70 60 50 40 30 20 10 0 0 5 10 15 IC (A) 20 25 30
Hard switching VCE=300V D=50% RG=12 TJ=150C Tc=85C
Forward Characteristic of diode 40 35 30 25 IF (A) 20 15 10 5 0 0 0.4 0.8 1.2 1.6 VF (V) 2 2.4
TJ=125C TJ=150C
TJ=25C
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 3.5 Thermal Impedance (C/W) 3 2.5 2 1.5 1 0.5 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10 0.05 0 0.00001 0.9 0.7 0.5 0.3
Diode
Rectangular Pulse Duration in Seconds
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGT20X60T3G - Rev 0
July, 2007


▲Up To Search▲   

 
Price & Availability of APTGT20X60T3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X