Part Number Hot Search : 
ZS4740A 01190 100MZF SEMIC 12120 1N935A 2SK3511 ADV7324
Product Description
Full Text Search
 

To Download AP9971GH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP9971GH/J
RoHS-compliant Product
Advanced Power Electronics Corp.
Low On-resistance Single Drive Requirement Surface Mount Package G S D
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
60V 36m 25A
Description
Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and costeffectiveness. The TO-252 package is widely preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters. The through-hole version (AP9971GJ) are available for low-profile applications.
GD S
TO-252(H)
G
D
S
TO-251(J)
Absolute Maximum Ratings
Symbol VDS VGS ID@TC=25 ID@TC=100 IDM PD@TC=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
1
Rating 60 +20 25 16 80 39 0.31 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-c Rthj-a Rthj-a Parameter Maximum Thermal Resistance, Junction-case
Maximum Thermal Resistance, Junction-ambient (PCB mount)
3
Value 3.2 62.5 110
Unit /W /W /W 1 200902243
Maximum Thermal Resistance, Junction-ambient
Data and specifications subject to change without notice
AP9971GH/J
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance2 Gate Threshold Voltage Forward Transconductance Drain-Source Leakage Current
o
Test Conditions VGS=0V, ID=250uA VGS=10V, ID=18A VGS=4.5V, ID=12A VDS=VGS, ID=250uA VDS=10V, ID=18A VDS=60V, VGS=0V VGS= +20V, VDS=0V ID=18A VDS=48V VGS=4.5V VDS=30V ID=18A RG=3.3,VGS=10V RD=1.67 VGS=0V VDS=25V f=1.0MHz
Min. 60 1 -
Typ. 0.05 17 18 6 11 9 24 26 7 160 110
Max. Units 36 50 3 1 250 +100 30 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Drain-Source Leakage Current (T j=125 C) VDS=48V ,VGS=0V
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
1700 2700
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
2 2
Test Conditions IS=25A, VGS=0V IS=18A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 37 38
Max. Units 1.2 V ns nC
trr
Qrr
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse test 3.Surface mounted on 1 in2 copper pad of FR4 board
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION. USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED. APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN.
2
AP9971GH/J
100 70
T C =25 C
80
o
10V 7.0V ID , Drain Current (A) 5.0V
T C =150 C
60
o
10V 7.0V 5.0V 4.5V
ID , Drain Current (A)
50
60
4.5V
40
30
40
20 20
V G =3.0V
0 0 1 2 3 4 5
V G =3.0V
10
0 0 1 2 3 4 5 6
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
40
2.5
I D = 18 A T C =25 o C
2.0
I D =18A V G =10V
35
Normalized RDS(ON)
RDS(ON) (m)
1.5
1.0
30
0.5
0.31
25
0.0 3 5 7 9 11 -50 0 50 100
trr
Qrr
150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
2.6
20
16
2.2
12
VGS(th) (V)
1.4
o T j =150 C
T j =25 o C
1.8
IS(A)
8
1.4
4
1
0 0 0.2 0.4 0.6 0.8 1 1.2
0.6 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j ,Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
3
AP9971GH/J
f=1.0MHz
14 10000
I D =18A
12
VGS , Gate to Source Voltage (V)
10
8
V DS =30V V DS =38V V DS =48V C (pF)
C iss
1000
6
100 4
C oss C rss
2
0 0 10 20 30 40
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
10us 100us 1ms 10ms
1
10
Normalized Thermal Response (Rthjc)
Duty factor=0.5
0.2
ID (A)
0.1
0.1
0.05
PDM
0.02 0.01
100ms DC T C =25 o C Single Pulse
t T
Duty factor = t/T Peak Tj = PDM x Rthjc + T C
Single Pulse
0.1 0.1 1 10 100 1000
0.01 0.00001
0.31
0.0001 0.001 0.01 0.1
trr
Qrr
1
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4


▲Up To Search▲   

 
Price & Availability of AP9971GH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X