Part Number Hot Search : 
BGW211 BR3506 L272D BU4229G ISL29044 EDF1DS RT5021 1212S
Product Description
Full Text Search
 

To Download AME4620AEIYZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AME
AME4620
n General Description
The AME4620 analog switches feature low ON resistance, single-pole, double-throw (SPDT) with wide operating single power supply voltage range, from 1.8V to 5.5V. AME4620 has 1 max ON resistance when +5V power supply is used. These products also have fast switching speeds, tON = t OFF = 50nS max. AME4620 is available in SC-70-6.
NC V+
1-Ohm Low Voltage SPDT Analog Switch
n Functional Block Diagram
IN
NO
COM
n Features
l Low RON
In Logic
0 1
GND
l Wide Operation Supply Voltage: 1.8V to 5.5V l Fast Switching Time: tON = t OFF = 50nS max. l TTL-Logic Compatible l Pin Compatible with FSA4157 l Over Thermal Protection l Space saving in SC-70-6 l All AME's Lead Free Products Meet RoHS Standards
ON OFF OFF ON
NC
NO
n Applications
l Power Routing l Battery-Operated Equipment l Audio and Video Signal Routing l l l l Low-Voltage Data-Acquisition Systems Communications Circuits PCMCIA Cards PC Peripherals
Rev.B.05
1
AME
AME4620
n Pin Configuration
SC-70-6 Top view
6 5 4
1-Ohm Low Voltage SPDT Analog Switch
AME4620AEIY 1. NO 2. GND
AME4620
3. NC 4. COM 5. V+
1
2
3
6. IN * Die Attach: Conductive Epoxy
n Pin Description
Pin Name
IN V+ GND NC COM NO Digital Control Input Positive Supply Voltage Input Ground Analog Switch-Normally Closed Analog Switch-Common Analog Switch-Normally Open
Pin Description
2
Rev.B.05
AME
AME4620
n Ordering Information AME4620 xxxxx
Special Feature Number of Pins Package Type Operating Ambient Temperature Range Pin Configuration
1-Ohm Low Voltage SPDT Analog Switch
Pin Configuration
Operating Ambient Temperature Range
Package Type
Number of Pins
Special Feature
(SC-70-6)
A: 1. NO 2. GND 3. NC 4. COM 5. V+ 6. IN
E: -40OC to +85OC
I: SC-70
Y: 6
Z: Lead free
n Ordering Information
Part Number
AME4620AEIYZ
Marking*
BCYw
Activity Mode
Break-Before-Make
Package
SC-70-6
Operating Ambient Temperature Range
- 40oC to +85oC
Note: w represents the date code and pls refer to Date Code Rule before Package Dimension. * A line on top of the first letter represents lead free plating such as BCY. Pls consult AME sales office or authorized Rep./Distributor for the availability of package type.
Rev.B.05
3
AME
AME4620
n Absolute Maximum Ratings
Parameter
V+ , IN COM , NC , NO Continuous Current COM , NC , NO ESD Classification
1-Ohm Low Voltage SPDT Analog Switch
Maximum
6 Note 1 300 B*
Unit
V V mA
Note1: Signals on COM, NC and NO can not exceed V+ Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device. * HBM B:2000V~3999V
n Recommended Operating Conditions
Parameter
Ambient Temperature Range Junction Temperature Range Storage temperature Range IN V+
Symbol
TA TJ TSTG
Rating
- 40 to +85 - 40 to +125 - 65 to +150 CMOS, TTL Logic 1.8 to 5.5
Unit
o
C C C
o
o
V V
n Thermal Information
Parameter
Thermal Resistance * (Junction to Case) Thermal Resistance (Junction to Ambient) Internal Power Dissiption Maximum Junstion Temperature Solder Iron ( 10sec )** SC-70-6 Conductive Epoxy
Package
Die Attach
Symbol
JC JA PD
Maximum
224
Unit
o
C/W
331
300 150 350
mW
o
C C
o
* Measure J C on center of molding compound if IC has no tab. ** MIL-STD-202G 210F
4 Rev.B.05
AME
AME4620
n Electrical Specifications
V+ =+5V +/- 10%, GND = 0V, INH = 2.4V, INL = 0.8V, TA = -40oC to +85oC, unless otherwise noted. Typical values are at TA = 25oC.
Parameter ANALOG SWITCH On-Resistance On-Resistance Match between channels On-Resistance Match Flatness Switch Off-Leakage Current DIGITAL I/O Input Logic High Input Logic Low Input Current Logic High or Low INH INL IIH , IIL V+ = 5.5V VIN = V+, 0V 2.4 0.8 -1.0 1.0 V A RON V+ = 4.5V ICOM = 100mA V+ = 4.5V ICOM = 100mA VNO or VNC = 3.5V RFLATE V+ = 4.5V ICOM = 100mA V+ = 5.5V VCOM = 1V, 4.5V TA = 25 oC TA = -40 C to +85 C TA = 25 oC TA = -40 oC to +85oC TA = 25 oC 0.15
o o
1-Ohm Low Voltage SPDT Analog Switch
Symbol
Test Condition
Min
Typ
Max Units
1.0 1.2 0.12 0.15 0.2 0.2 -0.1
o
Ron
VNO or VNC = 0V, 1V, 2V TA = -40 oC to +85oC INO(OFF)
INC(OFF)
TA = 25 oC
o
0.05
0.1 1.0
A
VNC or VNO = 4.5V or 1V TA = -40 C to +85 C -1.0
SWITCH DYNAMIC CHARACTERISTICS Turn-On Time t ON Figure 2 TA = 25 oC TA = -40 C to +85 C TA = 25 oC TA = -40 C to +85 C TA = 25 oC TA = -40 C to +85 C
o o o o o o
50 60 50 60 1 1 -30 -30 38 138 400 20
ns
Turn-Off Time
t OFF
Figure 2
ns
Break-Before-Make Delay Off-Isolation Crosstalk NC or NO Off-Capacitance COM ON-Capacitance -3dB Bandwidth POWER SUPPLY Power Supply Range V Supply Current
Rev.B.05
+
t BBM OIRR
Figure 2
ns
RL = 50, CL = 5pF, f = 1MHz, Figure 3 RL = 50, CL = 5pF, f = 1MHz, Figure 4
dB
COFF CCOM(ON) BW
f = 1MHz, Figure 5 f = 1MHz, Figure 6 RL = 50, Figure 7
pF MHz
V+ I
+
TA = -40 oC to +85oC 1.8 V = 5.5V, IN = 0V or V
+ +
5.5 10
V A
5
TA = -40 C to +85 C
o
o
AME
AME4620
n Timing Diagrams
Figure 1 Switching Time
V+
1-Ohm Low Voltage SPDT Analog Switch
NO or NC VIN Logic Input IN
COM RL CL
VOUT
GND
H
Logic Input
L
50%
0.9xVIN VOUT
OV
t ON
tOFF
6
Rev.B.05
AME
AME4620
n Timing Diagrams
Figure 2 Break-Before-Make Interval
1-Ohm Low Voltage SPDT Analog Switch
V+
NC VIN NO Logic Input IN RL CL COM VOUT
GND
H
Logic Input
L
VOUT tD
Rev.B.05
7
AME
AME4620
n Test Circuit
Figure 3 Off-Isolation / On Channel
1-Ohm Low Voltage SPDT Analog Switch
+5V 10nF
V+ COM1 50 0V or 2.4v
IN NC or No
Analyzer 50
GND
Figure 4 Crosstalk
VIN 10nF
V+ NC Singal Generator 0dBm Analyzer 50 GND NO COM 50
IN
8
Rev.B.05
AME
AME4620
n Test Circuit
Figure 5 NC or NO Capacitance
1-Ohm Low Voltage SPDT Analog Switch
+5V 10nF
V+ COM IN Capacitance Meter f = 1MHz NC GND 0V or 2.4V
Figure 6 COM ON Capacitance
+5V 10nF
V+ Capacitance Meter f = 1MHz COM IN 0V or 2.4V
NC GND
Rev.B.05
9
AME
AME4620
n Test Circuit
Figure 7 Bandwidth
1-Ohm Low Voltage SPDT Analog Switch
+5V 10nF
V+ NC or NO Rg =50 COM VOUT RL 50
GND
10
Rev.B.05
AME
AME4620
Ron vs. COM Voltage over Supply Voltage
9 8 7 6
1-Ohm Low Voltage SPDT Analog Switch
Ron vs. COM Voltage over Temperature
1.25
+1.8V +2.0V
VCOM =100mA
1.00
T A=+850 C
T A=+105 0C
0.75
R ON()
5 4 3 2 1 0 1
R ON()
+2.3V +2.5V
T A=+250C T A=-400 C T A=-550 C
0.50
+3.0V +5.0V
2 3 4 5
0.25
V+ = 5V ICOM =100mA
0 1 2 3 4 5
VCOM (V)
VCOM (V)
OFF Leakage vs. Temperature
0.4
140 120
Charge Injection vs. COM Voltage
0.3 OFF Leakage(nA)
100 80 60 40 20
0.2
0.1
0.0 -40
q(pC)
0
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
Temperature
(OC)
VCOM (V)
Logic Threshold Voltage vs. Supply Voltage
2.5
TURN-ON/OFF Times vs. Supply Voltage
100
Logic Threshold Voltage (V)
2.0
80
VIN Rising VIN Falling
tON/t OFF (nS)
1.5
60
tON
40
1.0
0.5
20
tOFF
0 2 2.5 3 3.5 4 4.5 5.0
0 2 3 4 5 6
Supply Voltage (V)
VSUPPLY (V)
Rev.B.05
11
AME
AME4620
TURN-ON/OFF Times vs. Temperature
60
1-Ohm Low Voltage SPDT Analog Switch
50
V+ = 5V VNO or VNC = 3V tON
t ON/t OF F ( nS )
40
30
20
10
tOFF
0 -40 -20 0 20 40 60 80
Temperature ( oC )
12
Rev.B.05
AME
AME4620
n Date Code Rule
For SC-70 Package Only
Marking A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Date Code W W W W W W W W W W Year xxx0 xxx1 xxx2 xxx3 xxx4 xxx5 xxx6 xxx7 xxx8 xxx9 A: B: C: D: E: F: G: H: I: J: w: Work Week Code 01&02 03&04 05&06 07&08 09&10 11&12 13&14 15&16 17&18 19&20 K: L: M: N: O: P: Q: R: S: T: 21&22 23&24 U: V: 41&42 43&44 45&46 47&48 49&50 51&52
1-Ohm Low Voltage SPDT Analog Switch
25&26 W: 27&28 29&30 31&32 33&34 35&36 37&38 39&40 X: Y: Z:
n Tape and Reel Dimension
SC-70-6
P
W AME PIN 1 AME
Carrier Tape, Number of Components Per Reel and Reel Size
Package SC-70-6
Carrier Width (W) 8.00.1 mm
Pitch (P) 4.00.1 mm
Part Per Full Reel 3000pcs
Reel Size 1801 mm
Rev.B.05
13
AME
AME4620
n Package Dimension
SC-70-6
Top View D e1
0. 15(0. 006) C
1-Ohm Low Voltage SPDT Analog Switch
Side View
SYMBOLS
A A
MILLIMETERS MIN MAX
1.10 0.10 1.00 0.35 0.25 0.25 0.20 2.20 2.45 1.35
INCHES MIN
0.031 0.000 0.031 0.006 0.006 0.003 0.003 0.075 0.079 0.045
D
MAX
0.043 0.004 0.039 0.014 0.010 0.010 0.008 0.087 0.096 0.053
A
E1/2 E1
0.15(0.006 )
0.80 0.00 0.80 0.15 0.15 0.08 0.08 1.90 2.00 1.15
E/2 E
A1 A2 b b1
C
PIN 1
e
.10(0.004 ) M C A
B B b
c
See Detail A
c1 D E
Front View
E1 e e1
SEATING PLANE
0.65BSC 1.30BSC 0.26 0
o
0.0255BSC 0.0512BSC 0.010 0
o
A2
A
L 1 2
0.46 8
o
0.018 8o 10o
.10(0. 004)
C
A1
C
4o
10 o
4o
Detail A c1
SECTION AA
(b) b1 c1 c
.15(. 0059)
H
GAGE PLANE
BASE METAL
c L
14
Rev.B.05
www.ame.com.tw
E-Mail: sales@ame.com.tw
Life Support Policy: These products of AME, Inc. are not authorized for use as critical components in life-support devices or systems, without the express written approval of the president of AME, Inc. AME, Inc. reserves the right to make changes in the circuitry and specifications of its devices and advises its customers to obtain the latest version of relevant information. (c) AME, Inc. , November 2008 Document: 2105-DS4620-B.05
Corporate Headquarter
AME, Inc.
2F, 302 Rui-Guang Road, Nei-Hu District Taipei 114, Taiwan . Tel: 886 2 2627-8687 Fax: 886 2 2659-2989


▲Up To Search▲   

 
Price & Availability of AME4620AEIYZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X