|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
o 225 x 99 mm DC Backward Curved Fans Approvals R Life expectancy L-10 LIFE AT 40C: 80 000 hours 70 60 50 40 30 20 10 0 0 50 100 150 200 250 300 350 STATIC PRESSURE: mm H2O 566DH Brushless DC Motor Wheel material: plastic UL 94 VO Weight: 1,55 kg Design code: C13 - Tropicalized IP 44 Speed sensor Variable speed (0 - 10 V input / PWM) Available with: - steel wheel (consult factory) AIRFLOW: I/s Part number 566DH4LM19000 Nominal Airflow Noise voltage level V l/s dB(A) 48 304,2 69 Nominal speed RPM 2450 Input power W 110 Voltage range V (36-60) Bearing system Connection type Operating temperature Ball X Sleeve Leads Terminals X Min. C - 20 Max. C 70 Additional versions: Salt spray protection - high temperature range - IP 54 - alarm as options Other voltages: consult factory Accessories: Consult factory http://www.etrinet.com e-mail: info@etrinet.com ETRI is a trade mark of ECOFIT, Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition N2/0-Rev. 1 |
Price & Availability of 566DH4LM19000 |