Part Number Hot Search : 
74F02 MBR645 STV641 512K3 A5801027 020180 UM3561A TH58NVG
Product Description
Full Text Search
 

To Download 565DH4LM19000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 o 220 x 71 mm
DC Backward Curved Fans
Approvals
R
Life expectancy
L-10 LIFE AT 40C: 80 000 hours
STATIC PRESSURE: mm H2O
60
50
565DH
40
30
20
Brushless DC Motor
Wheel material: plastic UL 94 VO Weight: 1,50 kg Design code: C13 - Tropicalized IP 44
10
Speed sensor Variable speed (0 - 10 V input / PWM)
0 0 50 100 150 200 250 300
Available with:
- steel wheel (consult factory)
AIRFLOW: I/s
Nominal Airflow Noise voltage level V l/s dB(A) 48 271,0 71
Part number 565DH4LM19000
Nominal speed RPM 2950
Input power W 94,5
Voltage range V (36-60)
Bearing system Connection type Operating temperature Ball X Sleeve Leads Terminals X Min. C - 20 Max. C 70
Additional versions: Salt spray protection - high temperature range - IP 54 - alarm as options Other voltages: consult factory
Accessories: Consult factory
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trade mark of ECOFIT,
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition N2/0-Rev. 1


▲Up To Search▲   

 
Price & Availability of 565DH4LM19000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X