Part Number Hot Search : 
D4050 SB310 NTE1919 SE2595L C1475 M54HC112 BA4558F SB590
Product Description
Full Text Search
 

To Download 3S4YR-MVFW1JDH-074 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
Motor Driven Card Reader/Writer
Reliably Handles Read/Write Functions for both Magnetic and IC Cards
s
3S4YR-MVF/MVS
s s s s s s
Downloadable firmware for specification updates, customer requirements, firmware updates, new smart card support Powerful all-roller card feeding system easily handles warped and/or wet cards Highly reliable reading/writing of all three tracks using new pick-up encoder technology Fully-integrated RS-232C eliminates the need for IC adapter boards User-friendly interface with multifunction commands and support for T=0 and T=1, EMV Compact size and light weight for easy installation Locking shutter for fraud prevention
Ordering Information
Magnetic Tracks Supported (R, R/W) IC 1 2 3 Center JIS II Contact R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W -- -- -- -- -- -- -- -- -- -- -- -- No Interface Built-in Card (see note 3) Shutter Ejection RS-232 Yes Yes Yes Yes Yes Yes Color Notes -- -- Part Number (see note 2) 3S4YR-MVFW1D-052 3S4YR-MVFW1JD-051L Front/Rear Black Front/Rear Black
ISO 7816 RS-232 ISO 7816 RS-232 ISO 7816 RS-232 No RS-232
Front/Rear Black Memory card 3S4YR-MVFW1JD-M51L support (see note1) Front/Rear Black HiCo Front/Rear Black -- 3S4YR-MVFW1JDH-074 3S4YR-MVS1D (MVFW1D-052 Core) 3S4YR-MVS1JD (MVFW1JD-051L Core)
ISO 7816 RS-232
Front/Rear Black Housing
Note 1: Inquire regarding specific memory card support. 2: Models with support for SAM modules are available. Please contact Omron for details. 3: Please contact Omron for details concerning USB interface availability.
s TYPICAL APPLICATIONS
* Cash Dispensers * Automatic Teller Machines (ATM) * POS Terminals * Credit Card Checkers * ID Card Checkers * Electronic Lock System * Medical Patient System * Health Control System *Teller Terminal * Front desk card encoders
3S4YR-MVF/MVS
3S4YR-MVF/MVS
Specifications
Part number Recommended card type Recording method Card feeding speed Location of magnetic stripe Motor type Service life (see note 2) Entire unit IC contact Operating power supply Current consumption Mounting location Ambient temperature Operation Storage Ambient humidity Vibration Shock Dimensions (with shutter) Weight Operation Storage Magnetic card IC card (see Note 1) 3S4YR-MVF ISO 7816/1-4 (T=0 and/or T=1) FM decoding (F2F) 20 cm/sec (8 in/sec) in normal operation; 5 cm/sec (2 in/sec) IC card handling Installation DC motor 1,500,000 passes or 5 years, whichever comes first 300,000 times 24 VDC 10% Indoors -- away from wind, rain, and sunlight 5 to 55C (41 to 131F) -25 to 55C (-13 to 131F) 5% to 85% RH, no condensation 5% to 90% RH, no condensation 0 to 40 C (32 to 104F) -25 to 55 C (-13 to 131F) 35% to 85% RH, no condensation (see note 3) 5% to 90% RH, no condensation (see note 3) 100 VAC to 240 VAC ( 10%) 2.0 A or less when motor revolution starts; 500 mA in standby mode At bottom 3S4YR-MVS ISO 7810, 7811/1-5, 7812, 7813. Please inquire if using high-coercivity cards.
10 to 150 Hz and single vibration width of 0.15 mm or an acceleration of 2 G (19.6 m/sec2), whichever is smaller 20 G in six directions (up and down, left and right, forward and back, 3 times in each direction) 210L x 124W x 90H mm (8.27L x 4.88W x 3.54H in) Approx. 2 kg (4.41 lbs) 271L x 130W x 154H mm (10.67L x 5.12W x 6.06H in) Approx. 4.5 kg (9.92 lbs.) without attachment
Note 1: Please request confirmation on specific IC card compatibility, including EMV (Europay / Mastercard / Visa) and memory cards. 2: One pass denotes one round trip. 3: Absolute air humidity in operation is 23 g/m3 or less. In storage, absolute air humidity is 40 g/m3 or less.
Engineering Data
s I/O INFORMATION
RS-232C Interface automatically recognizes data transmission speeds of 1200, 2400, 4800, 9600, and 19200 baud.
3S4YR-MVFW1JD RS-232C Interface
Card reader side: JAE 9-pin D-Sub socket, DELC-J9SAF-10L9. Pin # 1 2 3 4 5 6 7 8 9 Signal NC RXD TXD DTR GND NC NC CTS NC Input/Output -- Input Output Output -- -- -- Input -- Description Not connected Receive data Transmit data Data terminal ready Ground Not connected Not connected Clear to send Not connected
3S4YR-MVFW1JD Power Interface
Card reader side: Molex 4 node, 2.54 mm pitch in serial 5046-04A. Pin # 1 2 3 4 Signal +24V GND XGND X24V Input/Output -- -- -- -- Description Power supply Power ground Secondary power ground Secondary supply
2
3S4YR-MVF/MVS
3S4YR-MVF/MVS
Dimensions
Unit: mm (inch)
s 3S4YR-MVF with shutter
(Also available without shutter.)
210 (8.27) 86 (3.39) 57 (2.24)
25 (0.98) min.
124 (4.88)
57 (2.24) 44 (1.73)
78 (3.07) 70.2 (2.76)
31.6 62 (1.24) (2.44) 57 (2.24) 4-3.5 x 6 Elongated Hole
86 (3.39)
47 (1.85) 2.1 (0.08)
17 (0.67) 26 (1.02)
90 (3.54) 12 (0.47) 8 (0.31) 4 (0.16) Interface Connector PCB 86 (3.39) 57 (2.24) 45 (1.77)
62 (2.44) 57 (2.24) 2-M3
124 (4.88)
2-M3 57 (2.24)
86 (3.39) 210 (8.27)
47 (1.85)
3
3S4YR-MVF/MVS
s 3S4YR-MVS
Unit: mm (inch)
3S4YR-MVF/MVS
Bottom
Top
70 (2.76)
271.5 (10.69)
144.1 (5.67)
POWER READY RUN ERROR
130 (5.12)
Bottom
9.9 (0.39) 97.2 (3.83) 154 (6.06)
Top
NOTE: DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters to inches divide by 25.4.
R
One East Commerce Drive Schaumburg, IL 60173
OMRON ELECTRONICS, INC.
OMRON CANADA, INC.
1-800-55-OMRON
Cat. No. GC CR3 7/00 Specifications subject to change without notice.
4
416-286-6465
885 Milner Avenue Scarborough, Ontario M1B 5V8
Printed in U.S.A.


▲Up To Search▲   

 
Price & Availability of 3S4YR-MVFW1JDH-074

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X