Part Number Hot Search : 
RF540 KD502 SZ5A12 FN4707 5KE10 CLS0402 61256 U7001BG
Product Description
Full Text Search
 

To Download 3831000440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Radial Lead Fuses
TR5(R) > Time-Lag > 383 Series
383 Series,
TR5(R), Time-Lag Fuse Description TR5(R)
Features Lead-free
Agency Approvals Applications
Agency Agency File Number Ampere Range
5007679-1170-0038/92585 JET1896-31007-2001 JET1896-31007-1003 E67006
4A - 5A 1A - 5A 6.3A - 10A 1A - 10A
Electrical Characteristics for Series
% of Ampere Rating 150% 210% 275% 400% 1000% Opening Time (1A-6.3A) 1 Hour, Minimum 120 sec., Maximum 400 ms., Min.; 10 sec., Max. 150 ms., Min.; 3 sec., Max. 20 ms., Min.; 150 ms., Max.
Electrical Characteristics for Series
% of Ampere Rating % % % % Opening Time (8A-10A)
Electrical Characteristics Specifications by Item
Amp Code 1100 1125 1160 1200 1250 1315 1400 1500 1630 1800 2100 Amp Rating (A) 1.00 1.25 1.60 2.00 2.50 3.15 4.00 5.00 6.30 8.00 10.00 Max Voltage Rating (V) 300 300 300 300 300 300 300 300 300 300 300 50A@300VAC 100A@300VAC 50A@300VAC Breaking Capacity 50-60Hz/cos =1 Voltage Drop 1.0 x 1N max. (mV) 100 95 90 85 80 75 70 65 65 63 57 Power Dissipation 1.5 x 1N max. (mW) 400 465 490 670 750 900 1200 1250 1400 1600 1600 Melting Integral 10 x 1N min. (A2s) 3.0 4.5 9.0 12 22 32 58 90 105 180 260 X X Agency Approvals
X X X X X X X X
X X X X X X X X X X X
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/383.html for current information.
159 Revised: May 6, 2009
383 Series
383 Series
Radial Lead Fuses Introduction to Circuit Protection
Transientology TR5(R) > Time-Lag > 383 Series
Temperature Rerating Curve
Average Time Current Curves
10A 8A 6.3A 5A 4A 3.15A 2.5A 2A 1.6A 1.25A 1A
140
100000
120
PERCENT OF RATING
100
10000
80 60
1000
40 20
23C
100
0 -40C
-20C
0C
20C
40C
60C
80C
TIME IN SECONDS
AMBIENT TEMPERATURE
10
1
0.1
0.01
0.001 0.1 1 10
CURRENT IN AMPERES
100
1000
Soldering Parameters - Wave Soldering
300
Recommended Process Parameters:
Wave Parameter Preheat:
(Depends on Flux Activation Temperature) (Typical Industry Recommendation)
Temperature (C) - Measured on bottom side of board
280 260 240 220 200 180 160 140 120 100 80 60 40 20 100 110 120 130 140 150 160 170 180 190 200 210 220 230 240 10 20 30 40 50 60 70 80 90 0 0
Lead-Free Recommendation
Temperature Minimum: Temperature Maximum: Preheat Time: Solder Pot Temperature: Solder Dwell Time:
100 C 150 C 60-180 seconds 260 C Maximum 2-5 seconds
Recommended Hand-Solder Parameters: Solder Iron Temperature: 350 C +/- 5C Heating Time: 5 seconds max. Note: These devices are not recommended for IR or Convection Reflow process.
Time (Seconds) Preheat Time Dwell Time Cooling Time
383 Series
160 Revised: May 6, 2009
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/383.html for current information.
Radial Lead Fuses
TR5(R) > Time-Lag > 383 Series
Product Characteristics
Base/Cap: Brown Thermoplastic Polyamide PA6.6, UL 94 V0 Round Pins: tin-plated Copper 10 N (IEC 60068-2-21) 260C, 3s (Wave) 350C, 1s (Soldering Iron) 260C, 10s (IEC60068-2-20) 350C, 3s (Soldering Iron) Vibration Resistance Operating Temperature Climatic Category -65C to +125C (based on internal thermal cycle test up 125C consider de-rating) -40C / +85C / 21days (EN60068-1,-2-1,-2-2,-2-78) +10C to +60C relative humidity 75% yearly average, without dew, maximum value for 30 days-95% 24 cycles at 15min. Each (EN60068-2-6) 10 - 60 Hz at 0.75 mm amplitude 60 - 2000 Hz at 10g acceleration
Materials Lead Pull Strength Solderability Soldering Heat Resistance
Stock Condition
Dimensions
8.5
Part Numbering System
383 xxxx 0000
Series Amp Code
0.5 min
max. 8
0.6
Refer to Amp Code column of Electrical Characteristics Table
Packaging Code
5.08
Holes in PCB Long Leads (L=18.8mm) Short Leads (L=4.3mm)
Packaging
383 Series Tape & Ammopack Short Leads
N/A N/A
1,000 1,000
0000 0410
N/A N/A
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/383.html for current information.
161 Revised: May 6, 2009
383 Series
383 Series
0000 Tape/Ammopack (1,000pcs.) 0410 Short Leads - Bulk (1,000pcs.)
1 + 0.1


▲Up To Search▲   

 
Price & Availability of 3831000440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X