Part Number Hot Search : 
1PMT4107 LUR81D PM7205 1H330 NJM2527 LTC4352 KSC3502E 100FC
Product Description
Full Text Search
 

To Download 3691000440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Radial Lead Fuses
TE5(R) > Time-Lag > 369 Series
369 Series,
TE5(R), Time-Lag Fuse Description TE5(R)
Features Lead-free
Agency Approvals Applications
Agency Agency File Number Ampere Range
Electrical Characteristics for Series
% % % %
Electrical Characteristics Specifications by Item
Amp Code 1100 1160 1200 1315 1400 1500 1630 Amp Rating (A) 1.00 1.60 2.00 3.15 4.00 5.00 6.30 Voltage Rating (V) 300 300 300 300 300 300 300 50A@300VAC 50-60Hz/cos =1 Voltage Drop 1.0 x IN max. (mV) 115 95 90 80 75 70 65 Power Dissipation 1.5 x IN max. (mW) 400 600 700 1100 1200 1000 1200 Melting Integral 10 x IN min. (A2s) 5.80 13.50 21.00 55.00 100.00 90.00 126.00 Agency Approvals
Breaking Capacity
X X X X X X X
X X X X X X
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/369.html for current information.
163 Revised: May 5, 2009
369 Series
369 Series
% of Ampere Rating
Opening Time
Radial Lead Fuses Introduction to Circuit Protection
Transientology TE5(R) > Time-Lag > 369 Series
Temperature Rerating Curve
Average Time Current Curves
6.3A 5A 4A 3.15A 2.5A 2A 1.6A 1.25A 1A .800A
100000
10000
1000
100
TIME IN SECONDS
10
1
0.1
0.01
0.001 0.1 1 10
CURRENT IN AMPERES
100
1000
Soldering Parameters - Wave Soldering
300
Recommended Process Parameters:
Wave Parameter Preheat:
(Depends on Flux Activation Temperature) (Typical Industry Recommendation)
Temperature (C) - Measured on bottom side of board
280 260 240 220 200 180 160 140 120 100 80 60 40 20 100 110 120 130 140 150 160 170 180 190 200 210 220 230 240 10 20 30 40 50 60 70 80 90 0 0
Lead-Free Recommendation
Temperature Minimum: Temperature Maximum: Preheat Time: Solder Pot Temperature: Solder Dwell Time:
100 C 150 C 60-180 seconds 260 C Maximum 2-5 seconds
Recommended Hand-Solder Parameters: Solder Iron Temperature: 350 C +/- 5C Heating Time: 5 seconds max. Note: These devices are not recommended for IR or Convection Reflow process.
Time (Seconds) Preheat Time Dwell Time Cooling Time
369 Series
164 Revised: May 5, 2009
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/369.html for current information.
Radial Lead Fuses
TE5(R) > Time-Lag > 369 Series
Product Characteristics
Base/Cap: Brown Thermoplastic Polyamide PA6.6, UL 94 V0 Round Pins: Tin-plated Copper 10 N (IEC 60068-2-21) 260C, 3s (Wave) 350C, 1s (Soldering Iron) 260C, 10s (IEC60068-2-20) 350C, 3s (Soldering Iron) Stock Condition Operating Temperature Climatic Category -40C to +85C (considerde-rating) -40C / +85C / 21days (EN60068-1,-2-1,-2-2,-2-78) +10C to +60C relative humidity 75% yearly average, without dew, maximum value for 30 days-95% 24 cycles at 15min. Each (EN60068-2-6) 10 - 60 Hz at 0.75 mm amplitude 60 - 2000 Hz at 10g acceleration
Materials Lead Pull Strength Solderability Soldering Heat Resistance
Vibration Resistance
Dimensions
8.5 max.4
Part Numbering System
369 xxxx 0000
Series Amp Code
Refer to Amp Code column of Electrical Characteristics Table
max. 8
0.5 min
0.6
1.5
Packaging Code
5.08
Holes in PCB Long Leads (L=18.8mm) Short Leads (L=4.3mm)
Packaging
369 Series Tape & Ammopack Short Leads
N/A N/A
1,400 1,400
0000 0440
N/A N/A
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/369.html for current information.
165 Revised: May 5, 2009
369 Series
369 Series
0000 Tape/Ammopack (1,400pcs.) 0440 Short Leads - Bulk (1,400pcs.)
1 + 0.1


▲Up To Search▲   

 
Price & Availability of 3691000440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X