Part Number Hot Search : 
9318M8 CMX868 D592A 104MPW4 CMX868 BC547C 5KE18CA 284884
Product Description
Full Text Search
 

To Download 2SK401309 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK4013
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (-MOS)
2SK4013
Switching Regulator Applications
* * * * Low drain-source ON resistance: RDS (ON) = 1.35 (typ.) High forward transfer admittance: |Yfs| = 5.0 S (typ.) Low leakage current: IDSS = 100 A (max) (VDS = 640 V) Enhancement-model: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA) Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC Pulse (Note 1) (Note 1) Symbol VDSS VDGR VGSS ID IDP PD EAR IAR EAR Tch Tstg Rating 800 800 30 6 18 45 317 6 4.5 150 -55 to 150 Unit V V V A W mJ A mJ C C 1: Gate 2: Drain 3: Source
Drain power dissipation (Tc = 25C) Single pulse avalanche energy (Note 2) Avalanche current Repetitive avalanche energy (Note 3) Channel temperature Storage temperature range
JEDEC JEITA TOSHIBA
SC-67 2-10U1B
Weight: 1.7 g (typ.)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
2 Characteristics Thermal resistance, channel to case Thermal resistance, channel to ambient Symbol Rth (ch-c) Rth (ch-a) Max 2.78 62.5 Unit C/W C/W 1
Note 1: Please use devices on condition that the channel temperature is below 150C. Note 2: VDD = 90 V, Tch = 25C (initial), L = 14.5 mH, RG = 25 , IAR = 6 A Note 3: Repetitive rating; pulse width limited by maximum channel temperature. This transistor is an electrostatic sensitive device. Please handle with caution.
3
1
2009-09-29
2SK4013
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain-source breakdown voltage Drain cut-OFF current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Symbol IGSS V (BR) GSS IDSS V (BR) DSS Vth RDS (ON) Yfs Ciss Crss Coss tr ID = 3 A VDS = 25 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 25 V, VDS = 0 V IG = 10 A, VDS = 0 V VDS = 640 V, VGS = 0 V ID = 10 mA, VGS = 0 V VDS = 10 V, ID = 1 mA VGS = 10 V, ID = 3 A VDS = 20 V, ID = 3 A Min 30 800 2.0 2.5 Typ. 1.35 5.0 1400 30 130 25 Max 10 100 4.0 1.7 pF Unit A V A V V S
10 V VGS 0V 50 RL= 133 VDD 400 V - VOUT

ns


Turn-ON time Switching time Fall time
ton
80
tf
65

nC
Duty 1%, tw = 10 s 220 45 25 20
Turn-OFF time Total gate charge (gate-source plus gate-drain) Gate-source charge Gate-drain ("miller") charge
toff Qg Qgs Qgd VDD 400 V, VGS = 10 V, ID = 6 A -

Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristics Continuous drain reverse current (Note 1) Pulse drain reverse current Forward voltage (diode) Reverse recovery time Reverse recovery charge (Note 1) Symbol IDR IDRP VDSF trr Qrr Test Condition IDR = 6 A, VGS = 0 V IDR = 6 A, VGS = 0 V, dIDR/dt = 100 A/s Min Typ. 1100 10 Max 6 18 -1.7 Unit A A V ns C
Marking
Note 4: A line under a Lot No. identifies the indication of product Labels. Not underlined: [[Pb]]/INCLUDES > MCV Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]] K4013
Part No. (or abbreviation code) Lot No. Note 4
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
2
2009-09-29
2SK4013
5
ID - VDS
COMMON SOURCE Common source Tc = 25C Tc 25C PULSE TEST Pulse test
8,10
6
5.5
10
5.5
ID - VDS
Common 8,10 source Ta=25 Pulse test 6
DRAIN CURRENT ID (A)
DRAIN CURRENT ID (A)
4
8
5.25
5.75 5.5
3
5.25
5
6
2
5
4
5.25 5
1 VGS=4.5V 0 0 2 4 6 DRAIN-SOURCE VOLTAGE
2
VGS=4.5V
0
10
VDS
8 (V)
0
10
20
30
40
50
DRAIN-SOURCE VOLTAGE VDS (V)
16 Common source V DS=20V Pulse test 12
ID - VGS
DRAIN-SOURCE VOLTAGE VDS (V)
10
VDS - VGS
COMMON SOURCE Tc Common source = 25C PULSETa=25 TEST
DRAIN CURRENT ID (A)
8
Pulse test
6 6 4
8
4
Tc = 100C Ta=100
-55 25
2
3 ID = 1.5 A
0 0 2 4 6 8
(V)
0
10
0
4
8
12
16
20
GATE-SOURCE VOLTAGE VGS
GATE-SOURCE VOLTAGE VGS
(V)
100
FORWARD TRANSFER ADMITTANCE Yfs (S)
Yfs - ID
DRAIN-SOURCE ON RESISTANCE RDS (ON) ()
RDS (ON) - ID
10.00 Common source V GS=10V Tc=25 Pulse test
Common source V DS=20V Pulse test 10 -55
Tc = 100C Ta=100
25
1.00
1
0.1 0.1 1 10 DRAIN CURRENT ID (A) 100
0.10 0.01 0.1 1 DRAIN CURRENT ID (A) 10
3
2009-09-29
2SK4013
5
DRAIN-SOURCE ON RESISTANCE RDS (ON) ()
RDS (ON) - Tc
DRAIN REVERSE CURRENT IDR (A)
10
Common source Tc=25 Pulse test
IDR - VDS
4
Common source V GS=10V Pulse test 7
3
6
3
1
2 ID=1.5A 1
3 10 VGS=0-1V 1
0 -80 -40 0 40 80 120 CASE TEMPERATURE Tc (C) 160
0.1 0 -0.2 -0.4 -0.6
-0.8
-1
-1.2
DRAIN-SOURCE VOLTAGE VDS (V)
10000
C - VDS
Vth (V)
5
Vth - Tc
Ciss
(pF)
4
1000 Coss
GATE THRESHOLD VOLTAGE
CAPACITANCE C
3
2 Common source V DS=10V ID=1mA Pulse test -80 -40 0 40 80 CASE TEMPERATURE Tc (C) 120 160
100 Common source V GS=0V f=1MHz Tc=25 10 0.1 1 10 DRAIN-SOURCE VOLTAGE VDS (V) 100 Crss
1
0
PD - Tc
60
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
450
DRAIN-SOURCE VOLTAGE VDS (V)
DRAIN POWER DISSIPATIOND P (W)
40
200 300 100 VDS = 400 V 10
20
150
VGS
5
0 0 40 80 CASE TEMPERATURE Tc () 120 160
0 0
20
40
60
80
0 100
TOTAL GATE CHARGE Qg (nC)
4
2009-09-29
GATE-SOURCE VOLTAGE VGS
(V)
VDS
Common source ID = 6 A Tc = 25C Pulse test
15
2SK4013
rth - tw
10
NORMALIZED TRANSIENT THERMAL IMPEDANCE rth (t)/Rth (ch-c)
1
Duty=0.5 0.2
0.1
0.1 0.05 0.02 PDM t
0.01 0.01 SINGLE PULSE
T Duty = t/T Rth (ch-c) = 2.78C/W 10 100 1 10
0.001 10
100
1
PULSE WIDTH tw
(s)
SAFE OPERATING AREA
100
400 350
EAS - Tch
DRAIN CURRENT ID (A)
10 ID max (CONTINUOUS) * 1 ms * 1 DC OPERATION Tc = 25C
100 s *
AVALANCHE ENERGY E AS (mJ) AVALANCHE ENERGY E (mJ) AS
ID max (PULSE) *
300 250 200 150 100 50 0 25 cH CHANNEL TEMPERATURE (INITIAL) Tch (C) 50 75 100 CHANNEL TEMPERATURE (INITIAL) T 125 () 150
0.1 *: SINGLE NONPETITIVE PULSE
Tc = 25C Curves must be derated linearly with
0.01 1
increase in temperature
VDSS max 1000 10000
10
100
DRAIN-SOURCE VOLTAGE
VDS
I
V
15 V -15 V VDD TEST CIRCUIT RG = 25 VDD = 90 V, L = 14.5 mH BVDSS IAR VDS
WAVE FORM
AS =
1 B VDSS L I2 B 2 VDSS - VDD
5
2009-09-29
2SK4013
RESTRICTIONS ON PRODUCT USE
* Toshiba Corporation, and its subsidiaries and affiliates (collectively "TOSHIBA"), reserve the right to make changes to the information in this document, and related hardware, software and systems (collectively "Product") without notice. * This document and any information herein may not be reproduced without prior written permission from TOSHIBA. Even with TOSHIBA's written permission, reproduction is permissible only if reproduction is without alteration/omission. * Though TOSHIBA works continually to improve Product's quality and reliability, Product can malfunction or fail. Customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of Product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. Before creating and producing designs and using, customers must also refer to and comply with (a) the latest versions of all relevant TOSHIBA information, including without limitation, this document, the specifications, the data sheets and application notes for Product and the precautions and conditions set forth in the "TOSHIBA Semiconductor Reliability Handbook" and (b) the instructions for the application that Product will be used with or for. Customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this Product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. TOSHIBA ASSUMES NO LIABILITY FOR CUSTOMERS' PRODUCT DESIGN OR APPLICATIONS. * Product is intended for use in general electronics applications (e.g., computers, personal equipment, office equipment, measuring equipment, industrial robots and home electronics appliances) or for specific applications as expressly stated in this document. Product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality and/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or serious public impact ("Unintended Use"). Unintended Use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. Do not use Product for Unintended Use unless specifically permitted in this document. * Do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy Product, whether in whole or in part. * Product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. * The information contained herein is presented only as guidance for Product use. No responsibility is assumed by TOSHIBA for any infringement of patents or any other intellectual property rights of third parties that may result from the use of Product. No license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. * ABSENT A WRITTEN SIGNED AGREEMENT, EXCEPT AS PROVIDED IN THE RELEVANT TERMS AND CONDITIONS OF SALE FOR PRODUCT, AND TO THE MAXIMUM EXTENT ALLOWABLE BY LAW, TOSHIBA (1) ASSUMES NO LIABILITY WHATSOEVER, INCLUDING WITHOUT LIMITATION, INDIRECT, CONSEQUENTIAL, SPECIAL, OR INCIDENTAL DAMAGES OR LOSS, INCLUDING WITHOUT LIMITATION, LOSS OF PROFITS, LOSS OF OPPORTUNITIES, BUSINESS INTERRUPTION AND LOSS OF DATA, AND (2) DISCLAIMS ANY AND ALL EXPRESS OR IMPLIED WARRANTIES AND CONDITIONS RELATED TO SALE, USE OF PRODUCT, OR INFORMATION, INCLUDING WARRANTIES OR CONDITIONS OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, ACCURACY OF INFORMATION, OR NONINFRINGEMENT. * Do not use or otherwise make available Product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). Product and related software and technology may be controlled under the Japanese Foreign Exchange and Foreign Trade Law and the U.S. Export Administration Regulations. Export and re-export of Product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. * Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. Please use Product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the EU RoHS Directive. TOSHIBA assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.
6
2009-09-29


▲Up To Search▲   

 
Price & Availability of 2SK401309

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X