Part Number Hot Search : 
0ELT2 31ACD TS7806I PS256 FRF502G 0AS01 BIP015DU 10015
Product Description
Full Text Search
 

To Download 2SC4296 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC4296
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 400V(Min) *High Switching Speed
APPLICATIONS *Designed for switching regulator and general purpose applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
w w
scs .i w
VALUE 500 V 400 V 10 V 10 A 20 A 4 A
UNIT
.cn mi e
IC
Collector Current-Continuous
ICM
Collector Current-Peak
IB
Base Current-Continuous Collector Power Dissipation @TC=25 Junction Temperature
PC
75
W
TJ
150
Tstg
Storage Temperature
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC4296
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 25mA; IB= 0
400
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 6A; IB= 1.2A
B
0.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 6A; IB= 1.2A
B
1.3
V
ICBO
Collector Cutoff Current
VCB= 500V; IE= 0
100
A
IEBO
Emitter Cutoff Current
VEB= 10V; IC= 0
100
A
hFE
DC Current Gain
IC= 6A; VCE= 4V
COB
Output Capacitance
fT
Current-Gain--Bandwidth Product
Switching Times
ton
Turn-On Time
w w
scs .i w
IE= 0; VCB= 10V; f= 1MHz
IE= -0.7A; VCE= 12V
.cn mi e
10
30
85
pF
10
MHz
1.0
s
tstg
Storage Time
IC= 6A; IB1= 0.6A; IB2= -1.2A; VCC= 200V; RL= 33
3.0
s
tf
Fall Time
0.5
s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC4296

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X