Part Number Hot Search : 
DC1AC6RB AO4906L 220MT 74HC4066 78LXX ISP1506A HEF4025B MC56F8
Product Description
Full Text Search
 

To Download 2SC4294 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC4294
DESCRIPTION *High Breakdown Voltage: V(BR)CBO= 1500V(Min) *High Switching Speed *High Reliability *Built-in Damper Diode APPLICATIONS *Ultrahigh-definition color display horizontal deflection output applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
w w
scs .i w
VALUE UNIT 1500 V 800 V 7 V 6 A 16 A 3.0 W
.cn mi e
IC
Collector Current-Continuous
ICP
Collector Current-Peak Collector Power Dissipation @ Ta=25
PC Collector Power Dissipation @ TC=25 TJ Junction Temperature 50
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC4294
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 0.1A; IB= 0
800
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 1.2A
B
5.0
V
VBE(sat) ICBO ICES
Base-Emitter Saturation Voltage
IC= 5A; IB= 1.2A
B
1.5
V A
Collector Cutoff Current
VCB= 800V; IE= 0 VCE= 1500V; RBE= 0
10
Collector Cutoff Current
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 4V; IC= 0
hFE-1
DC current gain
hFE-2
DC current gain
VECF
C-E Diode Forward Voltage
Switching times
tstg tf
Storage Time
w
ww
scs .i
IF= 6A
IC= 1A; VCE= 5V
IC= 5A; VCE= 5V
.cn mi e
40 8 4
130
mA
6
2.0
V
3.0 IC= 5A, IB1= 1A; IB2= -2A; VCC= 200V 0.3
s s
Fall Time
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC4294

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X