|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Shown 2LP66, standard color: black revision for dwg # 1PB-2LPxxx rev - ch.no. - description original design Stock code Long description 2LP01 2LP01SP 2LP02 2LP02SP 2LP03 2LP03SP 2LP04 2LP04SP 2LP05 2LP05SP 2LP06 2LP06SP 2LP07 2LP07SP 2LP08 2LP08SP 2LP09 2LP10 2LP10SP 2LP11 2LP12 2LP12SP 2LP13 2LP13SP 2LP14 2LP14SP 2LP15 2LP15SP 2LP16 2LP16SP 2LP17 2LP17SP 2LP18 2LP18SP 2LP19 2LP19SP 2LP20 2LP20SP 2LP21 2LP22 2LP23 2LP24 2LP25 2LP26 2LP27 2LP28 2LP28SP "START" "ARRANQUE" "STOP" "PARO" "FORWARD" "ADELANTE" "REVERSE" "ATRAS" "UP" "ARRIBA" "DOWN" "ABAJO" "OPEN" "ABRIR" "CLOSE" "CERRAR" "AUTO" "HAND" "MANUAL" "SLOW" "FAST" "RAPIDO" "RESET" "REARME" "INCH" "LENTO" "ON" "DENTRO" "OFF" "FUERA" "RIGHT" "DERECHO" "LEFT" "IZQUIERDA" "TRIP" "FALLA" "POWER ON" "ENCENDIDO" "LOCAL" "REMOTE" "TEST" "RUN" "R PHASE" "Y PHASE" "B PHASE" "START STOP" "ARRANQUE PARO" date 11/15/2007 revised by Philipp E. Stock code Long description 2LP29 2LP29SP 2LP30 2LP30SP 2LP31 2LP31SP 2LP32 2LP32SP 2LP33 2LP33SP 2LP34 2LP35 2LP36 2LP36SP 2LP37 2LP37SP 2LP38 2LP38SP 2LP39 2LP40 2LP41 2LP41SP 2LP42 2LP43 2LP44 2LP45 2LP46 2LP47 2LP48 2LP55 2LP55 2LP56 2LP57 2LP58 2LP59 2LP60 2LP61 2LP62 2LP63 2LP64 2LP66 2LP69 2LP70 2LP71 2LP72 2LP73 2LPXX "UP DOWN" "ARRIBA ABAJO" "ON OFF" "ENCENDIDO APAGADO" "REV FWD" "ADELANTE ATRAS" "AUTO HAND" "AUTO MAN" "LOCAL REMOTE" "LOCAL REMOTO" "I II" "O I" "HAND O AUTO" "MAN O AUTO" "SLOW OFF FAST" "LENTO FUERA RAPIDO" "UP OFF DOWN" "ARRIBA FUERA ABAJO" "I O II" Blank Aluminum EMERGENCY STOP "PARO DE EMERGENCIA" "FOR-OFF-REV" "AUTO - MAN" "RAISE - LOWER" "JOG - RUN" "OFF - ON" "FWD - REV" "POSITION , A B" Cycle Stop Cycle Stop Emergency Stop OXY - AUTO - ATM OXY - ATM - AUTO REV - OFF - FWD JOG SHEAR INFEED ON/OFF INFEED CLUTCH ON/OFF Emergency Stop JOG SHEAR INFEED ON/OFF INFEED CLUTCH ON/OFF temporary for custom imprint n24.5 mm [1.0 in] 30 mm [1.2 in] Metal legend plates are engraved on both sides, one side in horizontal and the other side in a vertical orientation. n60 mm 40 mm [1.6 in] [2.4 in] n24.5 mm [1.0 in] unless otherwise specified: all dimensions are in millimeters third angle projection tolerance XX XX.X XX.XX ALL This Drawing is the property of R = = = = 1 mm 0.5 mm 0.2 mm - mm M E T R I C 35 Royal Road Flemington, NJ 08822-6000 (908) 806-9400 Fax (908) 806-9490 and is a confidential disclosurelent without consideration other than the borrower's agreement that it shall not be reproduced, copied, lent or disposed of directly or indirectly nor used for any purpose other than that for which it is specifically furnished. titel 22 mm Legend Plates 11/15/2007 11/15/2007 11/15/2007 drawn by: Philipp Ernstberger checked by: Laszlo Gyorgypal released by: Laszlo Gyorgypal drawing no.: rev.: - 1PB-2LPxxx scale: - sheet: 1 of: 1 |
Price & Availability of 2LP06SP |