Part Number Hot Search : 
LTC2344 ADG5412 BST25P1N ENA2130A 4759A 1N6171A ANTX2 MMSZ4707
Product Description
Full Text Search
 

To Download 1PMT4120E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1PMT4614e3 thru 1PMT4627e3, 1PMT4099e3 thru 1PMT4135e3
SCOTTSDALE DIVISION
POWERMITETM Low Noise 1 Watt Zener Diodes
DESCRIPTION This Microsemi Powermite surface mount low noise Zener package series provides a higher power handling capability that are also RoHS compliant. In addition to its size advantages, Powermite(R) package features include a full-metallic bottom that eliminates the possibility of solder flux entrapment during assembly, and a unique locking tab acts as an efficient heat path from die to mounting plane for external heat sinking with very low thermal resistance junction to case (bottom). Its innovative design makes this device ideal for use with automatic insertion equipment.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
(R)
APPEARANCE
WWW .Microsemi .C OM
DO-216
FEATURES
* Surface mount equivalent to JEDEC registered 1N4099 thru 1N4135 and 1N4614 thru 1N4627 series except with additional power capability Extensive selection from 1.8 to 100 V Regulates voltage over a broad operating current and temperature range Low noise density (1-3 kHz) at test current Low reverse leakage current RoHS compliant * * * * *
APPLICATIONS / BENEFITS
Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively Moisture classification Level 1 per IPC/JEDEC J-STD-020B with no dry pack required Nonsensitive to ESD per MIL-STD-750 Method 1020 Compatible with automatic insertion equipment Full metallic bottom eliminates flux entrapment
* * * * *
MAXIMUM RATINGS
* * Operating and Storage Temperatures: -55C to +150C Steady-State Power: 1.0 watt at TC < 120oC where TC is case bottom temperature at mounting plane, or 0.5 watts at TA = 30 C (ambient temperature) when mounted on FR4 PC board as described for thermal resistance (also see power deratings in Figure 1) Thermal Resistance: 30C/W junction to case (bottom) and 240C/W junction to ambient on FR4 PC board (1 oz copper) with recommended footprint (see last page) Forward voltage: 1.1 Volts @ 200 mA Solder Temperatures: 260C for 10 s (max) * * * * * * *
MECHANICAL AND PACKAGING
CASE: Void-free transfer molded thermosetting epoxy compound meeting UL94V-0 FINISH: Annealed matte-Tin plating over copper and readily solderable per MIL-STD-750 method 2026 (consult factory for Tin-Lead plating) POLARITY: Cathode designated by Tab 1 (bottom) MARKING: Three numerical digits of P/N and a dot (see next page listing) WEIGHT: 0.016 grams (approx.) Package dimensions on last page Tape & Reel option: Standard per EIA-481-B 3000 on 7 inch reel and 12,000 on 13" reel
*
* *
1PMT4614e3 - 27e3 & 1PMT4099e3 - 4135e3
Copyright (c) 2007 10-15-2007 REV J
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
1PMT4614e3 thru 1PMT4627e3, 1PMT4099e3 thru 1PMT4135e3
SCOTTSDALE DIVISION
POWERMITETM Low Noise 1 Watt Zener Diodes
WWW .Microsemi .C OM
ELECTRICAL CHARACTERISTICS @ 25C
MICROSEMI PART NUMBER (4) 1PMT4614 1PMT4615 1PMT4616 1PMT4617 1MPT4618 1PMT4619 1PMT4620 1PMT4621 1PMT4622 1PMT4623 1PMT4624 1PMT4625 1PMT4626 1PMT4627 1PMT4099 1PMT4100 1PMT4101 1PMT4102 1PMT4103 1PMT4104 1PMT4105 1PMT4106 1PMT4107 1PMT4108 1PMT4109 1PMT4110 1PMT4111 1PMT4112 1PMT4113 1PMT4114 1PMT4115 1PMT4116 1PMT4117 1PMT4118 1PMT4119 1PMT4120 1PMT4121 1PMT4122 1PMT4123 1PMT4124 1PMT4125 1PMT4126 1PMT4127 1PMT4128 1PMT4129 1PMT4130 1PMT4131 1PMT4132 1PMT4133 1PMT4134 1PMT4135 NOMINAL ZENER VOLTAGE (1) ZENER TEST CURRENT MAXIMUM ZENER IMPEDANCE (2) MAXIMUM REVERSE CURRENT MAXIMUM NOISE DENSITY MAXIMUM ZENER CURRENT (3) TYPICAL TEMPERATURE COEFFICIENT OF ZENER VOLTAGE
DEVICE MARKING
VZ @ IZT
614* 615* 616* 617* 618* 619* 620* 621* 622* 623* 624* 625* 626* 627* 099* 100* 101* 102* 103* 104* 105* 106* 107* 108* 109* 110* 111* 112* 113* 114* 115* 116* 117* 118* 119* 120* 121* 122* 123* 124* 125* 126* 127* 128* 129* 130* 131* 132* 133* 134* 135* VOLTS 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100
IZT
A 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
ZZT
OHMS 1200 1250 1300 1400 1500 1600 1650 1700 1650 1600 1550 1500 1400 1200 200 200 200 200 200 200 200 200 200 200 100 100 100 100 150 150 150 150 150 150 200 200 200 200 200 250 250 300 300 400 500 700 700 800 1000 1200 1500
IR @ V R
A 7.5 5.0 4.0 2.0 1.0 0.8 7.5 7.5 5.0 4.0 10 10 10 10 10 10 1.0 1.0 1.0 1.0 .05 .05 .05 .05 .05 .05 .05 .05 .05 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 VOLTS 1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.0 2.0 2.0 3.0 3.0 4.0 5.0 5.17 5.70 6.24 6.61 6.92 7.60 8.44 9.12 9.87 10.65 11.40 12.15 12.92 13.37 14.44 15.20 16.72 18.25 19.00 20.45 21.28 22.80 25.08 27.38 29.65 32.65 35.75 38.76 42.60 45.60 47.10 51.68 57.00 62.32 66.12 69.16 76.00
ND @ IZT
V/HZ 1 1 1 1 1 1 1 1 1 1 1 2 4 5 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40
IZM
mA 262.4 240.6 218.7 207.8 196.8 190.3 185.9 181.5 174.9 168.4 164.0 153.1 142.2 133.4 122.5 111.5 100.6 96.2 91.9 83.1 76.5 69.9 63.4 59.0 54.8 52.5 48.1 45.9 43.7 41.6 37.2 34.9 32.8 30.6 30.6 28.4 26.2 24.0 21.4 19.5 17.7 16.4 14.7 13.9 13.3 12.2 11.2 10.1 9.6 9.2 8.3
VZ
%/C -0.075 -0.075 -0.075 -0.075 -0.075 -0.075 -0.075 -0.065 -0.060 -0.050 -0.040 +0.020 -0.045 +0.030 -0.020 +0.040 -0.010 +0.050 0.040 0.045 0.048 0.049 0.050 0.055 0.060 0.065 0.065 0.070 0.070 0.070 0.075 0.075 0.075 0.075 0.080 0.080 0.080 0.085 0.085 0.085 0.085 0.090 0.090 0.090 0.090 0.090 0.090 0.090 0.090 0.095 0.095 0.095 0.095 0.095 0.095
1PMT4614e3 - 27e3 & 1PMT4099e3 - 4135e3
NOTE 1: Product shown has a standard tolerance of 5% on the nominal zener voltage. Also available in 2% and 1% tolerance with suffix C and D respectively. VZ is measured at IZT with Tc (TAB 1) at 30C. NOTE 2: Zener impedance is derived by superimposing on IZT a 60 Hz rms ac current equal to 10% of IZT (25 A ac). NOTE 3: Based on 1 W maximum power dissipation before any derating. Allowance has been made for higher voltage with operation at higher currents and temperature. For determination of voltage change with current deviations from IZT see Micro Note 202 NOTE 4: Part number should also include the e3 suffix since the only option is for RoHS Compliant product.
Copyright (c) 2007 10-15-2007 REV J
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
1PMT4614e3 thru 1PMT4627e3, 1PMT4099e3 thru 1PMT4135e3
SCOTTSDALE DIVISION
POWERMITETM Low Noise 1 Watt Zener Diodes
GRAPHS AND TEST CIRCUIT
WWW .Microsemi .C OM
Temperature (oC) FIGURE 1
Power Derating Curve Where TC is case (bottom) temperature and TA is Ambient Temperature on FR4 PC board
NOISE TEST CIRCUIT FIGURE 2
1PMT4614e3 - 27e3 & 1PMT4099e3 - 4135e3
FIGURE 3
Copyright (c) 2007 10-15-2007 REV J
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
1PMT4614e3 thru 1PMT4627e3, 1PMT4099e3 thru 1PMT4135e3
SCOTTSDALE DIVISION
POWERMITETM Low Noise 1 Watt Zener Diodes
PACKAGE DIMENSIONS & PAD LAYOUT
WWW .Microsemi .C OM
All dimensions +/-.005 inches
MOUNTING PAD in inches
1PMT4614e3 - 27e3 & 1PMT4099e3 - 4135e3
Copyright (c) 2007 10-15-2007 REV J
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4


▲Up To Search▲   

 
Price & Availability of 1PMT4120E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X